Part Number Hot Search : 
APTGT1 AN802 LD7202W MID4000 A1150 27NQ10T BSS414 2815S
Product Description
Full Text Search
 

To Download U280004OTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4-port usb tablet / smartphone charging station with otg hub model number: u280-004-otg description tired of searching for wall outlets or swapping out one device to charge another? tripp lite's u280-004-otg charging hub with otg is the solution, featuring four ports for charging tablets, phones, or other mobile devices, all at the same time. it provides a single location to charge multiple devices, and its sleek, compact design keeps your charging area neat and clutter free. it features two 5v, 2a ports and two 5v, 1a ports, providing up to 6a for charging the connected devices. furthermore, it comes with an internal power supply, eliminating the need to fumble around with bulky power adapters. when not being used for charging, it doubles as a usb otg hub. simply connect your otg compatible tablet or phone to the dedicated port on the hub, and then connect up to four usb devices (flash drive, mouse, keyboard, etc.). you can now use those devices on your tablet or phone. so whether you're at home or in the office, our charging hub with otg provides an ideal solution for charging your devices or expanding the functionality of your otg compatible tablet or phone. input: 100-240v, 50/60hz, 1.0a / output: 5v 6a features features four ports for charging tablets, phones, or other mobile devices in a single location includes two 5v, 2a ports and two 5v, 1a ports doubles as a usb otg hub when not being used for charging; connect up to four usb devices (flash drive, mouse, keyboard, etc.) to your otg compatible tablet or phone usb battery charging (bc) specification 1.2 compliant. supports ipad; iphone; samsung galaxy (tab, phone, and note); microsoft surface; and more sleek, compact design keeps charging area neat and clutter free features over-temperature and over-current detection and protection internal power supply eliminates the need to fumble around with bulky power adapters input: 100-240v, 50/60hz, 1.0a / output: 5v 6a specifications highlights charge up to 4 tablets, phones, or other mobile devices features two 5v, 2a ports and two 5v, 1a ports doubles as a usb otg hub; connect up to four usb devices (flash drive, mouse, keyboard, etc.) to your otg compatible tablet or phone usb battery charging specification 1.2 compliant. supports ipad; iphone; samsung galaxy (tab, phone, and note); microsoft surface; etc. sleek, compact design keeps charging area neat and clutter free input: 100-240v, 50/60hz, 1.0a / output: 5v 6a package includes u280-004-otg micro-usb otg cable - 2.6-ft. power cord - 3.9-ft. quick start guide 1 / 2
overview model type hubs output charging ports / amps (2) 1a; (2) 2a output capacity 5v 6a input nominal input voltage(s) supported 100v ac; 240v ac maximum input amps 1.0 physical shipping dimensions (hwd / in.) 2.2 x 9.5 x 6 shipping weight (lbs.) 0.9 unit dimensions (hwd / in.) 1.2 x 4.1 x 3.9 unit weight (lbs.) 0.45 color white connections connector a usb a (female) connector b usb a (female) (x4) ports 4 certifications certifications tested to ul 60950-1: 2007, can/csa-c22.2 no. 60950-1:07, iec 60950-1, en55022, en55024, fcc class b, rohs warranty product warranty period (worldwide) 1-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of U280004OTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X