Part Number Hot Search : 
D1370 VCH16 5KE13A MSK612B PC100F6 MAX4719 UM110 91212
Product Description
Full Text Search
 

To Download TI160808G101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ti160808 (0 603 ) series smd multilayer ferrite chip beads (high current ) rev. a a. electrical specifications: p/n impedance ( ? ? ti160808b050 5 0.100 1.0 ti160808b300 30 0.150 1.0 ti160808b101 100 0.200 1.0 ti160808g100 10 0.060 2.0 ti160808g600 60 0.100 2.0 TI160808G101 100 0.100 2.0 ti160 808g301 300 0.200 2.0 ti160808g601 600 0.300 1.0 ti160808u100 10 0.010 5.0 ti160808u110 11 0.030 4.0 ti160808u190 19 0.030 3.0 ti160808u200 20 0.030 3.0 ti160808u220 22 0.030 3.0 ti160808u250 25 0.030 3.0 ti160808u270 27 0.030 4.0 ti160808u28 0 28 0.030 4.0 ti160808u300 30 0.030 4.0 ti160808u400 40 0.050 3.0 ti160808u470 47 0.050 3.0 ti160808u600 60 0.060 3.0 ti160808u680 68 0.060 3.0 ti160808u800 80 0.060 3.0 ti160808u101 100 0.080 2.5 ti160808u121 120 0.080 2.5 ti160808u151 150 0.080 2.5 ti160808u181 180 0.120 2.0 ti160808u221 220 0.150 2.0 ti160808u301 300 0.150 2.0 ti160808u471 470 0.200 1.0 ti160808u601 600 0.200 1.0 ti160808z220 22 0.030 3.0 ti160808z300 30 0.030 3.0 ti160808z500 50 0.060 3.0 ti160808z80 0 80 0.060 2.5 ti160808z121 120 0.080 2.5 ti160808z151 150 0.080 2.5 ti160808z221 220 0.150 2.0 ti160808z301 300 0.150 2.0 ti160808z471 470 0.200 1.0 ti160808z601 600 0.200 1.0 note: ti160808yxxx , ?ti? = type, ?16? = length, ?08? = width, ?08? = thickness, ? y? = material, ? xxx? = impedance . b. part number key : c. dimensions: mm (in ch ) series a b c d e f g ti160808(0603 ) 1.6 ( 0.063) 0.8 (0.031) 0.8 (0.031) 0.5 (0.020) 2.80 (0.110) 1.00 (0.039) 0.60 (0.024) tol. 0.2 (0.008 ) 0.2 (0.008 ) 0.1 (0.004 ) 0.3 (0.012 ) typ. typ. typ. ti 16 08 08 y xxx impedance value material code: l, u, z, b or g dimensions: length (a) x width (b) x thickness (c) family: ti frontier electronics corp. ? page 1 of 2 667 e. coch ran st., simi v alley, ca 93065 http://www.frontierusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989
ti160808 (0 603 ) series smd multilayer ferrite chip beads (high current ) rev. a d. materials: item unit material code l b g u z initial permeability (iac): ---- 25 45 110 200 500 maximum permeability (m): ---- 125 125 250 450 900 saturation flux density at 10 oe: gauss 2000 2000 1700 1400 1500 curie temperature(tc): c >200 >200 >130 >100 >130 volume resistivity ( ): ? -m 100000 100000 100000 100000 100000 temperature coefficient: 1/10000c 10 10 13 5 12 density: g/cm3 4.8 4.8 4.8 4.8 4.8 e. impedance characteristics of materials: a. z material is for applications whose blocking regions are near 100 mhz. b. l material, an improvement of b material has sharp impedance characteristic at high frequency. c. g material is for application whose signal frequency is far from the cut off region. suitable for application requires low insertion loss at high frequency. d. different materials are available for different application range. e. with one material, higher impedance has sharp er characteristics. f. please confirm the signal wave form to choose suitable products. f. general information : 1. ti 160808 - yxxx , ?ti? = type, ?16? = length, ?08? = width, ?08? = thickness, ?y? = material, ?xxx? = impedance. 2. tolera nce: 25% 3. small and lightweight surface mounting type . 4. high - density packaging with a pitch of 2.54 mm (0.1 inch) max. is possible. this series requires less space and have greater emi suppression effects. 5. excellent in physical properties, such as terminal strength, flexure strength, soldering resistance and solder - ability. 6. applicable to both flow and ir reflow soldering. 7. high impedance covers wide frequency ranges. 8. ti series can be used in high current circuits due to its low dc resistance. 9. operating temper ature: - 40 c to +125oc 10. impedance and current range: from 5 ? (1000 ma) to 600 ? (1000 ma) 11. unspecified values available on request. 12. msl: level 1. g. applications 1. game consoles 2. set top boxes 3. cables modems 4. computers 5. mobile communication devices (cell phones , radios , etc.) frontier electronics corp. ? page 2 of 2 667 e. coch ran st., simi v alley, ca 93065 http://www.frontierusa.com phone: 1 - 805 - 522 - 9998, fax: 1 - 805 - 522 - 9989


▲Up To Search▲   

 
Price & Availability of TI160808G101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X