Part Number Hot Search : 
TC74LC TS7024 DTZ440 A5980C BZG05C33 ACPAZ 1N475 IPW60R
Product Description
Full Text Search
 

To Download SSD20N20-125D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente SSD20N20-125D 12a , 200v , r ds(on) 260m  n-ch enhancement mode power mosfet 13-sep-2013 rev. a page 1 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. a c d n o p g e f h k j m b to - 252 (d - pack) rohs compliant product a suffix of -c specifies halogen free description these miniature surface mount mosfet utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipati on. features  low r ds(on) provides higher efficiency and extends battery life  low thermal impedance copper leadframe to-252 saves board space  fast switching speed  high performance trench technology application dc-dc converters and power management in portable a nd battery-powered products such as computers, printer s, pcmcia cards, cellular and cordless telephones. package information package mpq leader size to-252 2.5k 13 inch absolute maximum ratings (t a =25c unless otherwise specified) parameter symbol rating unit drain-source voltage v ds 200 v gate-source voltage v gs 20 v continuous drain current 1 t c =25c i d 12 a pulsed drain current 2 i dm 50 a continuous source current (diode conduction) 1 i s 47 a total power dissipation 1 t c =25c p d 50 w operating junction and storage temperature range t j , t stg -55~175 c thermal resistance rating t Q 10 sec 40 maximum thermal resistance junction-ambient 1 steady srate r ja 3 c / w note: 1. surface mounted on 1 x 1 fr4 board. 2. pulse width limited by maximum junction tempera ture 1 gate 3 source 2 drain millimeter millimeter ref. min. max. ref. min. max. a 6. 35 6.8 0 j 2.30 ref. b 5.20 5.50 k 0.64 0.90 c 2.15 2.40 m 0.50 1.1 d 0.45 0.58 n 0.9 1. 65 e 6.8 7.5 o 0 0.15 f 2.40 3.0 p 0.43 0.58 g 5.40 6.2 5 h 0.64 1.20
elektronische bauelemente SSD20N20-125D 12a , 200v , r ds(on) 260m  n-ch enhancement mode power mosfet 13-sep-2013 rev. a page 2 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. electrical characteristics (t a =25 c unless otherwise specified) parameter symbol min. typ. max. unit teat conditions static gate-threshold voltage v gs(th) 1.0 - - v v ds =v gs, i d =250 a gate-body leakage i gss - - 100 na v ds =0, v gs =20v - - 1 v ds =160v, v gs =0 zero gate voltage drain current i dss - - 25 a v ds =160v, v gs =0, t j =55c on-state drain current 1 i d(on) 24 - - a v ds =5v, v gs =10v - - 260 v gs =10v, i d =9.6a drain-source on-resistance 1 r ds(on) - - 300 m  v gs =5.5v, i d =8.3a forward transconductance 1 g fs - 4.4 - s v ds =15v, i d =9.6a diode forward voltage v sd - 0.95 - v i s =23a, v gs =0 dynamic 2 input capacitance c iss - 807 - output capacitance c oss - 81 - reverse transfer capacitance c rss - 38 - pf v gs =0 v ds =15v f =1.0mhz total gate charge q g - 4 - gate-source charge q gs - 1.7 - gate-drain charge q gd - 1.8 - nc v ds =100v v gs =4.5v i d =9.6a turn-on delay time t d(on) - 10 - rise time t r - 8 - turn-off delay time t d(off) - 27 - fall time t f - 13 - ns v ds =100v i d =9.6a v gen =10v r l =10.5  r gen =6  notes: 1. pulse test pulse width Q 300 s, duty cycle Q 2 . 2. guaranteed by design, not subject to production testing.
elektronische bauelemente SSD20N20-125D 12a , 200v , r ds(on) 260m  n-ch enhancement mode power mosfet 13-sep-2013 rev. a page 3 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves
elektronische bauelemente SSD20N20-125D 12a , 200v , r ds(on) 260m  n-ch enhancement mode power mosfet 13-sep-2013 rev. a page 4 of 4 http://www.secosgmbh.com/ any changes of specification will not be informed i ndividually. characteristic curves


▲Up To Search▲   

 
Price & Availability of SSD20N20-125D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X