Part Number Hot Search : 
DBRF195 SL4023BD 1000G T1510 MX7547JN VN2406 ONTROL ONTROL
Product Description
Full Text Search
 

To Download SM8S11A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sm8s10 thru sm8s43a automotive transient voltage suppressors features available in uni-directional polarity only low leakage current low forward voltage drop high surge capability meets iso7637-2 surge specification (varied by test condition) meets msl level 1, per j-std-020, lf maximum peak of 245 c component in accordance to rohs 2002/95/ec mechanical data case: do-218ab molding compound meets ul 94 v-0 flammability rating base p/nhe3 - rohs co mpliant, high reliability/ automotive grade (aec q101 qualified) terminals: matte tin plated leads, solderable per j-std-002 and jesd22-b102 he3 suffix meets jesd 201 class 2 whisker test polarity: heatsink is anode note: (1) non-repetitive current pulse derated above t a = 25 c maximum ratings (t c = 25 c unless otherwise noted) parameter symbol value unit peak pulse power dissipation with 10/1000 s waveform with 10/10 000 s waveform p ppm 6600 5200 w power dissipation on infi nite heatsink at t c = 25 c (fig. 1) p d 8.0 w peak pulse current with 10/1000 s waveform (1) i ppm see next table a peak forward surge current 8.3 ms single half sine-wave i fsm 700 a operating junction and storage temperature range t j , t stg - 55 to + 175 c http://www.luguang.cn mail:lge@luguang.cn 0.093(2.4) 0.116(3.0) 0.059(1.5) 0.098(2.5) 0.098(2.5) 0.138(3.5) 0.366(9.3) 0.343(8.7) 0.406(10.3) 0.382(9.7) 0.342(8.7) 0.327(8.3) 0.413(10.5) 0.374(9.5) 0.539(13.7) 0.524(13.3) lead 2/metal heatsink 0.020(0.5) 0.028(0.7) 0.016 (0.4) min. 0.197(5.0) 0.185(4.7) lead 1 0.628(16.0) 0.592(15.0) do-218ab dimensions in inches and (millimeters)       
sm8s10 thru sm8s43a note: for all types maximum v f = 1.8 v at i f = 100 a measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum electrical characteristics (t c = 25 c unless otherwise noted) device type breakdown voltag e v br (v) test current i t (ma) stand- off vo l tag e v wm (v) maximum reverse leakage at v wm i d (a) maximum reverse leakage at v wm t j = 175 c i d (a) max. peak pulse current at 10/1000 s waveform (a) maximum clamping vo l tag e at i ppm v c (v) min. max. sm8s10 11.1 13.6 5.0 10.0 15 250 351 18.8 sm8s10a 11.1 12.3 5.0 10.0 15 250 388 17.0 sm8s11 12.2 14.9 5.0 11.0 10 150 328 20.1 SM8S11A 12.2 13.5 5.0 11.0 10 150 363 18.2 sm8s12 13.3 16.3 5.0 12.0 10 150 300 22.0 sm8s12a 13.3 14.7 5.0 12.0 10 150 332 19.9 sm8s13 14.4 17.6 5.0 13.0 10 150 277 23.8 sm8s13a 14.4 15.9 5.0 13.0 10 150 307 21.5 sm8s14 15.6 19.1 5.0 14.0 10 150 256 25.8 sm8s14a 15.6 17.2 5.0 14.0 10 150 284 23.2 sm8s15 16.7 20.4 5.0 15.0 10 150 245 26.9 sm8s15a 16.7 18.5 5.0 15.0 10 150 270 24.4 sm8s16 17.8 21.8 5.0 16.0 10 150 229 28.8 sm8s16a 17.8 19.7 5.0 16.0 10 150 254 26.0 sm8s17 18.9 23.1 5.0 17.0 10 150 216 30.5 sm8s17a 18.9 20.9 5.0 17.0 10 150 239 27.6 sm8s18 20.0 24.4 5.0 18.0 10 150 205 32.2 sm8s18a 20.0 22.1 5.0 18.0 10 150 226 29.2 sm8s20 22.2 27.1 5.0 20.0 10 150 184 35.8 sm8s20a 22.2 24.5 5.0 20.0 10 150 204 32.4 sm8s22 24.4 29.8 5.0 22.0 10 150 168 39.4 sm8s22a 24.4 26.9 5.0 22.0 10 150 186 35.5 sm8s24 26.7 32.6 5.0 24.0 10 150 153 43.0 sm8s24a 26.7 29.5 5.0 24.0 10 150 170 38.9 sm8s26 28.9 35.3 5.0 26.0 10 150 142 46.6 sm8s26a 28.9 31.9 5.0 26.0 10 150 157 42.1 sm8s28 31.1 38.0 5.0 28.0 10 150 132 50.1 sm8s28a 31.1 34.4 5.0 28.0 10 150 145 45.4 sm8s30 33.3 40.7 5.0 30.0 10 150 123 53.5 sm8s30a 33.3 36.8 5.0 30.0 10 150 136 48.4 sm8s33 36.7 44.9 5.0 33.0 10 150 112 59.0 sm8s33a 36.7 40.6 5.0 33.0 10 150 124 53.3 sm8s36 40.0 48.9 5.0 36.0 10 150 103 64.3 sm8s36a 40.0 44.2 5.0 36.0 10 150 114 58.1 sm8s40 44.4 54.3 5.0 40 10 150 92.4 71.4 sm8s40a 44.4 49.1 5.0 40 10 150 102 64.5 sm8s43 47.8 58.4 5.0 43 10 150 86 76.7 sm8s43a 47.8 52.8 5.0 43 10 150 95.1 69.4 thermal characteristics (t c = 25 c unless otherwise noted) parameter symbol value unit typical thermal resistance, junction to case r jc 0.90 c/w http://www.luguang.cn mail:lge@luguang.cn
sm8s10 thru sm8s43a note: (1) automotive grade aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode sm8s10ahe3/2d (1) 2.605 2d 750 13" diameter paper tape and reel, anode towards the sprocket hole figure 1. power derating curve figure 2. load dump power characteristics (10 ms exponential waveform) 0 2.0 4.0 6.0 8 .0 0 50 100 150 200 po w er dissipation ( w ) case temperat u re ( c) 0 2000 1000 3000 4000 5000 6000 25 50 75 100 125 150 175 load d u mp po w er ( w ) case temperat u re ( c) figure 3. pulse waveform figure 4. reverse power capability 0 50 100 150 t r = 10 s peak v al u e i ppm half v al u e - i ppm i pp 2 t d 0 10 20 30 40 t - time (ms) inp u t pe ak p u lse c u rrent % t j = 25 c p u lse w idth (t d ) is defined as the point w here the peak c u rrent decays to 50 % of i ppm re v erse s u rge po w er ( w ) 1000 10 000 10 100 pulse width (ms) - ? i pp exponential w a v eform http://www.luguang.cn mail:lge@luguang.cn
sm8s10 thru sm8s43a figure 5. typical transi ent thermal impedance t - p u lse w idth ( s ) transient thermal impedance (c/ w ) 100 10 1 0.1 0.01 0.01 0.1 1 10 100 r ja r jc figure 6. typical junction capacitance v w m - re v erse stand-off v oltage ( v ) 100 000 10 000 1000 10 c j - j u nction capacitance (pf) 40 35 30 25 20 15 45 t j = 25 c f = 1.0 mhz v sig = 50 m v p-p meas u red at stand-off v oltage v w m meas u red at zero bias http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SM8S11A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X