Part Number Hot Search : 
MB96350 4815D MAX11 CY621 ACM90V IRF740 ERIES SC518
Product Description
Full Text Search
 

To Download SK104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sk102 thru sk1010 10 amp schottky rectifier 20 to 100 volts do-214ab ( hsmc ) (round lead) features ? for surface mount applications ? high current capab ility with low forward voltage ? easy pick and place ? high temp soldering: 2 6 0 c for 10 seconds at terminals maximum ratings ? operating temperature: -55 c to +125 c ? storage temperature: -55 c to +150 c ? typical thermal resistance; 18 c/w junction to lead mst part number device marking maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage sk102 sk102 20v 14v 20v sk103 sk103 30v 21v 30v SK104 SK104 40v 28v 40v SK1045 SK1045 45v 31.5v 45v sk105 sk105 50v 35v 50v sk106 sk106 60v 42v 60v sk108 sk108 80v 56v 80v sk1010 sk1010 100v 70v 100v electrical characteristics @ 25 c unless otherwise specified average forward current i f(av) 10.0a t l = 95 c peak forward surge current i fsm 250a 8.3ms, half sine maximum instantaneous forward voltage sk102-1045 sk105-1010 v f .65v .85v i fm = 10.0a; t j = 25 c* maximum dc reverse current at rated dc blocking voltage i r 1ma 20ma t j = 25 c t j = 100 c typical junction capacitance c j 500pf measured at 1.0mhz, v r =4.0v 0.070? 0.190? 0.200? suggested solder pad layout h j e f g a b d c cathode band  
 omp onents 20736 mar illa street chatsworth       
     mcc dimensions inches mm dim min m a x min m a x note a .200 .214 5.08 5.43 b .177 .203 4. 7 05. 30 c .002 .005 .05 .13 d --- .02 --- .51 e. 047 .056 1. 20 1. 42 f .168 .179 4.27 4.55 g.3 09 . 322 7.85 8. 18 h .239 .243 6.08 6.18 j .234 .240 5.95 6.10 tm micro commercial components www. mccsemi .com 1 of 4 revision: a 2011/01/01 note: 1. high temperature solder exemptions applied, see eu directive annex 7. ? lead free finish/rohs compliant (note1) ("p"suffix designates compliant. see ordering information)
average forward rectified current - amperes versus lead temperature - c figure 2 forward derating curve 60 80 120 140 160 180 0 2.0 4.0 6.0 single phase, half wave 60hz resistive or inductive load amps c 100 8.0 10 12 figure 3 junction capacitance .1 .2 1 .4 2 10 20 40 4 100 200 10 20 60 100 200 100 junction capacitance - pf versus reverse voltage - volts pf volts 600 400 40 400 1000 t j =25 c figure 1 typical forward characteristics instantaneous forward current - amperes versus instantaneous forward voltage - volts volts 40 60 200 100 amps .2 1.2 .4 .6 .8 1.0 .1 .2 .4 .6 1 2 4 6 10 20 25 c 400 600 100 1.4 sk102-SK1045 mcc sk10 5 -sk10 10 sk102 thru sk1010 tm micro commercial components www. mccsemi .com 2 of 4 revision: a 2011/01/01
sk102 thru sk1010 mamps 1 100 4 0 100 200 300 8 figure 5 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 400 500 600 mcc sk102-SK1045 sk105-sk1010 figure 4 typical reverse characteristics instantaneous reverse leakage current - microamperes versus percent of rated peak reverse voltage - volts volts .4 .6 2 1 mamps 20 120 40 60 80 100 .001 .002 .004 .006 .01 .02 .04 .06 .1 .2 4 6 10 140 75 c 2 5 c 100 c tm micro commercial components www. mccsemi .com 3 of 4 revision: a 2011/01/01
mcc tm micro commercial components www. mccsemi .com 4 of 4 device packing part number-tp tape&reel: 1.5kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. revision: a 2011/01/01


▲Up To Search▲   

 
Price & Availability of SK104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X