Part Number Hot Search : 
2N2325 1N629 B350HD K0307001 354406 ZSM530 SMBJ18A IRPT5051
Product Description
Full Text Search
 

To Download S1D13719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  x59a-c-001-01 1 revision 1.2 graphics S1D13719 S1D13719 mobile graphics engine february 2012 the S1D13719 is a mobile graphics engine solution designed with support for the digital video revolution in mobile products. the S1D13719 contains an integrated dual port camera interface, hardware jpeg encoder/decoder and can be interfaced to an external mpeg codec. seamlessly connecting to both direct and indirect cpu interfaces, it provides support for up to two lcd panels. the mobile graphics engine supports all standard tft panel types and many extended tft types, eliminating the need for an external timing control ic. the S1D13719, with it?s 512k bytes of embedded sram and rich feature set, provides a low cost, low power, single chip solution to meet the demands of embedded markets requiring digital video, such as mobile commu- nications devices and palm-size pdas. additionally, products requiring a rotated display can take advantage of the swivelview? feature which provides hardware rotation of the display memory transparent to the software application. the S1D13719 also provides support for ?picture-in-picture plus? (a variable size window with overlay functions). higher performance is provided by the hardware acceleration engine which provides 2d bitblt functions. the S1D13719 provides impressive support for cellular and other mobile solutions requiring digital video support. however, its impartiality to cpu type or operating system makes it an ideal display solution for a wide variety of applications. features system block diagram ? embedded 512k byte sram display buffer ? low operating voltage ? direct and indirect cpu interfaces ? programmable resolutions and color depths ? support for 2 panels (lcd2 must be ram inte- grated) ? support for rgb, serial and parallel i/f panels ? extended tft interfaces including hr-tft ? internal pll or digital clock input ? sd memory card interface ? dual port camera interface ? fractional view and capture hardware resizer, reduction from 1x to ?x size in 128 steps ? fractional zoom for yuv 4:2:2, expand from 1x to 2x size in 128 steps ? hardware jpeg encoder/decoder ? yuv to rgb converter ? swivelview tm (90, 180, 270 hardware rotation of displayed image) ? (patent # 5,734,875 - patent # 5,956,049 - patent #6,262,751) ? ?picture-in-picture plus? ? 2d hardware acceleration engine ? software initiated power save mode data and cpu control signals main display serial or parallel camera interface (dual port) 13719 (ram integrated) secondary display rgb or parallel ? 512k bytes sram ? jpeg encoder/decoder ? fractional view/capture resizer ? multiple panel support ? fractional zoom S1D13719 i ncludes: sd card interface ? 2d hardware acceleration
revision 1.2 x59a-c-001-01 2 graphics S1D13719 description integrated display buffer ? 512k bytes of embedded sram ? addressable as a single linear address space cpu interface ? 16-bit generic asynchronous cpu interface ? direct and indirect addressing panel support ? supports up to 2 lcd panels ? lcd1: 9/12/18/24-bit rgb panel lcd2: 8/9-bit serial ram integrated panel ? lcd1: 8/16/18/24-bit parallel ram integrated panel lcd2: 8/9-bit serial ram integrated panel ? lcd1: 8/16/18/24-bit parallel ram integrated panel lcd2: 8/16/18/24-bit parallel ram integrated panel ? lcd1: 9/12/18/24-bit rgb panel lcd2: 8-bit parallel ram integrated panel ? tft, hr-tft, casio tft, -tft, nd-tfd, and extended tft ? typical resolution of: up to 320x480 at 16 bpp up to 320x240 at 32 bpp acceleration ? 2d bitblt engine ? swivelview: 90, 180, 270 hardware rotation of displayed image ? mirror display: hardware ?mirror? image of display display features ? 8/16/32 bit-per-pixel (bpp) support ? picture-in-picture plus: displays a variable size window overlaid over the background image ? overlay functions ? pixel doubling: doubles the effective resolution ? video invert: inverts display data digital video ? dual port camera interface (yuv 4:2:2) ? hardware jpeg encoder (yuv 4:2:2, 4:1:1, 4:2:0) ? hardware jpeg decoder (yuv 4:4:4, 4:2:2, 4:1:1, 4:2:0) ? yuv display/capture (yuv 4:2:2, 4:2:0) ? memory image jpeg encode (yuv 4:2:2, 4:1:1, 4:2:0) ? view and capture hardware resizer, reduction from 1x to ?x size in 128 steps with trimming functions ? fractional zoom for yuv 4:2:2, expand from 1x to 2x size in 128 steps ? yuv to rgb and rgb to yuv converters ? support for external mpeg codec interface miscellaneous ? internal pll or digital clock input ? software initiated power save mode ? core vdd 1.8 volts and io vdd 3.0 volts ? pfbga 180-pin package contact your sales representative for these comprehensive design tools ? S1D13719 technical documentation ? cpu independent software utilities ? S1D13719 evaluation boards ? royalty free source level driver code ? seiko epson corporation 2004-2012. all rights reserved. information in this document is subject to change without notice. you may download and use this document, but only for your own use in evaluating seiko epson/epson products. you may not modify the document. epson research and development, inc. disclaims any representation that the contents of this docume nt are accurate or current. the programs/technologies described in this document may contain material protected under u.s. and/or international patent laws. epson is a registered trademark of seiko epson corporation. all other trademarks are the property of their respective owners. hong kong epson hong kong ltd. 20/f., harbour centre 25 harbour road wanchai, hong kong tel: 2585-4600 fax: 2827-4346 http://www.epson.com.hk/ singapore epson singapore pte ltd 1 harbourfront place #03-02 harbourfront tower one singapore, 098633 tel: (65) 6586-5500 fax: (65) 6271-3182 http://www.epson.com.sg/ europe epson europe electronics gmbh riesstrasse 15 80992 munich, germany tel: 089-14005-0 fax: 089-14005-110 http://www.epson-electronics.de/ japan seiko epson corporation ic international sales group 421-8, hino, hino-shi tokyo 191-8501, japan tel: 042-587-5812 fax: 042-587-5564 http://www.epson.co.jp/ taiwan epson taiwan technology & trading ltd. 14f, no. 7 song ren road taipei 110 tel: 02-8786-6688 fax: 02-8786-6677 http://www.epson.com.tw/ north america epson electronics america, inc. 214 devcon drive san jose, ca 95112, usa tel: (800) 228-3964 fax: (408) 922-0238 http://www.eea.epson.com/


▲Up To Search▲   

 
Price & Availability of S1D13719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X