Part Number Hot Search : 
LBS15401 120EI MC1558SG 39162 MB89538H EN8935A SM7745 EFM201A
Product Description
Full Text Search
 

To Download R125077000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  straight plug crimp or solder type r125.077.000 cable 5/50 s series : sma edition : 9840 f design changes may be in order to improve the product. technical data sheet ? coaxial connectors 1/2 all dimensions are in mm. components body centre contact outer contact insulator gasket others parts - - materials stainless steel brass - ptfe silicone rubber stainless steel - - plating gold 0.5 over nickel 2 m gold 1.3 over nickel 2 m - m gold 0.5 over nickel 2 m - -
straight plug crimp or solder type r125.077.000 cable 5/50 s series : sma edition : 9840 f design changes may be in order to improve the product. technical data sheet ? coaxial connectors 2/2 electrical characteristics impedance 50 ? frequency 0-12.4 ghz vswr 1.15 + 0.010 x f(ghz) maxi insertion loss 0.06 f( g hz) d b rf leakage - ( 60 - f(ghz)) db mini operating temperature -65/+165 c voltage rating 335 veff m axi dielectric withstanding 1000 veff mini insulation resistance 5000 m ? mini mechanical characteristics centre contact retention axial force ? mating end 27 nmini axial force ? opposite end 27 nmini torque na n.cm mini recommended torque mating 100 n.cm panel nut na n.cm clamp nut 100 n.cm a/f clamp nut 7.000 mm mating life 500 cycles mini weight 0.000 g environmental hermetic seal na atm.cm3/s leakage ? pressurised only na mpa specification stripping abcdef m m 3.50 7.00 13.5 0.00 10.0 0.00 assembly instruction : crimp 10 recommended cables rg 58 kx 15 rg 141 cable retention - pull off 180 nmini - torque na n.cm tooling part number description hexagon .. . r282.235.011 crimping dies 5.40 r282.293.000 crimping tool - r282.223.000 crimping tool 5.40 others characteristics -


▲Up To Search▲   

 
Price & Availability of R125077000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X