|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
? ? www.p-tec.net 011314 rev0 ms page 1 of 17 product specification part number PLC3020-WCPW75-N0x details ? single color surface mount led ? plcc-2 3.0 x 2.0 x 0.8mm ? package: 4,000 piece reels ? emitting color: pure white ? ingan dice used features ? high luminous intensity ? wide viewing angle 120 ? ? jedec msl 2a ? compatible lead-free reflow soldering process ? rohs compliant mechanical dimensions notes: 1. specifications subject to change without notice 2. tolerance of measurement of dimensions: 0.2mm
? ? www.p-tec.net 011314 rev0 ms page 2 of 17 device selection guide model number chip encapsulation PLC3020-WCPW75-N0x material emitting color silicone resin ingan pure white absolute maximum ratings at ta=25 parameter symbol rating unit power dissipation pd 186 mw forward current if 60 ma peak forward current (1) i fp 100 ma reverse voltage vr 5 v led junction temperature (2) t j 110 operating temperature t opr -40~+85 storage temperature t stg -40~+100 soldering temperature t sol reflow soldering: 260 for 10 sec hand soldering: 350 for 3 sec notes: 1. pulse width Q 0.1 msec, duty Q 1/10 2. proper current rating must be observed to maintain junction temperature below the maximum at all the time. electrical and optical ch aracteristics at ta=25 parameter symbol min. typ. max. unit condition forward voltage v f -- 3.1 -- v i f =60ma luminous flux v -- 22 -- mcd color rendering index ra -- 75 -- cri viewing angle 2 1/2 -- 120 -- deg reverse current i r -- -- 10 a v r =5v recommended soldering pad pattern ? ? www.p-tec.net 011314 rev0 ms page 3 of 17 luminous intensity rank limits (if = 60ma) part number luminous flux p190 p220 p230 PLC3020-WCPW75-N0x 19.0-22.0 22.0-23.0 23.0-25.3 note: tolerance of measurem ent of luminous flux: 7% forward voltage rank limits vf rank min max unit condition v28 2.8 2.9 v if = 60ma v29 2.9 3.0 v30 3.0 3.1 v31 3.1 3.2 v32 3.2 3.3 v33 3.3 3.4 color rank limits (if = 60ma) ? ? www.p-tec.net 011314 rev0 ms page 4 of 17 ? ? www.p-tec.net 011314 rev0 ms page 5 of 17 note: tolerance of measurement of color coordinates: 0.01 ? ? www.p-tec.net 011314 rev0 ms page 6 of 17 typical electrical / optical characteristic curves ? ta = 25 unless otherwise noted ? ? www.p-tec.net 011314 rev0 ms page 7 of 17 ? ? www.p-tec.net 011314 rev0 ms page 8 of 17 package ? tape dimensions ? ? www.p-tec.net 011314 rev0 ms page 9 of 17 reel dimensions (1) quantity: 4, 000pcs/reel (2)tolerance 0.2mm unle ss otherwise mentioned packaging note: specifications subject to change without notice ? ? www.p-tec.net 011314 rev0 ms page 10 of 17 ? ? www.p-tec.net 011314 rev0 ms page 11 of 17 ? ? www.p-tec.net 011314 rev0 ms page 12 of 17 ? ? www.p-tec.net 011314 rev0 ms page 13 of 17 ? ? www.p-tec.net 011314 rev0 ms page 14 of 17 ? ? www.p-tec.net 011314 rev0 ms page 15 of 17 ? ? www.p-tec.net 011314 rev0 ms page 16 of 17 ? ? www.p-tec.net 011314 rev0 ms page 17 of 17 record of revisions rev. comments page date 0 released spec -- 01/13/14 1 added new logo -- 03/18/15 pl3020-wcpw75-n0x customer approval signatures approved by checked by prepared by |
Price & Availability of PLC3020-WCPW75-N0 |