Part Number Hot Search : 
85HF10M BY8110 AT90S23 MAX155 M54HC112 100505 CZRA3014 SFH4203
Product Description
Full Text Search
 

To Download P13106NMICROA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro hdmi to vga + audio converter adapter for smartphones/tablets/ultrabooks - 1920x1200, 1080p model number: p131-06n-microa description tripp lite p131-06n-microa allows you to connect a device with micro hdmi output, such as a laptop, tablet, or smartphone, to vga display devices plus audio, such as projectors, monitors, and speakers. supports resolutions up to 1920x1080 ( 1080p ), at distances up to 100-ft. small, compact design...completely plug-and-play. features a micro usb port in the event that power is needed. features send video and audio from a micro hdmi device to a vga display / speakers supports analog video up to uxga ( 1600x1200 ) and 1080p supports distances up to 100-ft. plug-and-play features a micro usb port in the event that power is needed 6-in. cable length between micro hdmi and vga pod specifications overview chromebook compatible no style hdmi display style adapter model type converters cable types hdmi input highlights plug and play 1080p max resolution full video and audio pass through supports distances up to 100-ft. system requirements computer or other device with micro-hdmi video output port vga monitor or projector with speakers package includes micro hdmi to vga/audio adapter, 6 inch 1 / 2
cable length (in.) 6 physical color black connections connector a micro hdmi (male) connector b hd15 (female) warranty product warranty period (worldwide) 1-year limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of P13106NMICROA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X