Part Number Hot Search : 
2SD0875G MAX1202 APGM0 ADS8505 LU82541 STLC5444 FRU659 821KB
Product Description
Full Text Search
 

To Download OS5YPM82E1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 8mm flat yellow led OS5YPM82E1A features outline dimension high luminous leds 8 8 m m m m f f l l a a t t standard directivity superior weather-resistance uv resistant epoxy water clear type applications traffic signal backlighting signal and channel letter other lighting  .*/ .*/  ? "opef $buipef 6ojunn 5pmfsbodf?nn ."9     absolute maximum rating (ta=25
directivity item symbol value unit dc forward current i f 50 ma pulse forward current* i fp 120 ma reverse voltage v r 5 v power dissipation p d 130 mw operating temperature topr -30 ~ +85 
 storage temperature tstg -40 ~ +100 
 lead soldering temperature tsol 260 / 5sec  *pulse width max.10ms duty ratio max 1/10             electrical -optical charac teristics (ta=25
 maximum forward current item symbol condition min. typ. max. 6oju dc forward voltage v f i f =20ma 1.8 2.1 2.6 v dc reverse current i r v r =5v - - 10 a domi. wavelength* d i f =20ma 585 590 595 nm luminous intensity* iv i f =20ma 1560 2180 - mcd 50% power angle 2 1/2 i f =20ma - 140 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies 3ui +b
$8 3ui +b
$8 3ui +b
$8     .byjnvo1fsnjttjcmf'psxbse$vssfou5k$ *g 'psxbse$vssfoun"
       5b "ncjfou5fnqfsbuvsf$
      


▲Up To Search▲   

 
Price & Availability of OS5YPM82E1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X