Part Number Hot Search : 
78L18 IE05XXS NCP6334B A1212 MAX410 1374IS IDT79R3 PN4093
Product Description
Full Text Search
 

To Download OMNISMART300PNP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  omnismart 300va tower line-interactive 120v ups with usb port model number: OMNISMART300PNP description tripp lite's OMNISMART300PNP line-interactive ups system offers voltage regulation, surge suppression and long-lasting battery support for personal computers, internetworking equipment and other sensitive electronics. large internal battery supports entry level pc systems for up to 30 min. during power failures so that connected equipment can be shutdown without data loss. automatic voltage regulation (avr) circuits regulate brownouts as low as 75v and overvoltages as high as 147v to normal 120v levels without consuming battery power. offers complete desktop power protection in an attractive black upright tower configuration. includes 3 battery-supported outlets with full ac surge suppression. hid-compliant usb port enables optional unattended system shutdown without data loss in case of extended power failure; usb cable included. hid-compliant usb port also enables direct integration with built-in power management and auto-shutdown features of windows and mac os x. poweralert software available via free download from www.tripplite.com. built-in dataline protection jacks offer protection on a single dialup tel/dsl line. built-in audible alarm and 4 front panel leds indicate line power status, battery power status, battery low/replace status and voltage regulator operation. 300va/180w power-handling ability supports entry-level pcs, network workstations, point-of-sale equipment, small business phone systems, audio/video equipment and home theater systems. offers 10.8 min. battery runtime with a full load of 300va/180w and 29.8 min. with a half load of 150va/90w. supports battery replacement via built-in access panel. $200,000 connected equipment insurance (usa and canada only). features OMNISMART300PNP line-interactive ups system offers automatic voltage regulation and battery support, plus complete ac and tel/dsl line surge suppression supports entry-level pc systems for up to 30 min. during power failures to enable a safe system shutdown supports a full load of 300va/180w for 10.8 min. and a half load of 150va/90w for 29.8 min. automatic voltage regulation (avr) circuits correct brownouts as low as 75v and overvoltages as high as 147v back to normal 120v levels without consuming battery power attractive black tower configuration includes 3 battery-supported ac outlets built-in hid-compliant usb port and poweralert ups power management software (available via free download at tripplite.com) and cabling provide monitoring of in-depth site power conditions, full ups status and fault warnings, and output load level hid-compliant usb port also enables direct integration with built-in power management and auto-shutdown features of windows and mac os x supports tripp lite's watchdog service monitoring/rebooting software (part # watchdogsw) highlights 300va tower 120v line interactive ups corrects brownouts and overvoltages from 75v to 147v usb port, tel/dsl protection, front panel status leds nema 5-15p input plug and 3 nema 5-15r outlets package includes OMNISMART300PNP ups system usb communication cable instruction manual with warranty information 1 / 5
supports tripp lite's watchdog service monitoring/rebooting software (part # watchdogsw) built-in dataline suppression jacks protect a single dialup tel/dsl line built-in audible alarm and 4 front panel leds indicate ups system and line power status 350va/180w power-handling ability supports a variety of computer, internetworking, telecom and consumer electronics equipment supports battery replacement via built-in access panel compatible with 120v/60hz applications for usa, canada, mexico and more optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment $200,000 connected equipment insurance (usa and canada only) specifications output output volt amp capacity (va) 300 output watt capacity (watts) 180 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 3 5-15r outlet(s) hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 2.1a nominal input voltage(s) supported 120v ac ups input connection type 5-15p ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input cord length (ft.) 6 input cord length (m) 1.8 input phase single-phase battery full load runtime (min.) 10.8 min. (180w) 2 / 5
half load runtime (min.) 29.8 min. (90w) dc system voltage (vdc) 12 battery recharge rate (included batteries) less than 3.6 hours from 10% to 90% internal ups replacement battery cartridge rbc51 battery access battery access door battery replacement description hot-swappable, user replaceable batteries voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% leds alarms & switches led indicators 4 leds indicate line power, battery power, overload and battery low/replace status audible alarm audible alarm indicates power-failure and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out); 10/100base t ethernet emi / rfi ac noise suppression yes ac suppression joule rating 480 ac suppression response time instantaneous dataline suppression 1 line tel / dsl or 10base t ethernet protection physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower ups power module dimensions (hwd, in.) 8.5 x 5.2 x 7 3 / 5
ups power module dimensions (hwd, cm) 21.6 x 13.3 x 17.8 ups power module weight (lbs.) 14 ups power module weight (kg) 6.4 ups shipping dimensions (hwd / in.) 12 x 10 x 8.2 ups shipping dimensions (hwd / cm) 30.5 x 25.4 x 21 shipping weight (lbs.) 15.4 shipping weight (kg) 7 ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 99.6 battery mode btu / hr. (full load) 143.6 ac mode efficiency rating (100% load) 86% communications communications interface usb (hid enabled) poweralert software free download from www.tripplite.com communications cable usb cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications network ups tools compatibility nut compatible. see the full list of tripp lite nut compatible ups systems at http://www.networkupstools.org/stable-hcl.html?manufacturer=tripp lite line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported high availability ups features hot swappable batteries green energy-saving features greater than 95% efficiency - green ups 4 / 5
certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $200,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of OMNISMART300PNP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X