Part Number Hot Search : 
IRF54 IS61LV TIP116 30500 86XS21D2 1H101 DS121 I514RU
Product Description
Full Text Search
 

To Download OMNISMART1050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  omnismart 1050va tower line-interactive 120v ups with usb port model number: OMNISMART1050 description tripp lite's omni smart 1050 line interactive ups system offers voltage regulation, surge suppression and long lasting battery support for personal computers, internetworking equipment and other sensitive electronics. supports a single entry level pc system for up to 60 minutes during power failures to facilitate a safe shutdown without data loss. automatic voltage regulation (avr) circuits regulate brownouts as low as 75 volts and overvoltages to 147 volts back to normal 120v levels, all without using battery power. includes 6 battery supported outlets and 6 foot ac line cord. usb port enables optional safe unattended system shutdown in the case of extended power failure as well as continuous ups and site power condition monitoring, usb cable included. poweralert software available via free download from www.tripplite.com. built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and overload. 1050va / 705 watt power handling ability supports multiple entry-level pcs, network workstations, point-of-sale terminals, small to medium business phone systems, audio/video workstations and heavily configured home theater systems. offers 7 minutes battery runtime with a full load of 1050va and 23 minutes with a half load of 525va. supports hot swap battery replacement via built-in access panel. $200,000 connected equipment insurance (usa and canada only). features OMNISMART1050 line interactive ups system offers voltage regulation and battery support, plus complete ac surge suppression prevents equipment damage, data loss and downtime due to power problems supports a single entry level pc system for up to 60 minutes during power failures to enable a safe system shutdown supports a max load of 1050va for 7 minutes supports a half load of 525va for 23 minutes automatic voltage regulation (avr) circuits correct brownouts as low as 75 and overvoltages as high as 147 volts to normal 120 volt levels without using battery power upright tower configuration uses only 51 square inches of floor or desktop space includes 6 battery supported outlets, 6 foot ac line cord (all nema 5-15) usb port enables safe unattended shutdown without data loss during extended power failures, includes usb cable usb port supports messaging of ups and line power status, including on-battery, low-battery, power-restored, ac line voltage, dc battery voltage and battery capacity poweralert ups monitoring software available via free download from www.tripplite.com highlights 1050va / 1.05kva tower 120v line interactive ups corrects brownouts and overvoltages from 75v to 147v usb port, front panel status leds nema 5-15p input plug and 6 nema 5-15r outlets package includes omni smart 1050 ups system usb cable warranty information instruction manual 1 / 5
supports tripp lite's watchdog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked computers by automatically switching ups power off and back on again built-in audible alarm and 5 front panel leds indicate status of line power, battery power, battery low/replace, voltage regulation and overload status 1050va / 705 watt power handling ability supports multiple entry-level pcs, network workstations, point-of-sale terminals, small to medium business phone systems, audio/video equipment stations and heavily configured home theater systems supports hot-swap battery replacement via built-in battery access panel compatible with 120v / 60hz applications for usa, canada, mexico and more optional pdub15 bypass pdu enables hot-swappable ups replacement with no disruption to connected equipment $200,000 ultimate lifetime insurance (usa and canada only) specifications output output volt amp capacity (va) 1050 output kva capacity (kva) 1 output watt capacity (watts) 705 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) built-in ups output receptacles 6 5-15r outlet(s) hot-swap pdu options pdub15 (2u / 8 5-15r outlets) output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (at maximum load) 6.7a nominal input voltage(s) supported 120v ac ups input connection type 5-15p input circuit breaker 15a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input cord length (ft.) 6 input cord length (m) 1.8 2 / 5
phase single-phase battery full load runtime (minutes) 7 min. (705w) half load runtime (minutes) 23 min. (355w) dc system voltage (vdc) 18 battery recharge rate (included batteries) less than 8 hours from 10% to 90% replacement battery cartridge (internal ups battery replacement) rbc52 (quantity 3) battery access battery access door voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% leds alarms & switches led indicators 5 leds indicate line power, battery power, overload, voltage regulation and battery low/replace status alarms audible alarm indicates power-failure and low-battery conditions alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous emi / rfi ac noise suppression yes ac suppression joule rating 480 ac suppression response time instantaneous physical installation form factors supported with included accessories tower installation form factors supported with optional accessories wallmount (upswm - tower mounting kit) primary form factor tower 3 / 5
ups / power module dimensions in primary form factor (height x width x depth / inches) 11.5 x 6.8 x 7.2 ups / power module dimensions in primary form factor (height x width x depth / cm) 29.2 x 17.1 x 18.4 ups / power module weight (lbs) 29 ups / power module weight (kg) 13.2 ups shipping dimensions (height x width x depth / inches) 15.2 x 11 x 10.8 ups shipping dimensions (height x width x depth / cm) 38.7 x 27.9 x 27.3 shipping weight (lbs) 31 shipping weight (kg) 14.1 ups housing material pvc environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 153 battery mode btu / hr. (full load) 208.4 ac mode efficiency rating (100% load) 94% communications communications interface usb poweralert software free download from www.tripplite.com communications cable usb cable included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) cold-start operation supported 4 / 5
green & high efficiency features greater than 95% efficiency - green ups certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $200,000 ultimate lifetime insurance related items optional products model number description qty. wext3-omni 3-year extended warranty - for omnismart, omnipro, omnivs 1 wext5-omni 5-year extended warranty - for omnismart, omnipro, omnivs 1 pdub15 single-phase hot-swap pdu, 1.4kw 15a 120v, 2u horizontal rackmount, 8 nema 5-15r outlets, set of 2 nema 5-15p input plugs 1 more information, including related products, owner's manuals, and additional technical specifications, can be found online at: http://www.tripplite.com/sku/OMNISMART1050 . ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tripp lite: ? OMNISMART1050? omnismt1050pnp


▲Up To Search▲   

 
Price & Availability of OMNISMART1050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X