Part Number Hot Search : 
HMC51 HR315A 2SK3320 01M50 5KP90 2SB817E AT45DB 048DT
Product Description
Full Text Search
 

To Download NACS560M25V63X55TR13F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com surface mount aluminum electrolytic capacitors nacs series features ? cylindrical v-chip construction ? low profile, 5.5mm maximum height ? space and cost savings ? designed for reflow soldering characteristics ** for higher voltages, 200v and 400v, see nacv series. nacs 100 m 35v 4x5.5 tr 13 f rohs compliant 97% sn (min.), 3% bi (max.) 330mm (13?) reel tape & reel size in mm working voltage tolerance code m=20% capacitance code in f, ? rst 2 digits are signi? cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system 0.3mm max. d l + - i i w p a b standard product and case size d xl (mm) dimensions (mm) case size d 0.5 l max. a/b0.2 i 0.2 w p0.2 4x5.5 4.0 5.5 4.3 1.8 0.5 ~ 0.8 1.0 5x5.5 5.0 5.5 5.3 2.1 0.5 ~ 0.8 1.4 6.3x5.5 6.3 5.5 6.6 2.5 0.5 ~ 0.8 2.2 rated voltage rating 6.3 ~ 50vdc** rated capacitance range 4.7 ~ 220 f operating temperature range -40 ~ +85c capacitance tolerance 20%(m) max. leakage current after 2 minutes at 20c 0.01cv or 3 a, whichever is greater surge voltage & max. tan w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 tan @ 120hz/20c 0.28 0.24 0.20 0.16 0.14 0.12 low temperature stability (impedance ratio @ 120hz) w.v. (vdc) 6.3 10 16 25 35 50 z-20c/z +20c 432222 z-40c/z +20c 1086444 load life test at rated w.v. 85c 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of speci? ed value leakage current less than speci? ed value cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 4.7 4r7 - - - - - 4x5.5 10 100 - - - 4x5.5 4x5.5 5x5.5 22 220 - 4x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 33 330 4x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 - 47 470 4x5.5 5x5.5 5x5.5 6.3x5.5 - - 56 560 5x5.5 5x5.5 5x5.5 6.3x5.5 - - 100 101 5x5.5 5x5.5 - - - - 150 151 6.3x5.5 6.3x5.5 - - - - 220 221 6.3x5.5 - - - - - *see part number system for details rohs compliant includes all homogeneous materials
9 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com ripple current frequency correction factor frequency hz 50 < f<100 100 < f<1k 1k < f<10k f > 10k correcton factor 0.8 1.0 1.3 1.5 nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +85c/120hz max. esr ( ) +20c/120hz load life hours @ +85c nacs330m6.3v4x5.5tr13f 33 6.3 0.28 31 14.1 2,000 nacs470m6.3v4x5.5tr13f 47 0.28 36 9.88 2,000 nacs560m6.3v5x5.5tr13f 56 0.28 46 8.29 2,000 nacs101m6.3v5x5.5tr13f 100 0.28 47 4.64 2,000 nacs151m6.3v6.3x5.5tr13f 150 0.28 71 3.10 2,000 nacs221m6.3v6.3x5.5tr13f 220 0.28 74 2.11 2,000 nacs220m10v4x5.5tr13f 22 10 0.24 28 18.1 2,000 nacs330m10v4x5.5tr13f 33 0.24 32 12.6 2,000 nacs470m10v5x5.5tr13f 47 0.24 43 8.47 2,000 nacs560m10v5x5.5tr13f 56 0.24 46 7.11 2,000 nacs101m10v5x5.5tr13f 100 0.24 50 3.98 2,000 nacs151m10v6.3x5.5tr13f 150 0.24 76 2.66 2,000 nacs220m16v4x5.5tr13f 22 16 0.20 28 15.1 2,000 nacs330m16v5x5.5tr13f 33 0.20 40 10.1 2,000 nacs470m16v5x5.5tr13f 47 0.20 44 7.06 2,000 nacs560m16v5x5.5tr13f 56 0.20 48 5.92 2,000 nacs100m25v4x5.5tr13f 10 25 0.16 20 26.5 2,000 nacs220m25v5x5.5tr13f 22 0.16 35 12.1 2,000 nacs330m25v5x5.5tr13f 33 0.16 42 8.04 2,000 nacs470m25v6.3x5.5tr13f 47 0.16 65 5.65 2,000 nacs560m25v6.3x5.5tr13f 56 0.16 68 4.74 2,000 nacs100m35v4x5.5tr13f 10 35 0.14 20 23.2 2,000 nacs220m35v5x5.5tr13f 22 0.14 36 10.6 2,000 nacs330m35v6.3x5.5tr13f 33 0.14 65 7.04 2,000 nacs4r7m50v4x5.5tr13f 4.7 50 0.12 18 42.3 2,000 nacs100m50v5x5.5tr13f 10 0.12 27 19.9 2,000 nacs220m50v6.3x5.5tr13f 22 0.12 40 9.05 2,000 standard values, case sizes and specifications surface mount aluminum electrolytic capacitors nacs series
34 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com carrier tape surface mount aluminum electrolytic capacitors nacs series case size a 0.5 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 4 x 5.5 4.7 4.7 12.0 5.5 8.0 5.8 5 x 5.5 5.7 5.7 12.0 5.5 12.0 5.8 6.3 x 5.5 7.0 7.0 16.0 7.5 12.0 5.8 case size w 1.0 quantity per reel 13" reel 15" reel 4 x 5.5 14.0 1,500 pcs 2,000 pcs 5 x 5.5 14.0 1,000 pcs 1,000 pcs 6.3 x 5.5 18.0 1,000 pcs 1,000 pcs tr13 330mm (13") reel tr15 380mm (15") reel taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 13? 0.5 3.0 0.5 330 or 380mm 50? min. 21 0.8 2.00.5 w reel t a p feeding + - 1.5? +0.1/- 1.75 d b c 1.5+0.1/-0 1.75 + 0.15 0.4 + 0.2 4 + 0.1 carrier


▲Up To Search▲   

 
Price & Availability of NACS560M25V63X55TR13F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X