Part Number Hot Search : 
BY253 SD6109 BYR245 2SD1012 14D511 E004212 PMBFJ177 TC1410
Product Description
Full Text Search
 

To Download MTN14N60FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 1/9 MTN14N60FP cystek product specification n-channel enhancement mode power mosfet MTN14N60FP description the MTN14N60FP is a n-channel enhancement-mode mosfet, providing the designer with the best combination of fast switching, ruggedized device de sign, low on-resistance and cost effectiveness. the to-220fp package is universally preferre d for all commercial-industrial applications features ? low on resistance ? simple drive requirement ? fast switching characteristic ? insulating package, front/back side insulating voltage=2500v(ac) ? rohs compliant package applications ? adapter ? switching mode power supply symbol outline to-220fp i d : 14a g d s r ds(on) : 0.55 (max.) bv dss : 600v MTN14N60FP s source g gate d drain
cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 2/9 MTN14N60FP cystek product specification absolute maximum ratings (t c =25 c) parameter symbol limits unit drain-source voltage v ds 600 v gate-source voltage v gs 30 v continuous drain current i d 14* a continuous drain current @t c =100c i d 8.4* a pulsed drain current @ v gs =10v (note 1) i dm 56* a single pulse avalanche energy (note 2) e as 53 mj avalanche current (note 1) i ar 14 a repetitive avalanche energy (note 1) e ar 16 mj peak diode recovery dv/dt (note 3) dv/dt 4.5 v/ns maximum temperature for solder ing @ lead at 0.125 in(0.318mm) from case for 10 seconds t l 300 c w total power dissipation (t c =25 ) linear derating factor 60 0.35 w/ c operating junction and storage temperature tj, tstg -55~+150 c *drain current limited by maximum junction temperature note : 1 . repetitive rating; pulse width limited by maximum junction temperature. 2 . i as =14a, v dd =50v, l=0.5mh, r g =25 , starting t j =+25 . 3. i sd 7.5a, di/dt 100a/ s, v dd bv dss , starting t j =+25 . thermal data parameter symbol value unit thermal resistance, junction-to-case, max r th,j-c 2.58 c/w thermal resistance, junction-to-ambient, max r th,j-a 100 c/w
cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 3/9 MTN14N60FP cystek product specification characteristics (tj=25 c, unless otherwise specified) symbol min. typ. max. unit test conditions static bv dss 600 - - v v gs =0, i d =250 a, tj=25 ? bv dss / ? tj - 0.7 - v/ c reference to 25c, i d =250 a v gs(th) 2.0 - 4.0 v v ds = v gs , i d =250 a *g fs - 5 - s v ds =15v, i d =7a i gss - - 100 na v gs = 30 i dss - - 1 a v ds =600v, v gs =0 - - 10 v ds =480v, v gs =0, tj=125 c *r ds(on) - - 0.55 v gs =10v, i d =8.4a dynamic *qg - 40 - *qgs - 10 - *qgd - 15 - nc i d =14a, v dd =250v, v gs =10v *t d(on) - 16 - *tr - 30 - *t d(off) - 48 - *t f - 34 - ns v dd =250v, i d =14a, v gs =10v, r g =9.1 ciss - 2222 - coss - 180 - crss - 17 - pf v gs =0v, v ds =25v, f=1mhz source-drain diode *i s - - 14 *i sm - - 56 a *v sd - - 1.5 v i s =14a, v gs =0v *trr - 392 - ns *qrr - 3529 - nc v gs =0, i f =14a, di/dt=100a/ s *pulse test : pulse width 300 s, duty cycle 2% ordering information device package shipping marking MTN14N60FP to-220fp (rohs compliant) 50 pcs/tube, 20 tubes/box, 4 boxes / carton 14n60
cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 4/9 MTN14N60FP cystek product specification typical characteristics typical output characteristics 0 2 4 6 8 10 12 14 16 18 0246810 drain-source voltage -vds(v) drain current - id(a) vgs=4.5v 5.5v 6v 10v 8v 5v typical transfer characteristics 0 2 4 6 8 10 12 14 16 18 20 24681 gate-source voltage-vgs(v) drain current -id(a) 0 vds=10v static drain-source on-state resistance vs drain current 100 1000 0.01 0.1 1 10 100 drain current-id(a) static drain-source on-state resistance-rds(on)(m) vgs=10 v static drain-source on-state resistance vs gate-source voltage 100 600 1100 1600 0246810 gate-source voltage-vgs(v) static drain-source on-state resistance-rds(on)(m) id=20a body diode forward voltage drop vs source current and temperature 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 source-drain voltage-vsd(v) reverse drain current -idr(a) 25c vgs=0v 150c breakdown voltaeg vs junction temperature 0.8 0.9 1 1.1 1.2 -100 -75 -50 -25 0 25 50 75 100 125 150 junction temperature-tj(c) normalized drain-source breakdown voltage vgs=0v, id=250ua
cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 5/9 MTN14N60FP cystek product specification typical characteristics(cont.) drain-source on-resistance vs junction temperature 0 0.5 1 1.5 2 2.5 3 -100 -75 -50 -25 0 25 50 75 100 125 150 junction temperature-tj(c) normalized drain-source on-resistance vgs=10v, id=8.4a gate charge characteristics 0 2 4 6 8 10 12 0 1020304050 total gate charge-qg(nc) gate-source voltage-vgs(v) i d =14a v ds =400v v ds =250v v ds =100v maximum drain current vs case temperature 0 2 4 6 8 10 12 14 16 25 50 75 100 125 150 case temperature-tc(c) maximum drain current---id(a) maximum safe operating area 0.01 0.1 1 10 100 1 10 100 1000 drain-source voltage-vds(v) drain current---id(a) dc 100ms 10ms 1ms 100 s 10 s operation in this area is limited by r ds( on) t c =25c, t j =150c, single pulse
cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 6/9 MTN14N60FP cystek product specification test circuit and waveforms
cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 7/9 MTN14N60FP cystek product specification test circuit and waveforms(cont.)
cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 8/9 MTN14N60FP cystek product specification to-220fp (c forming) dimension *typical inches millimeters inches millimeters style: pin 1.gate 2.drain 3.source 3-lead to-220fp plastic package cystek package code: fp marking: device name date code dim min. max. dim min. max. min. max. min. max. a 0.169 0.185 4.300 4.700 e 0.583 0.598 14.800 15.200 a1 0.051 ref 1.300 ref e 0.100* 2.540* a2 0.110 0.126 2.800 3.200 f 0.106 ref 2.700 ref a3 0.098 0.114 2.500 2.900 0.138 ref 3.500 ref b 0.020 0.030 0.500 0.750 h 0.000 0.012 0.000 0.300 b1 0.043 0.053 1.100 1.350 l 1.102 1.118 28.000 28.400 b2 0.059 0.069 1.500 1.750 l1 0.067 0.075 1.700 1.900 c 0.020 0.030 0.500 0.750 l2 0.075 0.083 1.900 2.100 d 0.392 0.408 9.960 10.360 notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0.
cystech electronics corp. spec. no. : c715fp issued date : 2009.09.16 revised date : 2011.03.29 page no. : 9/9 MTN14N60FP cystek product specification to-220fp (s forming) dimension *typical style: pin 1.gate 2.drain 3.source 3-lead to-220fp plastic package cystek package code: fp marking: date code device name inches millimeters inches millimeters dim min. max. min. max. dim min. max. min. max. a 0.171 0.183 4.35 4.65 g 0.246 0.258 6.25 6.55 a1 0.051 ref 1.300 ref h 0.138 ref 3.50 ref a2 0.112 0.124 2.85 3.15 h1 0.055 ref 1.40 ref a3 0.102 0.110 2.60 2.80 h2 0.256 0.272 6.50 6.90 b 0.020 0.030 0.50 0.75 j 0.031 ref 0.80 ref b1 0.031 0.041 0.80 1.05 k 0.020 0.50 ref b2 0.047 ref 1.20 ref l 1.102 1.118 28.00 28.40 c 0.020 0.030 0.500 0.750 l1 0.043 0.051 1.10 1.30 d 0.396 0.404 10.06 10.26 l2 0.036 0.043 0.92 1.08 e 0.583 0.598 14.80 15.20 m 0.067 ref 1.70 ref e 0.100 * 2.54* n 0.012 ref 0.30 ref f 0.106 ref 2.70 ref notes: 1.controlling dimension: millimeters. 2.maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.if there is any question with packing specification or packing method, please c ontact your local cystek sales office. material: ? lead: pure tin plated. ? mold compound: epoxy resin family, flammability solid burning class: ul94v-0. important notice: ? all rights are reserved. reproduction in whole or in part is prohibited without the prior written approval of cystek. ? cystek reserves the right to make changes to its products without notice. ? cystek semiconductor products are not warranted to be suitable for use in life-support applications, or systems. ? cystek assumes no liability for any consequence of customer pr oduct design, infringement of pat ents, or application assistance .


▲Up To Search▲   

 
Price & Availability of MTN14N60FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X