Part Number Hot Search : 
EN3582A 20N120 2SC3380 CX20017 FW232 TNY178PN 71900 L1050
Product Description
Full Text Search
 

To Download MBRF10200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbrf1035 ito-220ac 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol mbrf 1035 mbrf 1045 mbrf 1050 mbrf 1060 mbrf 1090 mbrf 10100 mbrf 10150 mbrf 10200 unit v rrm 35 45 50 60 90 100 150 200 v v rms 24 31 35 42 63 70 105 140 v v dc 35 45 50 60 90 100 150 200 v i f(av) a i rrm a dv/dt v/us cj pf r jc 4 o c/w t j o c t stg o c mbrf1035 - MBRF10200 10.0 amps. isolated schottky barrier rectifiers ito-220ac features ? plastic material used carriers underwriters laboratory classification 94v-0 ? metal silicon junction, majority carrier conduction ? high surge capability ? for use in low voltage, high frequency inverters, free wheeling, and polarity protection applications ? high temperature soldering guaranteed: 260 /10 seconds, at terminals ? green compound with suffix "g" on packing code & prefix "g" on datecode ? case:ito-220ac molded plastic body ? terminals: pure tin plat ed, lead free, solderable per mil-std-750, method 2026 ? polarity: as marked ? mounting position:any ? mounting torque: 5 in. - lbs, max ? weight: 1.74 grams parameter maximum repetitive peak reverse voltage ordering information(example) part no. package packing maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 10 peak repetitive forward current (rated vr, square wave, 20khz) i frm 20 a peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 150 a peak repetitive reverse surge current (note 1) 1 0.5 maximum instantaneous forward voltage (note 2) if=10a, t a =25 if=10a, t a =125 v f v 0.70 0.80 0.85 1.05 0.57 0.70 0.71 - maximum reverse current @ rated vr t a =25 t a =125 i r 0.1 ma 15 10 6 2 storage temperature range - 65 to + 175 voltage rate of change (rated v r ) 10000 typical junction capacitance 390 300 220 packing code packing code (green) c0g note 1: 2.0us pulse width, f=1.0khz note 2: pulse test : 300us pulse width, 1% duty cycle version:i12 typical thermal resistance 3 operating temperature range - 65 to + 150
version:i12 ratings and characteristic curves (mbrf1035 thru MBRF10200) 0 5 10 15 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink mbrf1035-mbrf1045 mbrf1050-MBRF10200 0 25 50 75 100 125 150 0 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg ta=75 ta=125 ta=25 mbrf1035-1045 mbrf1050-10200 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance per leg ta=25 f=1.0mhz vsig=50mvp-p mbrf1090 - MBRF10200 mbrf1050 - mbrf1060 mbrf1035 - mbrf1045 0.01 0.1 1 10 100 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics per leg ta=125 pulse width=300us 1% duty cycle ta=25 mbrf1035-1045 mbrf1050-1060 mbrf1090-10150 MBRF10200 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration(s) fig. 6 typical transient thermal impedance per leg
ito-220ac dimensions min max min max a 4.30 4.70 0.169 0.185 b 2.50 3.10 0.098 0.122 c 2.30 2.90 0.091 0.114 d 0.46 0.76 0.018 0.030 e 6.30 6.90 0.248 0.272 f 9.60 10.30 0.378 0.406 g 3.00 3.40 0.118 0.134 h - 1.60 - 0.063 i 0.95 1.45 0.037 0.057 j 0.50 0.90 0.020 0.035 k 2.40 3.20 0.094 0.126 l 14.80 15.50 0.583 0.610 m - 4.10 - 0.161 n - 1.80 - 0.071 o 12.60 13.80 0.496 0.543 p 4.95 5.20 0.195 0.205 p/n = specific device code g = green compound yww = date code c0 packing code (green) c0g ordering information part no. package bulk packing packing code dim. unit(mm) unit(inch) marking diagram mbrf10xx 50 / tube note: "xx" is device code from "35" thru "200".


▲Up To Search▲   

 
Price & Availability of MBRF10200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X