Part Number Hot Search : 
T323033 15KPJ58 C486FD19 B3925 B3925 16373 BC857BL C486FD19
Product Description
Full Text Search
 

To Download MBR10120FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet mbr10100fct series dual schottky barrier rectifier voltage 100~200 volts current 10 ampere maximum ratings and electrical characteristics r ratings at 25 c ambient temperature unless otherwise specified. parameter symbol mbr10100fct mbr 10120fct mbr10150fct mbr10200fct units maximum recurrent peak reverse voltage v rrm 100 120 150 200 v maximum rms voltage v rms 70 84 105 140 v maximum dc blocking voltage v dc 100 120 150 200 v maximum average forward rectified current per leg see fig.1 i av 10 a peak forward surge current, 8.3ms single half sine-wave superimposed on rated load i fsm 150 a storage temperature range t stg -55 to +150 operating temperature range t j -55 to +150 typical thermal resistance r jc 4.4 /w electrical characteristics (a t t a =25 c unless otherwise noted) parameter symbol mbr10100fct mbr 10120fct mbr10150fct mbr10200fct units maximum forward voltage at 5a per leg v f 0.85 0.87 0.90 0.92 v 25 0.1 maximum dc reverse current 100 i r 10 ma notes : 1. pulse test: 300s pulse width, 1% duty cycle features z high reliability z low leakage z low foreard voltage drop z high current capability mechanical data z case: molded plastic black body, to-220ab z epoxy: ul 94v-o rate flame retardant z lead: mil-std-750 method 2026guaranteed z mounting position: any z weight: 0.08 ounce, 2.24 grams   ? ? ?   ? ?    ? ? ? ?  ? ?  .40 (10. ) 527 .38 ( 9.7 ) 32 .1 (4. ) 72 36 .18 (4. ) 880 .1 ( ) 30 3.30 .1 (2. ) 00 54   ? ? ? ? ? ?  ? ?   ? ? ?  ? ?  ? ? .0 (1. ) 60 52 .0 (. ) 29 75 .0 (. ) 19 50 .11 (2. ) 390 .(2.5) 100 4  ? ? ?  ? ?  ?   ?   .( ) 205 5.20 .( ) 195 4.95 .( ) 105 2.67 .( ) 095 2.41   ? ? ?     ?  ? ? ?  ?    ? .1 ( ) 31 3.39 .1 ( ) 22 3.08 .(.) 031 80 .(.) 014 36  ? ? ?  ? ?  ?   ? ? ? ? ? ?  ? ?  ? ? ? ? ? ?     ? ? ? ? ? ?  ? ? case ito-220ab dimensions in inches and (millimeters) page.1
page.2 instantaneous forward current(amps) peak forward surge current(amps) fig.1-forward current derating curve fig.3-typical reverse characteristics average forward current(amps) case temperature(c) instantaneous reverse current(milliamperes) percent of rated peak reverse voltage(%) instantaneous forward voltage(volts) number of cycles at 60hz fig.2-typical instantaneous forward characteristics fig.4-maximum non-repetitive surge current 0 2 4 6 8 10 0 25 50 75 100 125 150 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 t j =100 t j =175 t j =25 t j =150 tj=25c t j =25c t j =75c t j =100c 0.0001 0.001 0.01 0.1 1 10 100 0 102030405060708090100 tj=100c tj=125c tj=25c tj=150c 0 30 60 90 120 150 1 10 100


▲Up To Search▲   

 
Price & Availability of MBR10120FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X