Part Number Hot Search : 
AT49BV STD2NC6 16237 1SV287 DTD723YM SC458 NTE7018 F472J
Product Description
Full Text Search
 

To Download MAC320A10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  , li ne. 20 stern ave. springfield, new jersey 07081 u.s.a. telephone: (973) 376-2922 (212)227-6005 fax: (973) 376-8960 tttbcs silicon bidirectional thyristors designed primarily for full-wave ac control applications, such as solid-state relays, motor controls, heating controls and power supplies; or wherever full-wave silicon gate controlled solid-state devices are needed. triac type thyristors switch from a blocking to a conducting state for either polarity of applied anode voltage with positive or negative gate triggering. . blocking voltage to 800 volts ? all diffused and glass passivated junctions for greater parameter uniformity and stability ? small, rugged, thermowatt construction for low thermal resistance, high heat dissipation and durability . gate triggering guaranteed in three modes (mac320 series) or four modes (mac320a series) maximum ratings (tc = 25c unless otherwise noted.) mac320 mac320a triacs 20 amperes rms 200 thru 800 volts (to-220ab1 rating peak repetitive off-state voltageo) (tj = -40 to +125c, 1/2 sine wave 50 to 60 hz, gate open) mac320-4, mac320a4 mac320-6, mac320a6 mac320-8, mac320a8 mac320-10, MAC320A10 peak gate voltage on-state current rms (tc = +75c) (full cycle, sine wave, 50 to 60 hz) peak surge current (one full cycle, 60 hz, tc = +75c) preceded and followed by rated current peak gate power (tc = +75c, pulse width = 2 us) average gate power (tc = +75c, t = 8.3 ms) peak gate current operating junction temperature range storage temperature range symbol vdrm vgm 't(rms) pgm tstg value 200 400 600 800 10 20 150 20 0.5 -40 to+125 -40 to+150 unit volts volts amp amp watts watt amp c thermal characteristics characteristic thermal resistance, junction to case symbol r9jc max 1.8 unit c/w 1. vdrm for all types can be applied on a continuous basis. blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded. nj semi-conductors reserves the right to change test conditions, parameter limits and package dimensions without notice. information furnished by nj semi-conductors is believed to be both accurate and reliable at the time of going to press. however, nj semi-conductors assumes no responsibility for any errors or omissions discovered in its use. nj semi-conductors encourages customers to verify that datasheets are current before placing orders. quality semi-conductors
mac320 series mac320a series electrical characteristics (tc = 25c unless otherwise noted.) characteristic peak blocking current (vd rated vdrm. gate open) tj = 25c tj = +125c peak on-state voltage (either direction) (ijm = 28 a peak; pulse width = 1 to 2 ms, duty cycle s; 2%) gate trigger current (continuous dc) (main terminal voltage = 12 vdc, rl = 100 ohms) mt2 (+), g(+); mt2 (+), g(-); mt2 (-), g(-) mt2 (-), g(+) "a" suffix only gate trigger voltage (continuous dc) (main terminal voltage = 12 vdc, rl = 100 ohms) mt2 (+), g(+); mt2 (+). g(-); mt2 (-), g(-) mt2 (-), g(+) "a" suffix only (main terminal voltage = rated vdrm. rl = 1 kft, tj =+110c) mt2 (+), g(+); mt2 (-), g(-); mt2 (+), g(-); mt2 (-), g(+) "a" suffix only holding current (either direction) (main terminal voltage = 12 vdc, gate open, initiating current = 200 ma) turn-on time (vd = rated vdrm, itm = 28 a, iqt = 120 ma, rise time = 0.1 (is, pulse width = 2 jis) critical rate of rise of commutation voltage (vd = rated vdrm, 'tm = 28 a, commutating di/dt = 10 a/ms, gate unenergized, tc = +75c) symbol !drm vtm igt vgt ih


▲Up To Search▲   

 
Price & Availability of MAC320A10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X