Part Number Hot Search : 
63130 DTA143E MP3205 MAX6794 HMC939A MF2000 2SD2124 HE85750
Product Description
Full Text Search
 

To Download LMUN5111DW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 3 2 lmun5111dw1t1g series sc-88/sot-363 6 4 5 dual bias resistor t ransistors pnp silicon surface mount t ransistors with monolithic bias resistor network 1 3 2 6 4 5 q 1 q 2 r 1 r 2 r 1 r 2 xx marking diagram 13 2 6 4 5 device marking inform a tion see specific marking information in the device marking table on page 2 of this data sheet. xx = device marking = (see page 2) 256 (note 2.) 1.5 (note 1.) 2.0 (note 2.) maximum r a tings (t a = 25c unless otherwise noted, common for q 1 and q 2 ) rating symbol v alue unit collector-base v oltage v cbo ?50 vd c collector-emitter v oltage v ceo ?50 vd c collector current i c ?100 madc thermal characteristics characteristic (one junction heated) symbol max unit t otal device dissipation p d 187 (note 1.) m w t a = 25c derate above 25c mw/c thermal resistance ? r ja 670 (note 1.) c/w junction-to-ambient 490 (note 2.) characteristic (both junctions heated) symbol max unit t otal device dissipation t a = 25c derate above 25c p d 250 (note 1.) 385 (note 2.) 2.0 (note 1.) 3.0 (note 2.) mw mw/c thermal resistance ? junction-to-ambient r ja 493 (note 1.) 325 (note 2.) c/w thermal resistance ? junction-to-lead r jl 188 (note 1.) 208 (note 2.) c/w junction and storage t emperature t j , t stg ?55 to +150 c 1. fr?4 @ minimum pad 2. fr?4 @ 1.0 x 1.0 inch pad the b r t (bias resistor t ransistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base?emitter resisto r . these digital transistors are designed to replace a single device and its external resistor bias network. the b r t eliminates these individual components by integrating them into a single device. in the lmun51 11 dw1t1g series, two brt devices are housed in the sot?363 package which . simplifies circuit design . reduces board space . reduces component count . available in 8 mm, 7 inch/3000 unit tape and reel leshan radio company, ltd. ordering information device package shipping lmun5111dw1t1g series sc-88 3000/tape&reel 10000/tape&reel lmun5111dw1t3g series sc-88 .s - prefix for automotive and other applications requiring unique site compliance with rohs requirements. rev.a 1/19 series s-lmun5111dw1t1g . we declare that the material of product and control change requirements; aec-q101 qualified and ppap capable. is ideal for low?power surface mount applications where board space is at a premium. s-lmun5111dw1t1g series sc-88 s-lmun5111dw1t3g series sc-88
device marking and resis t or v alues device package marking r 1 (k) r 2 (k) shipping ? ? lmun5111dw1t1g series 3. new resistor combinations. updated curves to follow in subsequent data sheets. 4. pulse test: pulse width < 300  s, duty cycle < 2.0% leshan radio company, ltd. electrical characteristics (t a = 25 c unless otherwise noted, common for q 1 and q 2 ) characteristic symbol min typ max unit off characteristics collector\base cutoff current (v cb = -50 v, i e = 0) i cbo - - -100 nadc collector\emitter cutoff current (v ce = -50 v, i b = 0) i ceo - - -500 nadc emitter\base cutoff current lmun5111dw1t1g (v eb = -6.0 v, i c = 0) lmun5112dw1t1g lmun5113dw1t1g lmun5114dw1t1g lmun5115dw1t1g lmun5116dw1t1g lmun5130dw1t1g lmun5131dw1t1g lmun5132dw1t1g lmun5133dw1t1g lmun5134dw1t1g lmun5135dw1t1g lmun5136dw1t1g lmun5137dw1t1g i ebo - - - - - - - - - - - - - - - - - - - - - - - - - - - - -0.5 -0.2 -0.1 -0.2 -0.9 -1.9 -4.3 -2.3 -1.5 -0.18 -0.13 -0.2 -0.05 -0.13 madc collector\base breakdown voltage (i c = -10  a, i e = 0) v (br)cbo -50 - - vdc collector\emitter breakdown voltage (note 3) (i c = -2.0 ma, i b = 0) v (br)ceo -50 - - vdc lmun5113dw1t1g lmun5114dw1t1g lmun5115dw1t1g lmun5116dw1t1g lmun5130dw1t1g lmun5131dw1t1g lmun5132dw1t1g lmun5133dw1t1g lmun5134dw1t1g lmun5135dw1t1g lmun5136dw1t1g lmun5137dw1t1g lmun5112dw1t1g lmun5111dw1t1g sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 sot-363 0a 0b 0c 0d 0e 0f 0g 0h 0j 0k 0l 0m 0n 0p 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 100 47 10 22 47 47 1.0 2.2 4.7 47 47 47 100 22 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel 3000/tape & reel rev.a 2/19 s-lmun5111dw1t1g series
electrical characteristics (t a = 25c unless otherwise noted, common for q 1 and q 2 ,)(continued) characteristic symbol mi n t y p max unit on characteristic s (note 4.) leshan radio company, ltd. collector\emitter saturation voltage (i c = -10 ma, i b = -0.3 ma) lmun5111dw1t1g lmun5112dw1t1g lmun5113dw1t1g lmun5114dw1t1g lmun5135dw1t1g lmun5136dw1t1g (i c = -10 ma, i b = -5 ma) lmun5130dw1t1g lmun5131dw1t1g lmun5137dw1t1g (i c = -10 ma, i b = -1 ma) lmun5115dw1t1g lmun5116dw1t1g lmun5132dw1t1g lmun5133dw1t1g lmun5134dw1t1g v ce(sat) - - - - - - - - - - - - - - - - - - - - - - - - - - - - -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 -0.25 vdc dc current gain lmun5111dw1t1g (v ce = -10 v, i c = -5.0 ma) lmun5112dw1t1g lmun5115dw1t1g lmun5116dw1t1g lmun5130dw1t1g lmun5131dw1t1g lmun5132dw1t1g lmun5133dw1t1g lmun5134dw1t1g lmun5137dw1t1g h fe 35 60 80 80 160 160 3.0 8.0 15 80 80 80 80 80 60 100 140 140 250 250 5.0 15 27 140 130 140 130 140 - - - - - - - - - - - - - - 4. pulse test: pulse width < 300  s, duty cycle < 2.0% output voltage (on) (v cc = -5.0 v, v b = -2.5 v, r l = 1.0 k  ) lmun5111dw1t1g lmun5112dw1t1g lmun5135dw1t1g (v cc = -5.0 v, v b = -3.5 v, r l = 1.0 k  ) lmun5113dw1t1g (v cc = -5.0 v, v b = -5.5 v, r l = 1.0 k  ) lmun5136dw1t1g (v cc = -5.0 v, v b = -4.0 v, r l = 1.0 k  ) lmun5137dw1t1g v ol - - - - - - - - - - - - - - - - - - - - - - - - - - - - -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 -0.2 vdc output voltage (off) (v cc = -5.0 v, v b = -0.5 v, r l = 1.0 k  ) lmun5111dw1t1g lmun5113dw1t1g lmun5133dw1t1g (v cc = -5.0 v, v b = -0.05 v, r l = 1.0 k  ) lmun5130dw1t1g (v cc = -5.0 v, v b = -0.25 v, r l = 1.0 k  ) lmun5115dw1t1g lmun5132dw1t1g lmun5137dw1t1g v oh -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 -4.9 - - - - - - - - - - - - - - - - - - - - - - - - - - - - vdc lmun5113dw1t1g lmun5114dw1t1g lmun5135dw1t1g lmun5136dw1t1g lmun5115dw1t1g lmun5116dw1t1g lmun5130dw1t1g lmun5131dw1t1g lmun5132dw1t1g lmun5133dw1t1g lmun5134dw1t1g lmun5114dw1t1g lmun5112dw1t1g lmun5114dw1t1g lmun5135dw1t1g lmun5134dw1t1g lmun5136dw1t1g lmun5116dw1t1g lmun5131dw1t1g rev.a 3/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
electrical characteristics (t a = 25c unless otherwise noted, common for q 1 and q 2 ,) (continued) characteristic symbol mi n t y p max unit on characteristic s (note 5.) p d , power dissi p a tion (mw) 300 250 200 150 100 50 0 t a , ambient temper a ture (c) figure 1. derating curve ?50 0 5 0 100 150 5. pulse test: pulse width < 300 ms, duty cycle < 2.0% leshan radio company, ltd. input resistor lmun5111dw1t1g lmun5112dw1t1g r 1 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 1.54 70 32.9 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 2.2 100 47 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 2.86 130 61.1 k  resistor ratio lmun5111dw1t1g r 1 /r 2 0.8 0.8 0.8 0.17 - - 0.8 0.8 0.8 0.055 0.38 0.038 0.8 1.7 1.0 1.0 1.0 0.21 - - 1.0 1.0 1.0 0.12 0.47 0.047 1.0 2.15 1.2 1.2 1.2 0.25 - - 1.2 1.2 1.2 0.185 0.56 0.056 1.2 2.6 lmun5115dw1t1g lmun5116dw1t1g lmun5130dw1t1g lmun5131dw1t1g lmun5132dw1t1g lmun5133dw1t1g lmun5134dw1t1g lmun5137dw1t1g lmun5113dw1t1g lmun5114dw1t1g lmun5135dw1t1g lmun5136dw1t1g lmun5112dw1t1g lmun5115dw1t1g lmun5116dw1t1g lmun5130dw1t1g lmun5131dw1t1g lmun5132dw1t1g lmun5133dw1t1g lmun5134dw1t1g lmun5137dw1t1g lmun5113dw1t1g lmun5114dw1t1g lmun5135dw1t1g lmun5136dw1t1g rev.a 4/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
typical electrical characteristics ? lmun5 1 1 1dw1t1g leshan radio company, ltd. v in , input voltage (volts) i c , collector current (ma) h fe , dc current gain (normalized) figure 2. v ce(sat) versus i c 100 10 1 0.1 0.01 0.001 0 v in , input voltage (volts) t a =-25 c 25 c 1 2 3 4 5 6 7 8 9 10 figure 3. dc current gain figure 4. output capacitance figure 5. output current versus input voltage figure 6. input voltage versus output current 0.01 20 i c , collector current (ma) v ce(sat) , collector voltage (volts) 0.1 1 0 40 50 1000 1 10 100 i c , collector current (ma) t a =75 c -25 c 100 10 0 i c , collector current (ma) 0.1 1 10 100 10 20 30 40 50 t a =-25 c 25 c 75 c 75 c i c /i b = 10 50 01020 30 40 4 3 1 2 v r , reverse bias voltage (volts) c ob , capacitance (pf) 0 t a =-25 c 25 c 75 c 25 c v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v r.a 5/19 lmun5111d1t1g sis s-lmun5111d1t1g sis
typical electrical characteristics ? lmun5 1 12dw1t1g leshan radio company, ltd. v in , input voltage (volts) i c , collector current (ma) h fe , dc current gain (normalized) figure 7. v ce(sat) versus i c figure 8. dc current gain 1000 10 i c , collector current (ma) 100 10 1 100 figure 9. output capacitance i c , collector current (ma) 0 10 20 30 v o = 0.2 v t a =-25 c 75 c 100 10 1 0.1 40 50 figure 10. output current versus input voltage 100 10 1 0.1 0.01 0.001 0 1 2 3 4 v in , input voltage (volts) 5 6 7 8 9 10 figure 11. input voltage versus output current 0.01 0.1 1 10 40 i c , collector current (ma) 0 20 50 75 c 25 c t a =-25 c 50 010 20 30 40 4 3 2 1 0 v r , reverse bias voltage (volts) c ob , capacitance (pf) 25 c i c /i b = 10 25 c -25 c v ce = 10 v t a =75 c f = 1 mhz l e = 0 v t a = 25 c 75 c 25 c t a =-25 c v o = 5 v v ce(sat) , collector voltage (volts) r.a 6/19 lmun5111d1t1g sis s-lmun5111d1t1g sis
typical electrical characteristics ? lmun5 1 13dw1t1g leshan radio company, ltd. v in , input voltage (volts) i c , collector current (ma) h fe , dc current gain (normalized) figure 12. v ce(sat) versus i c i c , collector current (ma) 1 0.1 0.01 010 20 30 40 75 c 25 c figure 13. dc current gain 1000 100 10 1 10 100 i c , collector current (ma) -25 c figure 14. output capacitance figure 15. output current versus input voltage 100 10 1 0.1 0.01 0.001 010 25 c v in , input voltage (volts) -25 c 50 010 20 30 40 1 0.8 0.6 0.4 0.2 0 v r , reverse bias voltage (volts) c ob , capacitance (pf) 123456 789 figure 16. input voltage versus output current 100 10 1 0.1 0 10 20 30 40 i c , collector current (ma) t a =-25 c 25 c 75 c 50 i c /i b = 10 t a =-25 c 25 c t a =75 c f = 1 mhz l e = 0 v t a = 25 c v o = 5 v t a =75 c v o = 0.2 v v ce(sat) , collector voltage (volts) v ce = 10 v r.a 7/19 lmun5111d1t1g sis s-lmun5111d1t1g sis
typical electrical characteristics ? lmun5 1 14dw1t1g leshan radio company, ltd. 10 1 0.1 010 20 30 4050 100 10 1 0 246810 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8101520253035404550 v r , reverse bias voltage (volts) v in , input voltage (volts) i c , collector current (ma) h fe , dc current gain (normalized) figure 17. v ce(sat) versus i c i c , collector current (ma) 020 40 60 80 figure 18. dc current gain 1 10 100 i c , collector current (ma) figure 19. output capacitance figure 20. output current versus input voltage v in , input voltage (volts) c ob , capacitance (pf) figure 21. input voltage versus output current i c , collector current (ma) 1 0.1 0.01 0.001 -25 c 25 c t a =75 c v ce = 10 v 180 160 140 120 100 80 60 40 20 0 2 4 6 8 15 20 40 50 60 70 80 90 f = 1 mhz l e = 0 v t a = 25 c 25 c i c /i b = 10 t a =-25 c t a =75 c 25 c -25 c v o = 5 v v o = 0.2 v 25 c t a =-25 c 75 c 75 c v ce(sat) , collector voltage (volts) r.a 8/19 lmun5111d1t1g sis s-lmun5111d1t1g sis
typical electrical characteristics ? lmun5 1 15dw1t1g leshan radio company, ltd. 75 c 25 c -25 c figure 22. v ce(sat) versus i c figure 23. dc current gain figure 24. output capacitance figure 25. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 26. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 0.01 35 25 15 5 0.01 0.1 30 10 12 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v r.a 9/19 lmun5111d1t1g sis s-lmun5111d1t1g sis
typical electrical characteristics ? lmun5 1 16dw1t1g leshan radio company, ltd. 75 c 25 c -25 c figure 27. v ce(sat) versus i c figure 28. dc current gain figure 29. output capacitance figure 30. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 31. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 0.01 35 25 15 5 0.01 0.1 30 10 12 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v rev.a 10/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
typical electrical characteristics ? lmun5 1 30dw1t1g leshan radio company, ltd. 75 c 25 c -25 c figure 32. v ce(sat) versus i c figure 33. dc current gain figure 34. output capacitance figure 35. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 36. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 30 25 20 15 10 5 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain c ob , capacitance (pf) 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 15 10 5 0 0.1 1 20 25 v in , input voltage (volts) 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 0.01 0.01 0.1 tbd i c /i b = 10 v ce = 10 v v o = 5 v v o = 0.2 v rev.a 11/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
typical electrical characteristics ? lmun5 1 31dw1t1g leshan radio company, ltd. 75 c 25 c -25 c figure 37. v ce(sat) versus i c figure 38. dc current gain figure 39. output capacitance figure 40. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 41. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 30 25 20 15 10 5 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 12 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 10 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 15 10 5 0 0.1 1 20 25 v in , input voltage (volts) 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 0.01 35 25 15 5 0.01 0.1 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v rev.a 12/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
typical electrical characteristics ? lmun5 1 32dw1t1g leshan radio company, ltd. 75 c 25 c -25 c figure 42. v ce(sat) versus i c figure 43. dc current gain figure 44. output capacitance figure 45. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 46. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 0.01 35 25 15 5 0.01 0.1 30 10 12 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v rev.a 13/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
typical electrical characteristics ? lmun5 1 33dw1t1g leshan radio company, ltd. 75 c 25 c -25 c figure 47. v ce(sat) versus i c figure 48. dc current gain figure 49. output capacitance figure 50. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 51. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 0.01 35 25 15 5 0.01 0.1 30 5 1 3 7 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v rev.a 14/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
typical electrical characteristics ? lmun5 1 34dw1t1g leshan radio company, ltd. 75 c 25 c -25 c figure 52. v ce(sat) versus i c figure 53. dc current gain figure 54. output capacitance figure 55. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 56. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 3 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 1 2 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 100 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 0.01 35 25 15 5 0.01 0.1 30 2.5 0.5 1.5 3.5 10 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v rev.a 15/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
leshan radio company, ltd. typical electrical characteristics ? lmun5135dw1t1g 75 c 25 c -25 c figure 57. v ce(sat) versus i c figure 58. dc current gain figure 59. output capacitance figure 60. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 61. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 50 40 20 10 0 i c , collector current (ma) 100 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 10 9 8 7 10 30 20 10 0 0.1 1 40 50 v in , input voltage (volts) 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 75 c 25 c t a = -25 c 0.01 35 25 15 5 0.01 0.1 30 10 12 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v rev.a 16/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
typical electrical characteristics ? lmun5136dw1t1g leshan radio company, ltd. 75 c 25 c -25 c figure 62. v ce(sat) versus i c figure 63. dc current gain figure 64. output capacitance figure 65. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 66. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 7 6 5 4 3 2 1 0 i c , collector current (ma) 100 10 1 100 10 1 0.01 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain (normalized) 1.2 0.6 60 50 40 30 20 10 0 0 c ob , capacitance (pf) 0.2 0.4 0.8 1.0 100 6 5 4 3 2 1 0 0.1 1 10 i c , collector current (ma) 10 9 8 7 100 12 10 8 6 4 2 0 1 10 18 16 14 20 v in , input voltage (volts) i c /i b = 10 75 c 25 c t a = -25 c v ce = 10 v 75 c 25 c t a = -25 c v o = 5 v v o = 0.2 v 75 c 25 c t a = -25 c f = 1 mhz i e = 0 v t a = 25 c v o = 5 v r.a 17/19 lmun5111d1t1g sis s-lmun5111d1t1g sis
typical electrical characteristics ? lmun5137dw1t1g leshan radio company, ltd. figure 67. v ce(sat) versus i c figure 68. dc current gain figure 69. output capacitance figure 70. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 71. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 35 30 25 20 15 10 5 0 i c , collector current (ma) 100 10 1 100 10 0.01 1000 h fe , dc current gain (normalized) 1.4 0.6 60 50 40 30 20 10 0 0 c ob , capacitance (pf) 0.2 0.4 0.8 1.0 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 11 9 8 7 100 15 10 5 0 1 10 20 25 v in , input voltage (volts) 50 45 40 0.1 0.01 10 1.2 f = 1 mhz i e = 0 v t a = 25 c 75 c 25 c t a = -25 c v o = 5 v 75 c 25 c t a = -25 c v o = 0.2 v 75 c 25 c t a = -25 c i c /i b = 10 v ce = 10 v 75 c 25 c t a = -25 c v ce(sat) , collector voltage (volts) rev.a 18/19 lmun5111dw1t1g series s-lmun5111dw1t1g series
notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.071 0.087 1.80 2.20 b 0.045 0.053 1.15 1.35 c 0.031 0.043 0.80 1.10 d 0.004 0.012 0.10 0.30 g 0.026 bsc 0.65 bsc h --- 0.004 --- 0.10 j 0.004 0.010 0.10 0.25 k 0.004 0.012 0.10 0.30 n 0.008 ref 0.20 ref s 0.079 0.087 2.00 2.20 pin 1. emitter 2 2. base 2 3. collector 1 4.emitter 1 5. base 1 6.collector 2 b 0.2 (0.008) a g s h c n j k d 6 p l 6 5 4 1 2 3 - b - m m 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm sc - 88/sot - 363 leshan radio company, ltd. rev.a 19/19 lmun5111dw1t1g series s-lmun5111dw1t1g series


▲Up To Search▲   

 
Price & Availability of LMUN5111DW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X