Part Number Hot Search : 
03N60C3 HDT15PT RC8650L CB290 50001 MX25L1 PE9201 PE7113
Product Description
Full Text Search
 

To Download LDTC125TET1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bias resistor t ransistor npn silicon surface mount t ransistor with monolithic bias resistor network device marking and resistor values device marking r1 (k) r2 (k) shipping h7 200 3000/tape & reel leshan radio company, ltd. 1/3 ? 10000/tape & reel we declare that the material of product compliance with rohs requirements. ldtc125tet1g 1 ) b u i l t- in b i as res i st ors e n a b l e th e co nfi g ur ati on of a n in ve rte r circui t w i thou t con n e cting ex te rn al in pu t resistors (see equivalent circuit). 2 ) t he bi as r e s i sto r s c o n s ist of th i n -fi l m r e s i sto r s w i t h co mp le te i s ol a t i o n to al low posi t i v e bia s ing o f the i npu t. t h ey a l so ha ve the ad van t age of a l mo st co mpl e tely eliminating p a rasitic ef fect s. 3 ) o n l y th e on/ of f co n d it i ons n e ed to be set for o p e r a t i on, making the device design easy . inverter , interface, driver features ? ? applications ldtc125tet1g ldtc125tet3g h7 200 z a b solute maximum ratings (t a= 25 c) z electrical ch aracteristics (t a= 25 c) 3 collec t or 2 emitter 1 base r1 parameter symbol v cbo v ceo v ebo i c pc tj tstg limits 50 50 5 100 200 150 ? 55 to + 150 unit v v v ma mw c c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo v ce(sat) h fe f t r 1 50 50 5 ? ? ? 100 ? 140 ? ? ? ? ? ? 250 250 200 ? ? ? 0.5 0.5 0.3 600 ? 260 v v v a a v ? mhz k ? i c = 50 a i c = 1ma i e = 50 a v cb = 50v v eb = 4v i c = 0.5ma , i b = 0.05ma i c = 1ma , v ce = 5v v ce = 10v , i e = ? 5ma , f = 100mhz ? collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio transition frequency input resistance ? ? characteristics of built-in transistor 1 2 3 sc-89
leshan radio company, ltd. 2/3 z electrical ch aracteristic cu rv es ldtc125tet1g 1k 500 200 100 50 20 10 5 2 1 10 20 50 100 200 500 1m 2m 5m 10m v ce = 5v fig.1 dc current gain vs. collector current dc current gain : h fe collector current : i c (a) ta = 100 c ta = 25 c ta = ? 40 c 1 500m 200m 100m 50m 20m 10m 5m 2m 1m 10 20 50 100 200 500 1m 2m 5m 10m i c /i b = 10/1 fig.2 collector-emitter saturation voltage vs. collector current collector saturation voltage : v ce(sat) (v) collector current : i c (a) ta = 100 c ta = 25 c ta = ? 40 c
3/3 ldtc125tet1g leshan radio company, ltd. notes: 1.dimensioning and tolerancing per ansi y14.5m, 1982. 2.controlling dimension: millimeters 3.maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4.463c-01 obsolete, new standard 463c-02. sc-89


▲Up To Search▲   

 
Price & Availability of LDTC125TET1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X