Part Number Hot Search : 
Y2274 E224K FR257 A1012 MMC2001 A5954 E224K SF4001
Product Description
Full Text Search
 

To Download LDTC114GET1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3 collec t or 2 emitter 1 base r2 bias resistor t ransistor npn silicon surface mount t ransistor with monolithic bias resistor network device marking and resistor values device marking r1 (k) r2 (k) shipping h8 3000/tape & reel leshan radio company, ltd. 1/3 ? 10000/tape & reel we declare that the material of product compliance with rohs requirements. ldtc114get1g 1 ) b u i l t- in b i as res i st ors e n a b l e th e co nfi g ur ati on of a n in ve rte r circui t w i thou t con n e cting ex te rn al in pu t resistors (see equivalent circuit). 2 ) t he bi as r e s i sto r s c o n s ist of th i n -fi l m r e s i sto r s w i t h co mp le te i s ol a t i o n to al low posi t i v e bia s ing o f the i npu t. t h ey a l so ha ve the ad van t age of a l mo st co mpl e tely eliminating p a rasitic ef fect s. 3 ) o n l y th e on/ of f co n d it i ons n e ed to be set for o p e r a t i on, making the device design easy . inverter , interface, driver features ? ? applications ldtc114get1g ldtc114get3g h8 10 10 z a b solute maximum ratings (t a= 25 c) z electrical ch aracteristics (t a= 25 c) 1 2 3 sc-89 parameter symbol v cbo v ceo v ebo i c pc tj tstg limits 50 50 5 100 200 150 ? 55 to + 150 unit v v v ma mw c c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo v ce(sat) h fe f t r 50 50 5 ? 300 ? 30 ? 7 ? ? ? ? ? ? ? 250 10 ? ? ? 0.5 580 0.3 ? ? 13 v v v a a v ? mhz k ? i c = 50 a i c = 1ma i e = 720 a v cb = 50v v eb = 4v i c = 10ma, i b = 0.5ma i c = 5ma, v ce = 5v v ce = 10v, i e = ? 5ma, f = 100mhz ? ? collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current collector-emitter saturation voltage dc current transfer ratio transition frequency emitter-base resistance ? characteristics of built-in transistor
leshan radio company, ltd. 2/3 ldtc114get1g z electrical characteristic curves 1k 500 200 100 50 20 10 5 2 1 100 200 500 1m 2m 5m 10m 20m 50m 100m v ce = 5v fig.1 dc current gain vs. collector current dc current gain : h fe collector current : i c (a) ta = 100 c ta = 25 c ta = ? 40 c 1 500m 200m 100m 50m 20m 10m 5m 2m 1m 100 200 500 1m 2m 5m 10m 20m 50m 100m i c /i b = 20/1 fig.2 collector-emitter saturation voltage vs. collector current collector saturation voltage : v ce(sat) (v) collector current : i c (a) ta = 100 c ta = 25 c ta = ? 40 c
leshan radio company, ltd. 3/3 ldtc114get1g notes: 1.dimensioning and tolerancing per ansi y14.5m, 1982. 2.controlling dimension: millimeters 3.maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4.463c-01 obsolete, new standard 463c-02. sc-89


▲Up To Search▲   

 
Price & Availability of LDTC114GET1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X