Part Number Hot Search : 
GZF27C QA121 75NF75 GZF3V6C X1000 TLCB5100 ON2394 7S100
Product Description
Full Text Search
 

To Download LDTA115TET1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bias resistor t ransistor pnp silicon surface mount t ransistor with monolithic bias resistor network device marking and resistor values device marking r1 (k) r2 (k) shipping o8 100 3000/tape & reel leshan radio company, ltd. 1/3 ? 10000/tape & reel we declare that the material of product compliance with rohs requirements. ldta115tet1g 1 ) b u i l t- in b i as res i st ors e n a b l e th e co nfi g ur ati on of a n in ve rte r circui t w i thou t con n e cting ex te rn al in pu t resistors (see equivalent circuit). 2 ) t he bi as r e s i sto r s c o n s ist of th i n -fi l m r e s i sto r s w i t h co mp le te i s ol a t i o n to al low posi t i v e bia s ing o f the i npu t. t h ey a l so ha ve the ad van t age of a l mo st co mpl e tely eliminating p a rasitic ef fect s. 3 ) o n l y th e on/ of f co n d it i ons n e ed to be set for o p e r a t i on, making the device design easy . inverter , interface, driver features ? ? applications ldta115tet1g ldta115tet1g o8 3 collec t or 2 emitter 1 base r1 z a b solute maximum ratings (t a= 25 c) parameter symbol limits unit power dissipation junction temperature storage temperature - 100 - z electrical ch aracteristics (t a= 25 c) 1 2 3 sc-89 v cbo v ceo v ebo i c p c tj tstg ? 50 ? 50 ? 5 ? 100 200 150 ? 55 to + 150 v v v ma mw c c collector-base voltage collector-emitter voltage emitter-base voltage collector current collector parameter symbol min. typ. max. unit conditions bv cbo bv ceo bv ebo i cbo i ebo v ce(sat) h fe f t r 1 ? 50 ? 50 ? 5 ? ? ? ? 100 70 ? ? ? ? ? ? 250 250 100 ? ? ? ? 0.5 ? 0.5 ? 0.3 600 ? 130 v v v a a v ? mh z k ? i c = ? 50 a i c = ? 1ma i e = ? 50 a v cb = ? 50v v eb = ? 4v i c /i b = ? 1ma/ ? 0.1ma i c = ? 1ma , v ce = ? 5v v ce = ? 10v , i e = 5ma , f = 100mh z ? ? characteristics of built-in transistor ? collector-base breakdown voltage emitter-base breakdown voltage collector-emitter breakdown voltage collector-emitter saturation voltage collector cutoff current emitter cutoff current dc current transfer ratio input resistance transition frequency
leshan radio company, ltd. 2/3 z electrical ch aracteristic cu rv es ldta115tet1g 1k 100 50 20 500 200 10 5 2 1 10 20 50 100 200 500 1m 2m 5m 10m fig.1 dc current gain vs. collector current dc current gain : h fe collector current : i c (a) v ce = 5v ta = 25 c ta = 100 c ta = ? 40 c 1 100m 50m 20m 500m 200m 10m 5m 2m 1m 10 20 50 100 200 500 1m 2m 5m 10m fig.2 collector-emitter saturation voltage vs. collector current corrector saturation voltage : v ce(sat) (v) collector current : i c (a) i c /i b = 10/1 ta = 25 c ta = 100 c ta = ? 40 c
leshan radio company, ltd. 3/3 ldta115tet1g notes: 1.dimensioning and tolerancing per ansi y14.5m, 1982. 2.controlling dimension: millimeters 3.maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4.463c-01 obsolete, new standard 463c-02. sc-89


▲Up To Search▲   

 
Price & Availability of LDTA115TET1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X