Part Number Hot Search : 
MAX695 MAX695 MA4M1200 D213RPI 80196 00LVEL 300R1 R2101229
Product Description
Full Text Search
 

To Download LDTA114EET1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bias resistor transistors pnp silicon surface mount transistors with monolithic bias resistor network this new series of digital transistors is designed to replace a single device and its external resistor bias network. the brt (bias resistor transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. the brt eliminates these individual components by integrating them into a single device. the use of a brt can reduce both system cost and board space. the device is housed in the sc-89 package which is designed for low power surface mount applications. ldta114eet1g series ? simplifies circuit design  reduces board space  reduces component count  the sc-89 package can be soldered using wave or reflow. the modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die.  sc-89 pin 3 collector (output) pin 2 emitter (ground) pin 1 base (input) r 1 r 2 leshan radio company, ltd. we declare that the material of product compliance with rohs requirements. maximum ratings (t a = 25 c unless otherwise noted) rating symbol value unit collector-base voltage v cbo 50 vdc collector-emitter voltage v ceo 50 vdc collector current i c 100 madc thermal characteristics rating symbol value unit total device dissipation, fr?4 board (note 1) @ t a = 25 c derate above 25 c p d 200 1.6 mw mw/ c thermal resistance, junction?to?ambient (note 1) r  ja 600 c/w total device dissipation, fr?4 board (note 2) @ t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction?to?ambient (note 2) r  ja 400 c/w junction and storage temperature range t j , t stg ?55 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. 1. fr?4 @ minimum pad. 2. fr?4 @ 1.0 1.0 inch pad. rev.o 1/12
leshan radio company, ltd. ordering information and resistor values device marking r1 (k) r2 (k) package shipping ? 6a 10 10 ldta114eet1g sc?89 3000 tape & reel 6b 22 22 ldta124eet1g sc?89 3000 tape & reel 6c 47 47 ldta144eet1g sc?89 3000 tape & reel 6d 10 47 ldta114yet1g sc?89 3000 tape & reel 6e 10 ldta114tet1g sc?89 3000 tape & reel 6f 4.7 ldta143tet1g sc?89 3000 tape & reel 6h 2.2 2.2 ldta123eet1g sc?89 3000 tape & reel 43 4.7 4.7 ldta143eet1g sc?89 3000 tape & reel 6k 4.7 47 ldta143zet1g sc?89 3000 tape & reel 6l 22 47 ldta124xet1g sc?89 3000 tape & reel 6m 2.2 47 ldta123jet1g sc?89 3000 tape & reel 6n 100 100 ldta115eet1g sc?89 3000 tape & reel 6p 47 22 ldta144wet1g sc?89 3000 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector?base cutoff current (v cb = 50 v, i e = 0) i cbo ? ? 100 nadc collector?emitter cutoff current (v ce = 50 v, i b = 0) i ceo ? ? 500 nadc (v eb = 6.0 v, i c ldta144eet1g ldta114yet1g ldta114tet1g ldta143tet1g ldta123eet1g ldta143eet1g ldta143zet1g ldta124xet1g ldta123jet1g ldta115eet1g ldta144wet1g i ebo ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0.5 0.2 0.1 0.2 0.9 1.9 2.3 1.5 0.18 0.13 0.2 0.05 0.13 madc collector?base breakdown voltage (i c = 10  a, i e = 0) v (br)cbo 50 ? ? vdc collector?emitter breakdown voltage (note 3) (i c = 2.0 ma, i b = 0) v (br)ceo 50 ? ? vdc 3. pulse test: pulse width < 300  s, duty cycle < 2.0% emitter?base cutoff current ldta114eet1g = 0) ldta124eet1g ldta114eet1g series rev.o 2/12
leshan radio company, ltd. electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit on characteristics (note 4) (v ce = 10 v, i c h fe 35 60 80 80 160 160 8.0 15 80 80 80 80 80 60 100 140 140 250 250 15 27 140 130 140 150 140 ? ? ? ? ? ? ? ? ? ? ? ? ? ? collector?emitter saturation voltage (i c = 10 ma, i e = 0.3 ma) (i c = 10 ma, i b (i c = 10 ma, i b ldta143zet1g/ldta124xet1g ldta143eet1g v ce(sat) ? ? 0.25 vdc output voltage (on) (v cc = 5.0 v, v b = 2.5 v, r l = 1.0 k  ldta114yet1g ldta114tet1g ldta143tet1g ldta123eet1g ldta143eet1g ldta143zet1g ldta124xet1g ldta123jet1g (v cc = 5.0 v, v b = 3.5 v, r l = 1.0 k  (v cc = 5.0 v, v b = 5.5 v, r l = 1.0 k  (v cc = 5.0 v, v b = 4.0 v, r l = 1.0 k  v ol ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 vdc 4. pulse test: pulse width < 300  s, duty cycle < 2.0% ldta144eet1g ldta114yet1g ldta114tet1g ldta143tet1g ldta123eet1g ldta143eet1g ldta143zet1g ldta124xet1g ldta123jet1g ldta115eet1g ldta144wet1g ldta114eet1g ldta124eet1g dc current gain = 5.0 ma) = 1 ma) ldta114tet1g/ldta143tet1g = 5 ma) ldta123eet1g ldta115eet1g ldta144wet1g ldta114eet1g ldta124eet1g ) ldta144eet1g ) ) ) output voltage (off) (v cc = 5.0 v, v b = 0.5 v, r l = 1.0 k  ) (v cc = 5.0 v, v b = 0.25 v, r l = 1.0 k  ) ldta114tet1g ldta143tet1g ldta123eet1g ldta143eet1g v oh 4.9 ? ? vdc input resistor ldta114eet1g r1 7.0 15.4 32.9 7.0 7.0 3.3 1.5 3.3 3.3 15.4 1.54 70 32.9 10 22 47 10 10 4.7 2.2 4.7 4.7 22 2.2 100 47 13 28.6 61.1 13 13 6.1 2.9 6.1 6.1 28.6 2.86 130 61.1 k  resistor ratio ldta114eet1g/ldta124eet1g ldta144eet1g/ldta115eet1g ldta114yet1g ldta114tet1g/ldta143tet1g ldta123eet1g/ldta143eet1g ldta143zet1g ldta124xet1g ldta123jet1g ldta144wet1g r 1 /r 2 0.8 0.17 ? 0.8 0.055 0.38 0.038 1.7 1.0 0.21 ? 1.0 0.1 0.47 0.047 2.1 1.2 0.25 ? 1.2 0.185 0.56 0.056 2.6 ? ldta144eet1g ldta114yet1g ldta114tet1g ldta143tet1g ldta123eet1g ldta143eet1g ldta143zet1g ldta124xet1g ldta123jet1g ldta115eet1g ldta144wet1g ldta124eet1g ldta114eet1g series rev.o 3/12
figure 1. derating curve 250 200 150 100 50 0 ?50 0 50 100 150 t a , ambient temperature ( c) p d , power dissipation (milliwatts) r  ja = 600 c/w 0.00001 0.0001 0.001 0.01 0.1 1.0 10 100 1000 0.001 0.01 0.1 1.0 r(t), normalized transient thermal resistance t, time (s) figure 2. normalized thermal response single pulse 0.01 0.02 0.05 0.1 0.2 d = 0.5 leshan radio company, ltd. ldta114eet1g series rev.o 4/12
typical electrical characteristics ? ldta114eet1g v in , input voltage (volts) i c , collector current (ma) h fe , dc current gain (normalized) figure 3. v ce(sat) versus i c 100 10 1 0.1 0.01 0.001 0 v in , input voltage (volts) t a =?25 c 25 c 1 2 3 4 5 6 7 8 9 10 figure 4. dc current gain figure 5. output capacitance figure 6. output current versus input voltage figure 7. input voltage versus output current 0.01 20 i c , collector current (ma) v ce(sat) , maximum collector voltage (volts) 0.1 1 0 40 50 1000 1 10 100 i c , collector current (ma) t a =75 c ?25 c 100 10 0 i c , collector current (ma) 0.1 1 10 100 10 20 30 40 50 t a =?25 c 25 c 75 c 75 c i c /i b = 10 50 010203040 4 3 1 2 v r , reverse bias voltage (volts) c ob , capacitance (pf) 0 t a =?25 c 25 c 75 c 25 c v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v leshan radio company, ltd. ldta114eet1g series rev.o 5/12
typical electrical characteristics ? ldta123eet1g 75 c 25 c ?25 c figure 8. v ce(sat) versus i c figure 9. dc current gain figure 10. output capacitance figure 11. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 12. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 30 25 20 15 10 5 0 i c , collector current (ma) 10 0 10 1 100 10 1 0.001 1000 v ce(sat) , collector voltage (volts) h fe , dc current gain 12 6 45 50 40 30 20 10 0 0 c ob , capacitance (pf) 2 4 8 10 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 1 0 9 8 7 10 15 10 5 0 0.1 1 20 25 v in , input voltage (volts) 75 c 25 c t a = ?25 c 75 c 25 c t a = ?25 c 75 c 25 c t a = ?25 c 0.01 35 25 15 5 0.01 0.1 i c /i b = 10 v ce = 10 v f = 1 mhz l e = 0 v t a = 25 c v o = 5 v v o = 0.2 v leshan radio company, ltd. ldta114eet1g series rev.o 6/12
leshan radio company, ltd. typical electrical characteristics ? ldta124eet1g v in , input voltage (volts) i c , collector current (ma) h fe , dc current gain (normalized) figure 13. v ce(sat) versus i c figure 14. dc current gain 1000 10 i c , collector current (ma) 100 10 1 100 figure 15. output capacitance i c , collector current (ma) 0 10 20 30 v o = 0.2 v t a =?25 c 75 c 100 10 1 0.1 40 50 figure 16. output current versus input voltage 100 10 1 0.1 0.01 0.001 0 1 2 3 4 v in , input voltage (volts) 5 6 7 8 9 10 figure 17. input voltage versus output current 0.01 v ce(sat) , maximum collector voltage (volts 0.1 1 10 40 i c , collector current (ma) 0 20 50 75 c 25 c t a =?25 c 50 010 203040 4 3 2 1 0 v r , reverse bias voltage (volts) c ob , capacitance (pf) 25 c i c /i b = 10 25 c ?25 c v ce = 10 v t a =75 c f = 1 mhz l e = 0 v t a = 25 c 75 c 25 c t a =?25 c v o = 5 v ldta114eet1g series rev.o 7/12
typical electrical characteristics ? ldta144eet1g v in , input voltage (volts) i c , collector current (ma) h fe , dc current gain (normalized) figure 18. v ce(sat) versus i c i c , collector current (ma) 1 0.1 0.01 010203040 75 c 25 c v ce(sat) , maximum collector voltage (volts ) figure 19. dc current gain 1000 100 10 1 10 100 i c , collector current (ma) ?25 c figure 20. output capacitance figure 21. output current versus input voltage 100 10 1 0.1 0.01 0.001 010 25 c v in , input voltage (volts) ?25 c 50 010203040 1 0.8 0.6 0.4 0.2 0 v r , reverse bias voltage (volts) c ob , capacitance (pf) 123456 789 figure 22. input voltage versus output current 100 10 1 0.1 0 10 20 30 40 i c , collector current (ma) t a =?25 c 25 c 75 c 50 i c /i b = 10 t a =?25 c 25 c t a =75 c f = 1 mhz l e = 0 v t a = 25 c v o = 5 v t a =75 c v o = 0.2 v leshan radio company, ltd. ldta114eet1g series rev.o 8/12
typical electrical characteristics ? ldta114yet1g 10 1 0.1 010 20 30 4050 100 10 1 0 246810 4.5 4 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8101520253035404550 v r , reverse bias voltage (volts) v in , input voltage (volts) i c , collector current (ma) h fe , dc current gain (normalized) figure 23. v ce(sat) versus i c i c , collector current (ma) 020406080 v ce(sat) , maximum collector voltage (volts) figure 24. dc current gain 1 10 100 i c , collector current (ma) figure 25. output capacitance figure 26. output current versus input voltage v in , input voltage (volts) c ob , capacitance (pf) figure 27. input voltage versus output current i c , collector current (ma) 1 0.1 0.01 0.001 ?25 c 25 c t a =75 c v ce = 10 v 180 160 140 120 100 80 60 40 20 0 2 4 6 8 15 20 40 50 60 70 80 90 f = 1 mhz l e = 0 v t a = 25 c load +12 v figure 28. inexpensive, unregulated current sourc e typical application for pnp brts 25 c i c /i b = 10 t a =?25 c t a =75 c 25 c ?25 c v o = 5 v v o = 0.2 v 25 c t a =?25 c 75 c 75 c leshan radio company, ltd. ldta114eet1g series rev.o 9/12
typical electrical characteristics ? ldta115eet1g 75 c 25 c ?25 c figure 29. maximum collector voltage versus collector current figure 30. dc current gain figure 31. output capacitance figure 32. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 33. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 7 6 5 4 3 2 1 0 i c , collector current (ma) 10 0 10 1 100 10 1 0.01 1000 v ce(sat) , maximum collector voltage (volts) h fe , dc current gain (normalized ) 1.2 0.6 60 50 40 30 20 10 0 0 c ob , capacitance (pf) 0.2 0.4 0.8 1.0 100 6 5 4 3 2 1 0 0.1 1 10 i c , collector current (ma) 1 0 9 8 7 100 12 10 8 6 4 2 0 1 10 18 16 14 20 v in , input voltage (volts) i c /i b = 10 75 c 25 c t a = ?25 c v ce = 10 v 75 c 25 c t a = ?25 c v o = 5 v v o = 0.2 v 75 c 25 c t a = ?25 c f = 1 mhz i e = 0 v t a = 25 c leshan radio company, ltd. ldta114eet1g series rev.o 10/12
typical electrical characteristics ? ldta144wet1g figure 34. maximum collector voltage versus collector current figure 35. dc current gain figure 36. output capacitance figure 37. output current versus input voltage v in , input voltage (volts) v r , reverse bias voltage (volts) figure 38. input voltage versus output current i c , collector current (ma) i c , collector current (ma) 1 0.1 35 30 25 20 15 10 5 0 i c , collector current (ma) 10 0 10 1 100 10 0.01 1000 v ce(sat) , maximum collector voltage (volts) h fe , dc current gain (normalized ) 1.4 0.6 60 50 40 30 20 10 0 0 c ob , capacitance (pf) 0.2 0.4 0.8 1.0 100 6 5 4 3 2 1 0 0.001 1 10 i c , collector current (ma) 1 1 9 8 7 100 15 10 5 0 1 10 20 25 v in , input voltage (volts) 50 45 40 0.1 0.01 10 1.2 f = 1 mhz i e = 0 v t a = 25 c 75 c 25 c t a = ?25 c v o = 5 v 75 c 25 c t a = ?25 c v o = 0.2 v 75 c 25 c t a = ?25 c i c /i b = 10 v ce = 10 v 75 c 25 c t a = ?25 c leshan radio company, ltd. ldta114eet1g series rev.o 11/12
g m 0.08 (0.003) x 3 x y es 1. mes erc er s y14.5m 1982. 2. cr mes mmeers 3. mxmm e cess ces e fs cess. mmm e cess s e mmm cess f bse mer. 4. 463c01 bsee e sr 463c02. b y 12 3 2 c se e dim a min nom min nom inches 1.50 1.60 1.70 0.059 millimeters b 0.75 0.85 0.95 0.030 c 0.60 0.70 0.80 0.024 d 0.23 0.28 0.33 0.009 g 0.50 bsc h 0.53 ref j 0.10 0.15 0.20 0.004 k 0.30 0.40 0.50 0.012 l 1.10 ref m ??? ??? 10 ??? n ??? ??? 10 ??? s 1.50 1.60 1.70 0.059 0.063 0.067 0.034 0.040 0.028 0.031 0.011 0.013 0.020 bsc 0.021 ref 0.006 0.008 0.016 0.020 0.043 ref ??? 10 ??? 10 0.063 0.067 max max     m h h l g recommended pattern of solder pads s sc - 8 9 leshan radio company, ltd. ldta114eet1g series rev.o 12/12


▲Up To Search▲   

 
Price & Availability of LDTA114EET1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X