Part Number Hot Search : 
8HC90 H11A3SVM 313003P 41500 MNR4G UM3483A P6KE68 F1040
Product Description
Full Text Search
 

To Download LBSS138DW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio com p an y , ltd. power mosfet 200 mamps, 50 volts nchannel sc88 t ypica l applications are dc?dc converters, power management in portabl e and battery?powered products such as computers, printers, pcmci a cards, cellular and cordless telephones. ? low threshold v oltage (v gs(th ) : 0.5 v ...1.5v) makes it ideal for low voltage applications ? miniature sc88 surface mount package saves board space symbol value unit draintosource voltage v dss 50 vdc gatetosource voltage continuous v gs 20 vdc drain current continuous @ t a = 2 5 c pulsed drain current (t p 10 m s) i d i dm 200 800 ma total power dissipation @ t a = 25 c p d 380 mw operating and storage temperature range t j , t stg 55 to 150 c thermal resistance junctiontoambient r q ja 328 c/w maximum lead temperature for soldering purposes, for 10 seconds t l 260 c rating maximum ratings (t a = 25 o c unless otherwise noted) ? pb?fre e package may be a vailable. the g?su f fix denotes a pb?free lead finish s-lbss138dw1t1g s 1 d 1 d 2 s 2 g 1 g 2 1 2 3 4 5 6 device marking shipping ordering information lbss138dw1t1g j1 3000 tape & reel lbss138dw1t1g j1 10000 tape & reel rev .o 1/5 lbss138dw1t1g ? s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-lbss138dw1t1g s-lbss138dw1t1g
leshan radio company, ltd. lbss138dw1t1g , s-lbss138dw1t1g electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics draintosource breakdown voltage (v g s = 0 vdc, i d = 250 m adc) v (br)dss 50 vdc zero gate voltage drain current (v d s = 25 vdc, v g s = 0 vdc) (v d s = 50 vdc, v g s = 0 vdc) i dss 0.1 0.5 m adc gatesource leakage current (v g s = 20 vdc, v d s = 0 vdc) i gss 0.1 m adc on characteristics (note 1.) gatesource threshold voltage (v d s = v g s , i d = 1.0 madc) v gs(th) 0.5 1.5 vdc static draintosource onresistance (v g s = 2.75 vdc, i d < 200 madc, t a = 4 0 c to +85 c) (v g s = 5.0 vdc, i d = 200 madc) r ds(on) 5.6 10 3.5 ohms input capacitance (v d s = 25 vdc, v g s = 0, f = 1 mhz) c iss 42 pf output capacitance (v d s = 25 vdc, v g s = 0, f = 1 mhz) c o s s 15 transfer capacitance (v dg = 25 vdc, v g s = 0, f = 1 mhz) c rss 3 switching characteristics (note 2.) turnon delay time (v t d(on) 5 ns turnoff delay time (v dd = 30 vdc, i d = 0.2 adc,) t d(o f f) 7 1. pulse test: pulse width 300 m s, duty cycle 2%. 2. switching characteristics are independent of operating junction temperature. dynamic characteristics rev .o 2/5
leshan radio company, ltd. typical characteristics (t a =25 noted) rev .o 3/5 lbss138dw1t1g , s-lbss138dw1t1g
leshan radio company, ltd. typical characteristics (t a =25 noted) rev .o 4/5 lbss138dw1t1g , s-lbss138dw1t1g
leshan radio company, ltd. leshan radio company, ltd. sc?88 (sot?363) case 419b?02 issue t style 1: pin 1. emitter 2 2. base 2 3. collector 1 4. emitter 1 5. base 1 6. collector 2 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419b?01 obsolete, new standard 419b?02. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h ??? 0.10 ??? 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 123 a g s h c n j k 654 ?b? d 6 pl scale 20:1 0.50 0.0197 1.9 0.0748 0.65 0.025 0.65 0.025 0.40 0.0157  mm inches  soldering footprint* rev .o 5/5 lbss138dw1t1g , s-lbss138dw1t1g


▲Up To Search▲   

 
Price & Availability of LBSS138DW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X