Part Number Hot Search : 
MBR840D GDXXXX 333GD ON2178 BRF10 C550A DM0765 GRM219
Product Description
Full Text Search
 

To Download IRL2505PBF-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
     
   
      
        !"
 "
#
  $ %  $#  
  
 
 
  
    
 !
 
 
 "# $ #       
   % 
&'(
 ) 
$
  
  
  
 #
   
    " '!**+ 
 


  
 !  
       
      
 ,+ " 
 
      )      '!**+  
#      
  
" 
      ?     s d g   &
 to-220ab absolute maximum ratings parameter max. units i d @ t c = 25c continuous drain current, v gs @ 10v 104  i d @ t c = 100c continuous drain current, v gs @ 10v 74 a i dm pulsed drain current  360 p d @t c = 25c power dissipation 200 w linear derating factor 1.3 w/c v gs gate-to-source voltage 16 v e as single pulse avalanche energy  500 mj i ar avalanche current  54 a e ar repetitive avalanche energy  20 mj dv/dt peak diode recovery dv/dt  5.0 v/ns t j operating junction and 55 to + 175 t stg storage temperature range c soldering temperature, for 10 seconds 300 (1.6mm from case ) parameter typ. max. units r jc junction-to-case ??? 0.75 r cs case-to-sink, flat, greased surface 0.50 ??? c/w thermal resistance ??? 62 r ja juction-to-ambient mounting torque, 6-32 or m3 srew 10 lbf?in (1.1n?m) www.irf.com 1 8/3/04   $

 2 www.irf.com   
 
    
 
   


     
  
     


      !   
"
 #
  !
 $$ %%% %%% ! !  &'!()  &*$'+, ?    ?   #
  !
 - 
    %%% '-'$ %%% !./ 0 
*$/()  &1, %%% %%% '-''2 !  &1'!()  &$ ,  %%% %%% '-'1' ? !  &$-'!()  &$ ,  %%% %%% '-'1 !  & -'!()  & $,  !   3 
 !
 1-' %%% *-' ! !  &!  ()  &*$'+, 
4
   
  $ %%% %%% " !  &*$!()  &$ , %%% %%% *$ !  &$$!(!  &'! %%% %%% *$' !  & !(!  &'!( &1$'/ 3
"
 4
  5 %%% %%% 1'' , !  &16! 3
"
 07  5 %%% %%% 1'' !  &16! 8 
3 %%% %%% 1' )  &$ , 8 3
"
  %%% %%% *$  !  & ! 8  3
 9:; :< %%% %%% 6= !  &$-'!("4 -6 1     > ?  %%% 1* %%% !  &*2!   0   %%% 16' %%% )  &$ ,  
  >?  %%%  %%% 0  &1- ?, !  &$-'! 
4  %%% 2 %%% 0  &'-$' ?, "4 -1'  #   ( %%% %%%    
  
   )    %%% $''' %%% !  &'!   >   %%% 11'' %%% 4 !  &*$!   07       %%% ' %%% @&1-';ab("4 -$      
  a 0  "   
"
 > 0   5  )  "
)   =-$ )   
"
5  +,   


      )  
 
 "
   ;>"4c ?
 9#
?
< %%% %%% 
      d  "
    7  9#
?
<  %%% %%%   

- !  
 4
  !
 %%% %%% 1- !  &*$/()  &$ ,(!  &'!    07 0
7?  %%% 1 ' *1'  &*$/()  &$ , 8  07  0
7?  %%% 6$' ='  . &1'',.+     4
   >    )   
     9 
 
  ?5  e5  <   
 

   s d g , 1'  6'  d   ''+  ?? *f-   i sd $ ,( .  *',.+ (!  !  (   1=$/  !  &*$!(    &*$/(5&* '+a 0  &*$ ? ()  &$ ,-9"4 1*<  0  7      ?  - 
-9" -11< ) 
 www.irf.com 3  
      
          !     
     1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse width t = 25c j vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse width t = 175c vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v j 1 10 100 1000 2.5 3.5 4.5 5.5 6.5 7.5 t = 25c j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) t = 175c j a v = 25v 20s pulse width ds -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 5v 90a
 4 www.irf.com 
 
"     #$ %   
    !   "  %   &' "  %(   
)% ! ) "  % 0 2000 4000 6000 8000 10000 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 3 6 9 12 15 0 40 80 120 160 200 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 13 i = 54a v = 44v v = 28v d ds ds 10 100 1000 0.4 0.8 1.2 1.6 2.0 2.4 2.8 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c single pulse c j
 www.irf.com 5  &'   !      "$   %      v ds 90% 10% v gs t d(on) t r t d(off) t f  "$   % *+  &' ,  +   -  ./      1   0.1 % !  0  -g-- $-'! + - !  25 50 75 100 125 150 175 0 20 40 60 80 100 120 t , case temperature ( c) i , drain current (a) c d limited by package 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)
 6 www.irf.com   0  -  +       0  -  +*+  1 )%*+ v ds l d.u.t. v dd i as t p 0.01 ? r g + - t p v ds i as v dd v (br)dss  !" d.u.t. v ds i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  )%     q g q gs q gd v g charge !2   &' (+ ,%
 !   0 200 400 600 800 1000 1200 25 50 75 100 125 150 175 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 25v i top 22a 38a bottom 54a dd d
 www.irf.com 7  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -  #3,4#, " 5 !  &$!
5
 577     0  !  ? 7. 

 ?0  ?  7 ? -g-- ? )  

 ??4
:: ? -g--7 g   

  5?


? 5
"?)    ? 3
 d   ? 5
5)      
  5
 8 www.irf.com ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 08/04 data and specifications subject to change without notice. this product has been designed and qualified for the industrial market qualification standards can be found on ir?s web site. lead assignments 1 - gate 2 - drain 3 - source 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) min 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 outline conforms to jedec outline to-220ab. 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. hexfet 1- gate 2- drain 3- source 4- drain lead assignments igbts, copack 1- gate 2- collector 3- emitter 4- collector 

  dimensions are shown in millimeters (inches) 

  
 example: in the assembly line "c" t his is an irf 1010 lot code 1789 as s e mb le d on ww 19, 1997 part number as s e mb l y lot code dat e code ye ar 7 = 1997 line c week 19 logo re ct if ie r int e rnat ional note: "p" in assembly line position indicates "lead-free"
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRL2505PBF-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X