Part Number Hot Search : 
M48T128Y D74HC W5500 74AHC1G PP1DD 22041 GS431BI TDA7298
Product Description
Full Text Search
 

To Download IRFP4227PBF-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 09/14/07 irfp4227pbf notes   through  are on page 8 description  hexfet ? power mosfet  
   
  

 




  mosfet  
 
 !
 


    
" 
 
  mosfet 
#$%&' 
(

 
)

*   
* 
) mosfet 
  +*
  
*    
 
 s d g  gds gate drain source absolute maximum ratings parameter units v gs gate-to-source voltage v i d @ t c = 25c continuous drain current, v gs @ 10v a i d @ t c = 100c continuous drain current, v gs @ 10v i dm pulsed drain current i rp @ t c = 100c repetitive peak current  p d @t c = 25c power dissipation w p d @t c = 100c power dissipation linear derating factor w/c t j operating junction and c t stg storage temperature range soldering temperature for 10 seconds mounting torque, 6-32 or m3 screw n thermal resistance parameter typ. max. units r jc junction-to-case  ??? 0.45 r cs case-to-sink, flat, greased surface 0.50 ??? c/w r ja junction-to-ambient  ??? 62 max. 46 260 65 30 130 300 -40 to + 175 10lb  in (1.1n  m) 330 190 2.2 features  advanced process technology  key parameters optimized for pdp sustain, energy recovery and pass switch applications  low e pulse rating to reduce power dissipation in pdp sustain, energy recovery and pass switch applications  low q g for fast response  high repetitive peak current capability for reliable operation  short fall & rise times for fast switching  175c operating junction temperature for improved ruggedness  repetitive avalanche capability for robustness and reliability to-247ac s d g d v ds max 200 v v ds (avalanche) typ. 240 v r ds(on) typ. @ 10v 21 m i rp max @ t c = 100c 130 a t j max 175 c key parameters 
 2 www.irf.com s d g electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv dss drain-to-source breakdown voltage 200 ??? ??? v ? v dss / ? t j breakdown voltage temp. coefficient ??? 170 ??? mv/c r ds(on) static drain-to-source on-resistance ??? 21 25 m ? v gs(th) gate threshold voltage 3.0 ??? 5.0 v ? v gs(th) / ? t j gate threshold voltage coefficient ??? -13 ??? mv/c i dss drain-to-source leakage current ??? ??? 20 a ??? ??? 1.0 ma i gss gate-to-source forward leakage ??? ??? 100 na gate-to-source reverse leakage ??? ??? -100 g fs forward transconductance 49 ??? ??? s q g total gate charge ??? 70 98 nc q gd gate-to-drain charge ??? 23 ??? t d(on) turn-on delay time ??? 33 ??? t r rise time ??? 20 ??? ns t d(off) turn-off delay time ??? 21 ??? t f fall time ??? 31 ??? t st shoot through blocking time 100 ??? ??? ns e pulse energy per pulse j c iss input capacitance ??? 4600 ??? c oss output capacitance ??? 460 ??? pf c rss reverse transfer capacitance ??? 91 ??? c oss eff. effective output capacitance ??? 360 ??? l d internal drain inductance ??? 5.0 ??? between lead, nh 6mm (0.25in.) l s internal source inductance ??? 13 ??? from package avalanche characteristics parameter units e as single pulse avalanche energy mj e ar repetitive avalanche energy  mj v ds(avalanche) repetitive avalanche voltage  v i as avalanche current  a diode characteristics parameter min. typ. max. units i s @ t c = 25c continuous source current ??? ??? 65 (body diode) a i sm pulsed source current ??? ??? 260 (body diode)  v sd diode forward voltage ??? ??? 1.3 v t rr reverse recovery time ??? 100 150 ns q rr reverse recovery charge ??? 430 640 nc mosfet symbol v ds = 25v, i d = 46a v dd = 100v, i d = 46a, v gs = 10v  conditions and center of die contact v dd = 160v, v gs = 15v, r g = 4.7 ? v ds = 160v, r g = 4.7 ?, t j = 25c l = 220nh, c= 0.4f, v gs = 15v v ds = 160v, r g = 4.7 ?, t j = 100c v ds = 25v v ds = v gs , i d = 250a v ds = 200v, v gs = 0v v gs = 0v, v ds = 0v to 160v v ds = 200v, v gs = 0v, t j = 125c v gs = 20v v gs = -20v v gs = 0v l = 220nh, c= 0.4f, v gs = 15v conditions v gs = 0v, i d = 250a reference to 25c, i d = 1ma v gs = 10v, i d = 46a  t j = 25c, i f = 46a, v dd = 50v di/dt = 100a/s  t j = 25c, i s = 46a, v gs = 0v  showing the integral reverse p-n junction diode. typ. max. ? = 1.0mhz, ??? 140 33 39 ??? ??? 240 ??? ??? 570 ??? ??? 910 ??? v dd = 100v, v gs = 10v  i d = 46a r g = 2.5 ? see fig. 22
 www.irf.com 3 fig 6. typical e pulse vs. drain current fig 5. typical e pulse vs. drain-to-source voltage fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature 3.0 4.0 5.0 6.0 7.0 8.0 v gs , gate-to-source voltage (v) 0.1 1.0 10.0 100.0 1000.0 i d , d r a i n - t o - s o u r c e c u r r e n t ( ) v ds = 25v 60s pulse width t j = 25c t j = 175c -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , junction temperature (c) 0.0 1.0 2.0 3.0 4.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 46a v gs = 10v 130 140 150 160 170 180 190 i d, peak drain current (a) 0 200 400 600 800 1000 e n e r g y p e r p u l s e ( j ) l = 220nh c = variable 100c 25c 110 120 130 140 150 160 170 v ds, drain-to -source voltage (v) 100 200 300 400 500 600 700 800 900 1000 e n e r g y p e r p u l s e ( j ) l = 220nh c = 0.4f 100c 25c 0.1 1 10 v ds , drain-to-source voltage (v) 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60s pulse width tj = 175c 7.0v vgs top 15v 10v 8.0v bottom 7.0v 0.1 1 10 v ds , drain-to-source voltage (v) 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 60s pulse width tj = 25c 7.0v vgs top 15v 10v 8.0v bottom 7.0v
 4 www.irf.com fig 11. maximum drain current vs. case temperature fig 8. typical source-drain diode forward voltage fig 12. maximum safe operating area fig 7. typical e pulse vs.temperature fig 10. typical gate charge vs.gate-to-source voltage fig 9. typical capacitance vs.drain-to-source voltage 25 50 75 100 125 150 temperature (c) 0 200 400 600 800 1000 1200 1400 e n e r g y p e r p u l s e ( j ) l = 220nh c= 0.4f c= 0.3f c= 0.2f 0.2 0.4 0.6 0.8 1.0 1.2 v sd , source-to-drain voltage (v) 0.1 1.0 10.0 100.0 1000.0 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 1 10 100 1000 v ds , drain-to-source voltage (v) 0 2000 4000 6000 8000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0 20 40 60 80 100 120 q g total gate charge (nc) 0 4 8 12 16 20 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 160v v ds = 100v v ds = 40v i d = 46a 25 50 75 100 125 150 175 t c , casetemperature (c) 0 10 20 30 40 50 60 70 i d , d r a i n c u r r e n t ( a ) 1 10 100 1000 v ds , drain-to-source voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1sec 10sec operation in this area limited by r ds (on) 100sec
 www.irf.com 5 1e-006 1e-005 0.0001 0.001 0.01 0.1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc fig 17. maximum effective transient thermal impedance, junction-to-case fig 15. threshold voltage vs. temperature fig 14. maximum avalanche energy vs. temperature fig 13. on-resistance vs. gate voltage fig 16. typical repetitive peak current vs. case temperature ri (c/w) i (sec) 0.08698 0.000074 0.2112 0.001316 0.1506 0.009395 j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 c ci i / ri ci= i / ri -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 v g s ( t h ) g a t e t h r e s h o l d v o l t a g e ( v ) i d = 250a 25 50 75 100 125 150 175 case temperature (c) 0 40 80 120 160 200 r e p e t i t i v e p e a k c u r r e n t ( a ) ton= 1s duty cycle = 0.25 half sine wave square pulse 5 6 7 8 9 10 v gs , gate-to-source voltage (v) 0.00 0.04 0.08 0.12 0.16 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ? ) t j = 25c t j = 125c i d = 46a 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 100 200 300 400 500 600 e a s , s i n g l e p u l s e a v a l a n c h e e n e r g y ( m j ) i d top 8.6a 14a bottom 39a
 6 www.irf.com fig 18. 
    
     for n-channel hexfet   power mosfets 
   ?  
    ?      ?            p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop re-applied voltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period    
 
  + - + + + - - -        ?   
  ?  
 !"!! ?     

#  $$ ? !"!!%"         fig 19b. unclamped inductive waveforms fig 19a. unclamped inductive test circuit t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v v gs fig 20a. gate charge test circuit fig 20b. gate charge waveform vds vgs id vgs(th) qgs1 qgs2 qgd qgodr 1k vcc dut 0 l
 www.irf.com 7 fig 21a. t st and e pulse test circuit fig 21b. t st test waveforms fig 21c. e pulse test waveforms driver dut l c vcc rg rg b a ipulse pulse a pulse b t st fig 22a. switching time test circuit fig 22b. switching time waveforms    &' 1 ( 
#   0.1 %          + -   v ds 90% 10% v gs t d(on) t r t d(off) t f
 8 www.irf.com data and specifications subject to change without notice. this product has been designed and qualified for the industrial market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 09/2007 
  repetitive rating; pulse width limited by max. junction temperature.   starting t j = 25c, l = 0.18mh, r g = 25 ? , i as = 39a.  pulse width 400s; duty cycle 2%.  r is measured at t j of approximately 90c.  half sine wave with duty cycle = 0.25, ton=1sec. to-247ac package is not recommended for surface mount application. 
     
    
      
    
  
 

    
       !" #$%& 
  
    ##%&' () *+,-,.(( / ) #

 % 
 &0&1 note: for the most current drawing please refer to ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRFP4227PBF-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X