Part Number Hot Search : 
MAX5901L JMS578 UPD720 ZMM55C6V UPD720 HYM324 AV3842A 105K0
Product Description
Full Text Search
 

To Download IRF200B211-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  strong ir fet? irf200b211 hexfet ? power mosfet d s g application ? ? brushed motor drive applications ? ? bldc motor drive applications ?? battery powered circuits ? ? half-bridge and full-bridge topologies ? ? synchronous rectifier applications ? ? resonant mode power supplies ? ? dc/dc and ac/dc converters ? ? dc/ac inverters benefits ? ? improved gate, avalanche and dynamic dv/dt ruggedness ? ? fully characterized capacitance and avalanche soa ? ? enhanced body diode dv/dt and di/dt capability ? ? lead-free* ?? rohs compliant, halogen-free v dss 200v r ds(on) typ. 135m ?? max 170m ?? i d (silicon limited) 12a ? fig 1. typical on-resistance vs. gate voltage fig 2. maximum drain current vs. case temperature to-220ab irf200b211 s d g g d s gate drain source base part number package type standard pack orderable part number form quantity irf200b211 to-220 tube 50 irf200b211 2 4 6 8 10 12 14 16 18 20 v gs, gate -to -source voltage (v) 100 150 200 250 300 350 400 450 500 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) i d = 7.2a t j = 25c t j = 125c 25 50 75 100 125 150 175 t c , case temperature (c) 0 2 4 6 8 10 12 14 i d , d r a i n c u r r e n t ( a ) 1 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015
? irf200b211 2 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 absolute maximum rating symbol parameter max. units i d @ t c = 25c continuous drain current, vgs @ 10v (silicon limited) 12 a ? i d @ t c = 100c continuous drain current, v gs @ 10v (silicon limited) 9.0 i dm pulsed drain current ?? 34 p d @t c = 25c maximum power dissipation 80 w linear derating factor 0.53 w/c v gs gate-to-source voltage 20 v t j t stg operating junction and storage temperature range -55 to + 175 ? c ? soldering temperature, for 10 seconds (1.6mm from case) 300 mounting torque, 6-32 or m3 screw 10 lbfin (1.1 nm) ? static @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 200 ??? ??? v v gs = 0v, i d = 250a ? v (br)dss / ? t j breakdown voltage temp. coefficient ??? 0.21 ??? v/c reference to 25c, i d = 1ma ? r ds(on) static drain-to-source on-resistance ??? 135 170 m ??? v gs = 10v, i d = 7.2a ? v gs(th) gate threshold voltage 3.0 ??? 4.9 v v ds = v gs , i d = 50a i dss drain-to-source leakage current ??? ??? 20 a v ds = 200v, v gs = 0v ??? ??? 250 v ds = 160v,v gs = 0v,t j =125c i gss gate-to-source forward leakage ??? ??? 100 na v gs = 20v gate-to-source reverse leakage ??? ??? -100 v gs = -20v r g gate resistance ??? 2.7 ??? ?? notes: ? repetitive rating; pulse width limited by max. junction temperature. ?? limited by t jmax , starting t j = 25c, l = 3.4mh, r g = 50 ? , i as = 7.2a, v gs =10v. ? i sd ? 7.2a, di/dt ? 1184a/s, v dd ? v (br)dss , t j ? 175c. ? pulse width ? 400s; duty cycle ? 2%. ? c oss eff. (tr) is a fixed capacitance that gives the same c harging time as c oss while v ds is rising from 0 to 80% v dss . ?? c oss eff. (er) is a fixed capacitance that gives the same energy as c oss while vds is rising from 0 to 80% v dss . ? r ? is measured at t j approximately 90c. ?? limited by t jmax , starting t j = 25c, l = 1.0mh, r g = 50 ? , i as = 11.5a, v gs =10v. ? this value determined from sample failure population, starting t j = 25c, l= 3.4mh, r g = 50 ? , i as = 7.2a, v gs =10v. avalanche characteristics ? e as (thermally limited) single pulse avalanche energy ?? 88 e as (thermally limited) single pulse avalanche energy ?? 72 i ar avalanche current ? see fig 15, 16, 23a, 23b ? a e ar repetitive avalanche energy ? mj mj e as (tested) single pulse avalanche energy tested value ?? 98 thermal resistance ? symbol parameter typ. max. units r ? jc junction-to-case ?? ??? 1.88 c/w ? r ? cs case-to-sink, flat greased surface 0.50 ??? r ? ja junction-to-ambient ? ??? 62
? irf200b211 3 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 dynamic electrical characteristics @ t j = 25c (unless otherwise specified) symbol parameter min. typ. max. units conditions gfs forward transconductance 13 ??? ??? s v ds = 50v, i d = 7.2a q g total gate charge ??? 15.3 23 i d = 7.2a q gs gate-to-source charge ??? 5.1 ??? v ds = 100v q gd gate-to-drain charge ??? 5.6 ??? v gs = 10v ? q sync total gate charge sync. (qg? qgd) ??? 10.2 ??? t d(on) turn-on delay time ??? 6.5 ??? ns v dd = 130v t r rise time ??? 9.5 ??? i d = 7.2a t d(off) turn-off delay time ??? 11.3 ??? r g = 2.7 ?? t f fall time ??? 6.5 ??? v gs = 10v ? c iss input capacitance ??? 790 ??? pf ? v gs = 0v c oss output capacitance ??? 62 ??? v ds = 50v c rss reverse transfer capacitance ??? 21 ??? ? = 1.0mhz, see fig.tbd c oss eff.(er) effective output capacitance (energy related) ??? 66 ??? v gs = 0v, vds = 0v to 160v ? c oss eff.(tr) output capacitance (time related) ??? 83 ??? v gs = 0v, vds = 0v to 160v ? diode characteristics ? symbol parameter min. typ. max. units conditions i s continuous source current ??? ??? 12 a mosfet symbol (body diode) showing the i sm pulsed source current ??? ??? 34 integral reverse (body diode) ??? p-n junction diode. v sd diode forward voltage ??? 1.3 v t j = 25c, i s = 7.2a,v gs = 0v ?? dv/dt peak diode recovery dv/dt ?? ??? 32.5 ??? v/ns t j =175c,i s = 7.2a,v ds = 200v t rr reverse recovery time ??? 68 ??? ns t j = 25c v dd = 100v ??? 83 ??? t j = 125c i f = 7.2a, q rr reverse recovery charge ??? 195 ??? nc t j = 25c di/dt = 100a/s ??? ??? 280 ??? t j = 125c ? i rrm reverse recovery current ??? 4.3 ??? a t j = 25c ? nc ? d s g
? irf200b211 4 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 fig 6. normalized on-resistance vs. temperature fig 5. typical transfer characteristics fig 4. typical output characteristics fig 3. typical output characteristics fig 7. typical capacitance vs. drain-to-source voltage fig 8. typical gate charge vs.gate-to-source voltage 1 10 100 1000 v ds , drain-to-source voltage (v) 10 100 1000 10000 c , c a p a c i t a n c e ( p f ) v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd c oss c rss c iss 0 4 8 12 16 20 24 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 v g s , g a t e - t o - s o u r c e v o l t a g e ( v ) v ds = 160v v ds = 100v vds= 40v i d = 7.2a -60 -20 20 60 100 140 180 t j , junction temperature (c) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( n o r m a l i z e d ) i d = 7.2a v gs = 10v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) vgs top 15v 10v 7.0v 6.0v 5.5v 5.25v bottom 5.0v ? 60s pulse width tj = 25c 5.0v 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) ? 60s pulse width tj = 175c 5.0v vgs top 15v 10v 7.0v 6.0v 5.5v 5.25v bottom 5.0v 2 3 4 5 6 7 8 v gs , gate-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a )
? irf200b211 5 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 fig 10. maximum safe operating area fig 9. typical source-drain diode forward voltage fig 13. typical on? resistance vs. drain current fig 11. drain-to-source breakdown voltage fig 12. typical c oss stored energy 0 10 20 30 40 i d , drain current (a) 100 200 300 400 500 600 700 800 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( m ? ) vgs = 6.0v vgs = 7.0v vgs = 8.0v vgs = 10v -60 -40 -20 0 20 40 60 80 100 120 140 160 180 t j , temperature ( c ) 175 200 225 250 v ( b r ) d s s , d r a i n - t o - s o u r c e b r e a k d o w n v o l t a g e ( v ) id = 1.0ma 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 175c single pulse 1msec 10msec operation in this area limited by rds (on) 100sec dc 0.2 0.4 0.6 0.8 1.0 1.2 v sd , source-to-drain voltage (v) 0.1 1 10 100 i s d , r e v e r s e d r a i n c u r r e n t ( a ) t j = 25c t j = 175c v gs = 0v 0 20 40 60 80 100 120 140 160 180 200 v ds, drain-to-source voltage (v) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 e n e r g y ( j )
? irf200b211 6 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 fig 14. maximum effective transient thermal impedance, junction-to-case notes on repetitive avalanche curves , figures 15, 16: (for further info, see an-1005 at www.irf.com) 1.avalanche failures assumption: purely a thermal phenomenon and failure occurs at a temperature far in excess of t jmax . this is validated for every part type. 2. safe operation in avalanche is allowed as long ast jmax is not exceeded. 3. equation below based on circuit and waveforms shown in figures 23a, 23b. 4. p d (ave) = average power dissipation per single avalanche pulse. 5. bv = rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. i av = allowable avalanche current. 7. ? t = allowable rise in junction temperature, not to exceed t jmax (assumed as 25c in figure 14, 15). t av = average time in avalanche. d = duty cycle in avalanche = tav f z thjc (d, t av ) = transient thermal resistance, see figures 14) pd (ave) = 1/2 ( 1.3bvi av ) = ? t/ z thjc i av = 2 ? t/ [1.3bvz th ] e as (ar) = p d (ave) t av ?? fig 16. maximum avalanche energy vs. temperature fig 15. avalanche current vs. pulse width 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r ma l r e s p o n s e ( z t h j c ) c / w 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc 25 50 75 100 125 150 175 starting t j , junction temperature (c) 0 20 40 60 80 100 e a r , a v a l a n c h e e n e r g y ( m j ) top single pulse bottom 1.0% duty cycle i d = 7.2a 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 tav (sec) 0.1 1 10 100 a v a l a n c h e c u r r e n t ( a ) allowed avalanche current vs avalanche pulsewidth, tav, assuming ?? j = 25c and tstart = 150c. allowed avalanche current vs avalanche pulsewidth, tav, assuming ? tj = 150c and tstart = 25c (single pulse)
? irf200b211 7 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 fig 21. typical stored charge vs. dif/dt fig 20. typical stored charge vs. dif/dt fig 19. typical recovery current vs. dif/dt fig 18. typical recovery current vs. dif/dt -75 -50 -25 0 25 50 75 100 125 150 175 t j , temperature ( c ) 1.0 2.0 3.0 4.0 5.0 6.0 v g s ( t h ) , g a t e t h r e s h o l d v o l t a g e ( v ) i d = 50a id = 100a i d = 250a i d = 1.0ma 100 200 300 400 500 600 700 800 900 1000 di f /dt (a/s) 0 5 10 15 20 25 i r r m ( a ) i f = 4.8a v r = 100v t j = 25c t j = 125c 100 200 300 400 500 600 700 800 900 1000 di f /dt (a/s) 0 5 10 15 20 25 i r r m ( a ) i f = 7.2a v r = 100v t j = 25c t j = 125c fig 17. threshold voltage vs. temperature 100 200 300 400 500 600 700 800 900 1000 di f /dt (a/s) 0 100 200 300 400 500 600 700 q r r ( n c ) i f = 4.8a v r = 100v t j = 25c t j = 125c 100 200 300 400 500 600 700 800 900 1000 di f /dt (a/s) 0 100 200 300 400 500 600 700 q r r ( n c ) i f = 7.2a v r = 100v t j = 25c t j = 125c
? irf200b211 8 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 fig 22. peak diode recovery dv/dt test circuit for n-channel hexfet ? power mosfets fig 23a. unclamped inductive test circuit r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 20v fig 24a. switching time test circuit fig 25a. gate charge test circuit t p v (br)dss i as fig 23b. unclamped inductive waveforms fig 24b. switching time waveforms vds vgs id vgs(th) qgs1 qgs2 qgd qgodr fig 25b. gate charge waveform vdd ?
? irf200b211 9 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 to-220ab package outline (dimensions are shown in millimeters (inches)) to-220ab part marking information note: for the most current drawing please refer to ir website at http://www.irf.com/package/ in t e r n a t io n a l part number r e c t if ie r lo t c o d e assem bly lo g o year 0 = 2000 date code w eek 19 lin e c lot code 1789 e x a m p l e : t h is is a n ir f 1 0 1 0 n o te : "p " in a s s e m b ly lin e p o s itio n indicates "lead - free" in th e assem bly lin e "c " assem bled o n w w 19, 2000 to-220ab packages are not recommended for surface mount application .
? irf200b211 10 www.irf.com ? 2015 international rectifier submit datasheet feedback march 31, 2015 ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability/ ?? applicable version of jedec standar d at the time of product release. qualification information ? ? qualification level ? industrial (per jedec jesd47f) ?? moisture sensitivity level to-220 n/a rohs compliant yes ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/


▲Up To Search▲   

 
Price & Availability of IRF200B211-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X