Part Number Hot Search : 
45F2R0 D3305 AD7760 DS1012 LQFP208 IC16F1 C100B D1027
Product Description
Full Text Search
 

To Download IH2405S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01-sep-11 specification 2 watts ? dual output ? sip or dip package ? 1000 vdc isolation ? optional 30006000 vdc isolation ? mtbf >1.1 mhrs ? 40 c to +85 c operation ? 3 year warranty ih series input input voltage range ? nominal 10% input reflected ? 20 ma pk-pk through 12 h inductor, ripple current 5hz to 20 mhz input reverse voltage ? none protection input filter ? capacitor output output voltage ? see table minimum load ? none (3) line regulation ? 1.2%/1% ? vin load regulation ? 10% 20-100% load change (3.3 v models 20%) setpoint accuracy ? 3% ripple & noise ? 75 mv pk-pk max, 20 mhz bandwidth temperature coefficient ? 0.02%/c maximum capacitive ? 220 f load cross regulation ? 3.3 v and 5 v: 8%, all others: 5% (4) general efficiency ? see table isolation voltage ? 1000 vdc (2) isolation resistance ? 10 9 ? isolation capacitance ? 60 pf typical mtbf ? >1.1 mhrs to mil-hdbk-217f at 25 c, gb environmental operating temperature ? -40 c to +85 c storage temperature ? -40 c to +125 c case temperature ? 100 c max cooling ? convection-cooled xppower.com input voltage no load input current output voltage output current efficiency model number (1,2) 5 vdc 30 ma 3.3 v 200 ma 65% ih0503s 30 ma 5.0 v 200 ma 72% ih0505s 30 ma 9.0 v 111 ma 77% ih0509s 30 ma 12.0 v 84 ma 78% ih0512s 30 ma 15.0 v 66 ma 80% ih0515s 30 ma 24.0 v 42 ma 80% ih0524s 12 vdc 20 ma 3.3 v 200 ma 67% ih1203s 20 ma 5.0 v 200 ma 75% ih1205s 20 ma 9.0 v 111 ma 77% ih1209s 20 ma 12.0 v 84 ma 82% ih1212s 20 ma 15.0 v 66 ma 82% ih1215s 20 ma 24.0 v 42 ma 82% ih1224s 24 vdc 10 ma 3.3 v 200 ma 68% ih2403s 10 ma 5.0 v 200 ma 75% IH2405S 10 ma 9.0 v 111 ma 80% ih2409s 10 ma 12.0 v 84 ma 82% ih2412s 10 ma 15.0 v 66 ma 82% ih2415s 10 ma 24.0 v 42 ma 82% ih2424s 48 vdc 6 ma 3.3 v 200 ma 60% ih4803s 6 ma 5.0 v 200 ma 73% ih4805s 6 ma 9.0 v 111 ma 77% ih4809s 6 ma 12.0 v 84 ma 80% ih4812s 6 ma 15.0 v 66 ma 80% ih4815s 6 ma 24.0 v 42 ma 80% ih4824s mechanical details +vin +vin -vout -vout 0v 0v +vout +vout -vin -vin nc 0.76 (19.5) 0.50 (12.7) 0.09 (2.29) 0.28 (7.2) max 0.01 (0.25) max sip package dip package 1000 v versions 0.80 (20.32) max 0.40 (10.16) 0.60 (15.24) 0.30 (7.62) 0.20 (5.08) 0.10 (2.54) 0.30 (7.62) 0.01 (0.25) +vin -vout 0v +vout -vin 0.60 (15.24) +vin -vout 0v +vout -vin nc 0.76 (19.5) max 0.30 (7.62) max 0.09 (2.29) 0.01 (0.25) max 0.40 (10.16) 0.01 (0.25) 0.60 (15.24) 0.10 (2.54) 0.30 (7.62) 0.80 (20.32) 3000 v versions > 0.40 (10.16) max 0.12 (3.05) min 0.10 (2.54) 0.02 (0.50) 0.015 (0.38) 0.27 (6.88) 0.12 (3.05) max 1. for dip package, replace s with d in model number. 2. add suffix h to model number for 3000 vdc isolation. for higher vdc isolation, add suffix hx to model number where x=4 for 4000 vdc isolation, x=5 for 5200 vdc isolation and x=6 for 6000 vdc isolation. 3. operation at no load will not damage unit but it may not meet all specifications. 4. when one output is set to 100% load and the other varies between 25%-100% load. 5. all dimensions in inches (mm). 6. pin pitch tolerance: 0.014 (0.35) 7. case tolerance: 0.02 (0.5) 8. weight: sip 0.004 lbs (2.2 g), dip 0.005 lbs (2.4 g) notes dcdc


▲Up To Search▲   

 
Price & Availability of IH2405S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X