Part Number Hot Search : 
BAT40 TVT15AW 316MS8E IP122 90W10 80N6F P125K 1C474
Product Description
Full Text Search
 

To Download HTRL15UPS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  audio/video digital ups - line-interactive ups system with lcd status screen model number: HTRL15UPS description tripp lite's HTRL15UPS line-interactive digital ups system offers voltage regulation, surge suppression and long-lasting battery support for home theater/media center components and other sensitive electronic equipment, including pvrs/dvrs, media center pcs/servers, home automation/control systems and security equipment. internal ups circuits support entry-level pcs or individual vcr/dvr components during power failures. prevents data loss, viewing interruptions, lost recordings and loss of component programming. automatic voltage regulation (avr) circuits regulate brownouts and overvoltages from 75v to 147v back to usable levels without consuming battery power. offers complete power protection with support for upright tower, flat shelf-mount or 2u rackmount installation in an attractive all-black cabinet design. includes 8 battery-supported outlets. built-in usb port and db9 serial port enable optional unattended system shutdown without data loss in case of extended power failure; cabling included. poweralert software available via free download from www.tripplite.com. hid-compliant usb interface enables integration with built-in power management and auto-shutdown features of windows and mac os x. built-in single-line rj-45 jacks offer protection for equipment with single-line tel/dsl or network ethernet connection. three sets of 2.2 ghz coaxial jacks protect against surges entering on catv, satellite or broadcast antenna connections. built-in audible alarm and large lcd front panel status screen indicates line power status, battery power status, battery low/replace status and voltage boost operation. 1500va/900w power-handling capacity supports entry-level pcs, home entertainment systems, network workstations and audio/video components. $250,000 ultimate lifetime insurance (u.s., canada, and puerto rico only). features lcd display with dimmer switch indicates input voltage, battery capacity and a variety of operating conditions. display is rotatable for easy viewing whether ups is in vertical or horizontal position offers voltage regulation, surge suppression and long-lasting battery support during blackouts supports entry-level pcs or single vcr/dvr components during blackouts regulates brownouts and overvoltages from 75v to 147v back to usable levels without consuming battery power 8 ups battery-supported outlets included usb port and db9 serial port enable unattended shutdown in case of extended power failure hid-compliant usb interface enables integration with built-in power management and auto-shutdown features of windows and mac os x. poweralert software available via free download from www.tripplite.com set of phone/network jacks protects a single dialup/dsl phone line or network ethernet connection highlights lcd status screen with built-in lcd dimmer automatic voltage regulation protects a/v components from power fluctuations emi/rfi line noise filtering 8 widely-spaced ups-supported outlets, db9 serial and usb ports with hid protocol 3-line 2.2 ghz coaxial surge protection plus single-line tel/dsl or ethernet surge protection $250,000 ultimate lifetime insurance (u.s., canada, and puerto rico only) package includes HTRL15UPS digital ups usb, phone, and coax cabling mounting hardware manual with warranty information 1 / 5
set of phone/network jacks protects a single dialup/dsl phone line or network ethernet connection 3-line 2.2 ghz coaxial surge protection for cable, satellite and antenna connections 1500va/900w power handling ability supports a variety of sensitive computer, home theater and other equipment 3.5 min. full load runtime (1500va/900w); 13 min. half-load runtime (750va/450w) cabinet adapts to tower or rackmount shelf format. rackmount installation brackets for 2u installation included $250,000 ultimate lifetime insurance (u.s., canada, and puerto rico only) specifications output output volt amp capacity (va) 1500 output kva capacity (kva) 1.5 output watt capacity (watts) 900 nominal output voltage(s) supported 115v; 120v frequency compatibility 60 hz output voltage regulation (line mode) -18%, +8% output voltage regulation (battery mode) 115v (+/- 5%) ups output receptacles 8 5-15r outlet(s) basic pdu options pdu1215 (1u / 13 5-15r outlets); pdunv (1u / 2 c19, 12 c13 outlets); pdu1415 (0u / 14 5-15r outlets); pduv15 (0u / 12 5-15r outlets) metered pdu options pdumh15 (1u / 13 5-15r outlets); pdumh15at (1u / 8 5-15r outlets)*; pdumv15 (0u / 16 5-15r outlets) switched pdu options pdumh15atnet (1u / 8 5-15r outlets)*; pdumv15net (0u / 16 5-15r outlets) external pdu redundancy options *auto transfer switch features utilizing the secondary pdu input cord are compatible with smart online ups models only output ac waveform (ac mode) sine wave output ac waveform (battery mode) pwm sine wave input rated input current (maximum load) 8.5a nominal input voltage(s) supported 120v ac ups input connection type 5-15p; right-angled input circuit breakers 10a ups input cord length (ft.) 6 ups input cord length (m) 1.8 recommended electrical service 15a 120v input phase single-phase 2 / 5
battery full load runtime (min.) 3.5 min. (900w) half load runtime (min.) 13 min. (450w) dc system voltage (vdc) 24 battery recharge rate (included batteries) less than 4.5 hours from 10% to 90% voltage regulation voltage regulation description automatic voltage regulation (avr) maintains line power operation with an input voltage range of 75 to 147 overvoltage correction input voltages between 128 and 147 are reduced by 12% undervoltage correction input voltages between 93 and 107 are boosted by 14% severe undervoltage correction input voltages between 75 and 92 are boosted by 30% leds alarms & switches led indicators front panel lcd display front panel lcd display backlighted lcd screen indicates input voltage, 5-bar battery charge level, overload, avr, on battery and replace battery status; lcd screen rotates for rack/tower viewing audible alarm audible alarm indicates power-failure, low-battery and overload status; alarm can be disabled using poweralert software alarm cancel operation power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate low-battery status switches 2 switches control off/on power status and alarm-cancel/self-test operation surge / noise suppression ups ac suppression joule rating 480 ups ac suppression response time instantaneous ups dataline suppression 1 line tel/dsl (1 in / 1 out); 10/100base t ethernet; coax jacks (3 sets) ups dataline suppression details hd-compatible 2.2ghz coaxial protection emi / rfi ac noise suppression yes physical installation form factors supported with included accessories tower included mounting accessory description pair of mounting ears enable tower and 2-4 post rackmount installation primary form factor rackmount ups power module dimensions (hwd, in.) 3.5 x 17.2 x 10.5 3 / 5
ups power module dimensions (hwd, cm) 8.9 x 43.8 x 26.7 installed whole system dimensions in secondary form factor (height x width x depth / cm) 43.8 x 8.9 x 26.7 installed whole system maximum rack depth (in.) 10.5 installed whole system maximum rack depth (cm) 26.7 rack height 2u secondary form factor tower installed whole system dimensions in secondary form factor (height x width x depth / inches) 17.2 x 3.5 x 10.5 ups dimensions in secondary form factor (hwd / cm) 43.8 x 8.9 x 26.7 ups power module weight (lbs.) 29 ups power module weight (kg) 13.2 ups shipping dimensions (hwd / in.) 7 x 14.5 x 21 ups shipping dimensions (hwd / cm) 17.8 x 36.8 x 53.3 shipping weight (lbs.) 31 shipping weight (kg) 14.1 cooling method fan ups housing material abs environmental operating temperature range +32 to +104 degrees fahrenheit / 0 to +40 degrees celsius storage temperature range +5 to +122 degrees fahrenheit / -15 to +50 degrees celsius relative humidity 0 to 95%, non-condensing ac mode btu / hr. (full load) 266.1 battery mode btu / hr. (full load) 626.7 ac mode efficiency rating (100% load) 92% communications communications interface usb (hid enabled); db9 serial poweralert software free download from www.tripplite.com communications cable usb and db9 serial cabling included watchdog compatibility supports watchdog application, os and hard-reboot restart options for remote applications 4 / 5
line / battery transfer transfer time 2-4 milliseconds low voltage transfer to battery power (setpoint) 75 high voltage transfer to battery power (setpoint) 147 special features cold start (startup in battery mode during a power failure) inverter can be cold started to enable temporary ac output during a power failure certifications ups certifications tested to ul1778 (usa); tested to csa (canada); tested to nom (mexico); meets fcc part 15 category b (emi); meets fcc part 68 / industrie canada (telecommunications); rohs (restriction of hazardous substances) warranty product warranty period (worldwide) 2-year limited warranty connected equipment insurance (u.s., canada & puerto rico) $250,000 ultimate lifetime insurance ? 2014 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 5 / 5


▲Up To Search▲   

 
Price & Availability of HTRL15UPS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X