|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
q?v~zy??q?v?_re]q{|??qcabfq HCD70R600S_hcu70r600s bv dss = 700 v r ds(on) typ = 0.54
i d =7.3 a ? originative new design ? superior avalanche rugged technology ? robust gate oxide technology ? very low intrinsic capacitances ? excellent switching characteristics ? unrivalled gate charge : 16 nc (typ.) ? extended safe operating area ? lower r ds(on)
7 \ s # 9 gs =10v ? 100% avalanche tested features absolute maximum ratings t c =25 e unless otherwise specified HCD70R600S / hcu70r600s 700v n-channel super junction mosfet june 2015 symbol parameter value units v dss drain-source voltage 700 v i d drain current ? continuous (t c = 25 e ) 7.3 a drain current ? continuous (t c = 100 e ) 4.6 a i dm drain current ? pulsed (note 1) 22 a v gs gate-source voltage 20 v e as single pulsed avalanche energy (note 2) 120 mj i ar avalanche current (note 1) 2.0 a e ar repetitive avalanche energy (note 1) 0.5 mj dv/dt peak diode recovery dv/dt 15 v/ns p d power dissipation (t a = 25 e )* 2.5 w power dissipation (t c = 25 e ) - derate above 25 e 69 w 0.55 w/ e t j , t stg operating and storage temperature range -55 to +150 e t l maximum lead temperature for soldering purposes, 1/8? from case for 5 seconds 300 e 1.gate 2. drain 3. source 2 1 2 3 1 3 d-pak i-pak HCD70R600S hcu70r600s thermal resistance characteristics symbol parameter typ. max. units r jc junction-to-case -- 1.8 e /w r ja junction-to-ambient* -- 50 r ja junction-to-ambient -- 110 * when mounted on the minimum pad size recommended (pcb mount)
q?v~zy??q?v?_re]q{|??qcabfq HCD70R600S_hcu70r600s electrical characteristics t j =25 q c unless otherwise specified symbol parameter test conditions min typ max units i s continuous source-drain diode forward current -- -- 7.3 a i sm pulsed source-drain diode forward current -- -- 22 v sd source-drain diode forward voltage i s = 7.3 a, v gs = 0 v -- -- 1.3 v trr reverse recovery time i s = 3.5 a, v gs = 0 v di f /dt = 100 a/ v -- 250 -- qrr reverse recovery charge -- 2 -- uc on characteristics bv dss drain-source breakdown voltage v gs = 0 v, i d = 250 3 700 -- -- v i dss zero gate voltage drain current v ds = 700 v, v gs = 0 v -- -- 10 3 v ds = 560 v, t j = 125 e -- -- 100 3 i gss gate-body leakage current v gs = 20 v, v ds = 0 v -- -- 100 2 off characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 500 -- ? c oss output capacitance -- 250 -- ? c rss reverse transfer capacitance -- 7 -- ? r g gate resistance v gs = 0 v, v ds = 0 v, f = 1mhz -- 4 -- ? dynamic characteristics t d(on) turn-on time v ds = 350 v, i d = 7.3 a, r g = 25 ? -- 20 -- t r turn-on rise time -- 20 -- t d(off) turn-off delay time -- 60 -- t f turn-off fall time -- 20 -- q g total gate charge v ds = 560 v, i d = 7.3 a, v gs = 10 v -- 16 -- nc q gs gate-source charge -- 4.0 -- nc q gd gate-drain charge -- 5.5 -- nc switching characteristics source-drain diode maximum ratings and characteristics v gs gate threshold voltage v ds = v gs , i d = 250 3 2.8 -- 4.2 v r ds(on) static drain-source on-resistance v gs = 10 v, i d = 3.5 a -- 0.54 0.6 ? notes : 1. repetitive rating : pulse width limited by maximum junction temperature 2. i as =2a, v dd =50v, r g =25 : , starting t j =25 q c q?v~zy??q?v?_re]q{|??qcabfq HCD70R600S_hcu70r600s typical characteristics figure 1. on region characteristics figure 2. transfer characteristics figure 3. on resistance variation vs drain current and gate voltage figure 4. body diode forward voltage variation with source current and temperature figure 5. capacitance characteristics figur e 6. gate charge characteristics 10 0 10 1 10 0 10 1 v gs top : 15.0 v 10.0 v 8.0 v 7.0 v 6.0 v 5.5 v bottom : 5.0 v * notes : 1. 300us pulse test 2. t c = 25 o c i d , drain current [a] v ds , drain-source voltage [v] 0481216 0.0 0.4 0.8 1.2 1.6 v gs = 20v v gs = 10v note : t j = 25 o c r ds(on) [ : ], drain-source on-resistance i d , drain current [a] 10 -1 10 0 10 1 0 1000 2000 3000 4000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd * note ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitances [pf] v ds , drain-source voltage [v] 246810 0.1 1 10 -25 o c 25 o c * notes : 1. v ds = 30v 2. 300us pulse test v gs , gate-source voltage [v] i d , drain current [a] 150 o c 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.1 1 10 25 o c * notes : 1. v gs = 0v 2. 300us pulse test v sd , source-drain voltage [v] i dr , reverse drain current [a] 150 o c 0 3 6 9 12 15 18 0 2 4 6 8 10 12 v ds = 350v v ds = 140v v ds = 560v note : i d = 7.3a v gs , gate-source voltage [v] q g , total gate charge [nc] q?v~zy??q?v?_re]q{|??qcabfq HCD70R600S_hcu70r600s typical characteristics (continued) figure 7. breakdown voltage variation vs temperature figure 8. on-resistance variation vs temperature figure 9. maximum safe operating area figure 10. maximum drain current vs case temperature figure 11. transient thermal response curve -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 3.0 note : 1. v gs = 10 v 2. i d = 3.5 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c] t 2 t 1 p dm 25 50 75 100 125 150 0 2 4 6 8 i d , drain current [a] t c , case temperature [ o c] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 note : 1. v gs = 0 v 2. i d = 250 p a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] 10 -1 10 0 10 1 10 2 10 3 10 -2 10 -1 10 0 10 1 10 2 10 p s dc 10 ms 1 ms 100 p s operation in this area is limited by r ds(on) * notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 * notes : 1. z t jc (t) = 1.8 o c/w max. 2. duty factor, d=t 1 /t 2 3. t jm - t c = p dm * z t jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z t jc (t), thermal response t 1 , square wave pulse duration [sec] q?v~zy??q?v?_re]q{|??qcabfq HCD70R600S_hcu70r600s fig 12. gate charge test circuit & waveform fig 13. resistive switching test circuit & waveforms fig 14. unclamped inductive switching test circuit & waveforms e as =l l i as 2 ---- 2 1 -------------------- bv dss -- v dd bv dss v in v ds 10% 90% t d(on) t r t on t off t d(off) t f charge v gs 10v q g q gs q gd v dd v ds bv dss t p v dd i as v ds (t) i d (t) time v dd ( 0.5 rated v ds ) 10v v ds r l dut r g 3ma v gs dut v ds 300nf . 200nf 12v same type as dut 10v dut r g l i d q?v~zy??q?v?_re]q{|??qcabfq HCD70R600S_hcu70r600s fig 15. peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i s controlled by pulse period v dd l i s 10v v gs ( driver ) i s ( dut ) v ds ( dut ) v dd body diode forward voltage drop v f i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- q?v~zy??q?v?_re]q{|??qcabfq HCD70R600S_hcu70r600s package dimension { v t y \ y h g o k t w h r p g q?v~zy??q?v?_re]q{|??qcabfq HCD70R600S_hcu70r600s package dimension { v t y \ x h g o p t w h r p g |
Price & Availability of HCD70R600S |