Part Number Hot Search : 
PB101 PB101 6387XS24 21SC15BB M2022 PSEK6012 MBRF10 SP506CF
Product Description
Full Text Search
 

To Download FDG328P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDG328P applications ? load switch ? power management ? dc/dc converter features ? ?1.5 a, ?20 v. r ds(on) = 0.145 ? @ v gs = ?4.5 v r ds(on) = 0.210 ? @ v gs = ?2.5 v ? low gate charge ? high performance trench technology for extremely low r ds(on) ? compact industry standard sc70-6 surface mount package sc70-6 d d g d d s pin 1 6 5 4 1 2 3 absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage ?20 v v gss gate-source voltage 12 v i d drain current ? continuous (note 1a) ?1.5 a ? pulsed ?6 power dissipation for single operation (note 1a) 0.75 w p d (note 1b) 0.48 t j , t stg operating and storage junction temperature range -55 to +150 c thermal characteristics r ja thermal resistance, junction-to-ambient ( note 1b) 260 c/w package marking and ordering information device marking device reel size tape width quantity .28 FDG328P 7?? 8mm 3000 units product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com
electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = ?250 a ?20 v ? bv dss ? t j breakdown voltage temperature coefficient i d = ?250 a, referenced to 25 c ?9 mv/ c i dss zero gate voltage drain current v ds = ?16 v, v gs = 0 v ?1 a i gssf gate?body leakage, forward v gs = 12 v, v ds = 0 v 100 na i gssr gate?body leakage, reverse v gs = ?12 v, v ds = 0 v ?100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = ?250 a ?0.6 ?1.5 v ? v gs(th) ? t j gate threshold voltage temperature coefficient i d = ?250 a, referenced to 25 c 3 mv/ c r ds(on) static drain?source on?resistance v gs = ?4.5 v, i d = ?1.5 a v gs = ?2.5 v, i d = ?1.2 a v gs = ?4.5 v, i d = ?1.5 a, t j =125c 120 169 156 145 210 203 m ? i d(on) on?state drain current v gs = ?4.5 v, v ds = ?5 v ?3 a g fs forward transconductance v ds = ?5 v, i d = ?1.5 a 5 s dynamic characteristics c iss input capacitance 337 pf c oss output capacitance 88 pf c rss reverse transfer capacitance v ds = ?10 v, v gs = 0 v, f = 1.0 mhz 51 pf switching characteristics (note 2) t d(on) turn?on delay time 9 18 ns t r turn?on rise time 12 22 ns t d(off) turn?off delay time 10 20 ns t f turn?off fall time v dd = ?10 v, i d = 1 a, v gs = ?4.5 v, r gen = 6 ? 510ns q g total gate charge 3.7 6 nc q gs gate?source charge 0.7 nc q gd gate?drain charge v ds = ?10 v, i d = ?1.5 a, v gs = ?4.5 v 1.3 nc drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current ?0.62 a v sd drain?source diode forward voltage v gs = 0 v, i s = ?0.62 a (note 2) ?0.7 ?1.2 v notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. a.) 170/w when mounted on a 1 in 2 pad of 2 oz. copper. b.) 260/w when mounted on a minimum pad. 2. pulse test: pulse width < 300 s, duty cycle < 2.0% FDG328P product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of FDG328P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X