Part Number Hot Search : 
TA78005 EC821 RD11U C1050 FS5AS NCP1205P 2SC5021 N7615B
Product Description
Full Text Search
 

To Download EUA2510AJIR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  eu a2510a ds2510a v er1.0 apr. 2010 1 low emi 2.7w boosted class-d a udio p ower amplifier description the eua2510a integrat es a current-mode boost converter with a high efficiency mono, class d audio power amplifier to provide 2.7w/10% thd or 2w/1% thd continuous power into a 4 ? speaker when operating on a 3.3v power supply with boost voltage (pv1) of 5v. the class d amplifier is a low noise, filterless pwm architecture that eliminates the output filter, reducing external component count, board area consumption, system cost, and simplifying design. the eua2510a?s boost converter, operating at a fixed frequency of 600khz, generates a high voltage rail which is used to supply the class-d amplifier. the eua2510a features a low-power consumption shutdown mode. shutdown may be enabled by driving the shutdown pin to a logic low (gnd). the gain of the class d is externally configurable which allows independent gain control from multiple sources by summing the signals. output short circuit and thermal shutdown protection prevent the device from damage during fault conditions. superior click and pop suppression eliminates audible transients during power-up and shutdown. typical application cir cuit feat ures z 2.7w/1 0 % thd into a 4 ? load with a 3.3v supply z fully differential inputs z externally configurable gain on class d z 2.7v - 5v operation (v dd ) z indepen d ent boost and amplifier shutdown pins z 0.5a shutdown current z integrated pop and click suppression circuitry z 3mm 4mm tdfn-14 package z rohs compliant and 100% lead(pb)-free halogen-free applicat ions z mobile pho nes z gps z portable media z handheld games figur e 1. v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 2 pin configurations package type pin configurations tdfn-14 pin description pin tdfn-14 description vo1 1 amplifier output gnd1 2 gnd pv1 3 amplifier power input vo2 4 amplifier output boost sd 5 boost regulator active low shutdown gnd2 6 signal ground (booster) fb 7 feedback point that connects to external resistive divider. sw 8 drain of the internal fet switch gnd3 9 power ground (booster) vdd 10 power supply amp sd 11 amplifier active low shutdown in- 12 amplifier inverting input in+ 13 amplifier non-inverting input gnd 14 gnd n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 3 ordering information order number package type marking operating temperature range EUA2510AJIR1 tdfn-14 xxxxx 2510a -40 c to 85c eua2510a ?? ?? ?? ?? lead free code 1: lead free, halogen free 0: lead packing r: tape & reel operating temperature range i: industry standard package type j: tdfn n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 4 absolute maximum ratings t supply voltage, v dd -------------------------------------------------------------------------------------------- 6v t input voltage ------------------------------------------------------------------------------------ -0.3 v to vina +0.3v t junction temperature range, t j ------------------------------------------------------------------------------- 150c t storage temperature rang, t stg --------------------------------------------------------------------- -65c to 150c t esd susceptibility ------------ ------------------------------------------------------------------------ -------- 2kv t thermal resistance ja (tdfn) --------------------------------------------------------------------------------------------------- 47c/w recommended operating conditions min max unit supply voltage, v dd 2.7 5 v operating free-air temperature, t a -40 85 c electrical characteristics v dd =3.3v the following specifications apply for v dd =3.3v,pv 1 =5v,a v =6db (r i =150k ? ), r l =15h+8 ?+15h ,f in =1khz, unless otherwise specified. limits apply for t a =25c. eua2510a symbol parameter conditions min. typ. max. unit i dd quiescent power supply current v in =0, r load = 7.6 ma i (sd) shutdown current () amp-sd = ( ) boost-sd =gnd 1 a v sdih shutdown voltage input high () amp-sd () boost-sd 1.3 1.3 v v v sdil shutdown voltage input low () boost-sd () amp-sd 0.35 0.35 v v t wu wake-up time 11.4 ms os v output offset voltage 4 mv r l =15h+4 ? +15h ,thd+n=1% (max), f=1khz,22khz,bw v dd =3.3v 2 r l =15h+8 ? +15h ,thd+n=1% (max), f=1khz,22khz,bw v dd =3.3v 1.2 r l =15h+4 ? +15h,thd+n=10%(max), f=1khz,22khz,bw v dd =2.7v v dd =3v v dd =3.3v 1.5 2.1 2.7 p o output power r l =15h+8 ? +15h,thd+n=10%(max), f=1khz,22khz,bw v dd =2.7v v dd =3.3v 1.6 1.6 w po=500mw, f=1khz, r l =15h+8 ? +15h v dd =2.7v 0.081 % thd+n total harmonic distortion + noise po=500mw, f=1khz, r l =15h+8 ? +15h v dd =3.3v 0.068 % v dd =3.3v,f=20hz~20khz inputs to ac gnd, no weighting input referred 46 v rms os output noise v dd =3.3v,f=20hz~20khz inputs to ac gnd, a weighting input referred 27 v rms n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 5 electrical characteristics v dd =3.3v the following specifications apply for v dd =3.3v,pv 1 =5v,a v =6db (r i =150k ? ), r l =15h+8 ?+15h ,f in =1khz, unless otherwise specified. limits apply for t a =25c. eua2510a symbol parameter conditions min. t yp . max. unit a v gain 300 k ? /ri v/v v ripple =200mv p-p sine f= ripple =217hz -75.4 db v ripple =200mv p-p sine f= ripple =1hz -68 db psrr power supply rejection ratio v ripple =200mv p-p sine f= ripple =10hz -51 db cmrr common mode rejection ratio v ripple =200mv p-p, f= ripple =217hz -52 db efficiency po=1w, f=1khz, r l =15h+8 ? +15h v dd =3.3v 77 % v fb fb regulation voltage 1.20 1.25 1.30 v boost converter switching fre q uenc y 450 600 750 khz class d switching frequency 200 250 300 khz uvlo under voltage lockout 2.2 2.4 2.6 v i ol output current limit 1700 2200 2700 ma n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 6 typical operating characteristics figure2. figure4. figure6. figure3. figure5. figure7. n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 7 figure8. figure10. figure12. figure9. figure11. figure13. 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 rl=8 ohm rl=4 ohm power dissipation vs output power v dd =2.7v power dissipation(w) output power(w) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.0 0.2 0.4 0.6 0.8 1.0 rl=8 ohm rl=4 ohm power dissipation vs output power v dd =3.3v power dissipation(w) output power(w) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.0 0.2 0.4 0.6 0.8 1.0 rl=8 ohm rl=4 ohm power dissipation vs output power v dd =4.2v power dissipation(w) output power(w) n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 8 2.73.03.33.63.94.24.54.8 0 1 2 3 4 5 6 7 8 9 supply current vs. supply voltage rl=no load (boost converter+class d) power supply current(ma) power supply voltage(v) figure14. figure16. figure18. figure15. figure17. figure19. 0.0 0.2 0.4 0.6 0.8 1.0 0 100 200 300 400 500 600 700 rl=8 ohm rl=4 ohm power supply current vs output power v dd =2.7v power supply current(ma) output power(w) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 100 200 300 400 500 600 700 800 rl=8 ohm rl=4 ohm power supply current vs output power v dd =3.3v power supply current(ma) output power(w) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0 100 200 300 400 500 600 700 800 rl=8 ohm rl=4 ohm power supply current vs output power v dd =4.2v power supply current(ma) output power(w) n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 9 switching duty cycle vs. temperature 72 72.2 72.4 72.6 72.8 73 73.2 73.4 -40 -10 20 50 80 110 140 temperature ( ?? ) duty cycle (%) vin=3.3v vin=4.5v 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 0 10 20 30 40 50 60 70 80 90 100 vdd=5v vdd=3.3v vdd=2.7v output power vs. efficiency rl=4 ohm (boost converter+class d) efficiency(%) output power(w) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0 10 20 30 40 50 60 70 80 90 100 vdd=5.0v vdd=3.3v vdd=2.7v output power vs. efficiency rl=8 ohm(boost converter+class d) efficiency(%) output power(w) figure20. figure22. figure24. figure21. figure23. figure25. feedback voltage vs. temperature 1.23 1.235 1.24 1.245 1.25 1.255 -40 10 60 110 160 temperature ( ?? ) feedback voltage (v) r ds(on) vs. vin (boost converter) 0 50 100 150 200 250 2.533.544.55 vin (v) r ds(on) (m ? ) r ds(on) vs. temperature (boost converter) 0 50 100 150 200 250 300 -40 -20 0 20 40 60 80 100 120 temperature ( ?? ) r ds(on) (m ? ) vin=3.3v vin=4.5v n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 10 figure26. max load current vs. vin vout=5v 0 200 400 600 800 1000 1200 1400 1600 2.533.544.55 vin (v) max load current (ma) n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 11 application information fully differential amplifier the eua2510a integrates a boost converter with a high efficiency mono, class-d audio power amplifier. the fully differential amplifier consists of a differential amplifier and a common-mode amplifier. the differential amplifier ensures that the amplifier outputs a differential voltage on the output that is equal to the differential input times the gain. the common-mode feedback ensures that the common-mode voltage at the output is biased around v dd /2 regardless of the common-mode voltage at the input. the fully differential class-d can still be used with a single-ended input; however, the class-d should be used with differential inputs when in a noisy environment, like a wireless handset, to ensure maximum noise rejection. operating ratings the boost converter takes a low supply voltage (vdd), and increase it to a higher output voltage (pv1). pv1 is the power supply for the class d amplifier. the class d amplifier operating rating is 2.5v (pv1) 5.5v when being used without the boost. note the output voltage (pv1) has to be more than vdd. setting the boost output voltage an external feedback resistor divider is required to divide the output voltage down to the nominal 1.25v reference voltage. the current drawn by the resistor network should be limited to maintain the overall converter efficiency. the maximum value of the resistor network is limited by the feedback input bias current and the potential for noise being coupled into the feedback pin. selecting r 2 in the range of 10k ? to 50 k ?. the boost converter output voltage s determined by the relationship: the nominal vfb voltage is 1.25v inductor selection the inductor selection determines the output ripple voltage, transient response, output current capability, and efficiency. its selection depends on the input voltage, output voltage, switching frequency, and maximum output current. for most applications, a 4.7 h inductor is recommended for 600khz.the inductor maximum dc current specification must be greater than the peak inductor current required by the regulator. the peak inductor current can be calculated: output capacitor low esr capacitors should be used to minimized the output voltage ripple. multilay er ceramic capacitors (x5r and x7r) are preferred for th e output capacitors because of their lower esr and small packages. tantalum capacitors with higher esr can also be used. the output ripple can be calculated as: choose an output capacitor to satisfy the output ripple and load transient requirement. a 4.7 f to 10 f ceramic capacitor is suitable for most application. schottky diode in selecting the schottky diode, the reverse break down voltage, forward current and forward voltage drop must be considered for optimum converter performance. the diode must be rated to handle 2a, the current limit of the eua2510a. the breakdown voltage must exceed the maximum output voltage. low forward voltage drop, low leakage current, and fast reverse recovery will help the converter to achieve the maximum efficiency. selecting input capaci tor (cs1) for boost converter an input capacitor is requir ed to serve as an energy reservoir for the current whic h must flow into the coil each time the switch turns on. this capacitor must have extremely low esr, so ceramic is the best choice. a nominal value of 4.7 f is recommended, but larger values can be used. since this capacitor reduces the amount of voltage ripple seen at the input pin, it also reduces the amount of emi passed back along that line to other circuitry. maximum output current the output current capability of the eua2510a is a function of current limit, input voltage, operating frequency, and inductor value. the output current capability is governed by the following equation: where: il=moset current limit avg-l i = average inductor current l i ? = inductor ripple current ? ? ? ? ? ? ? ? += 2 r 1 r 1 fb v out v freq out vl ) in v out (v in v 1/2 in v out v out i l(peak) i ? + = esr out i o c sw f d out i o ?v + = ( ) l i2/1 avg-l i l i ?+ = s f diode vo vl in v in vdiode v o v in v l ?i + ? ? ? ? ? ? ? ? + = ? ? ? ? ? ? ? ? ? ? ? ? n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 12 vdiode = schottky diode forward voltage, typically, 0.6v fs = switching frequency, 600khz. d = mosfet turn-on ratio: class d requirements figure 27 shows the class-d typical schematic with differential inputs and figure 28 shows the class-d with differential inputs and input capacitors, and figure 29 shows the class-d with single-ended inputs. differential inputs should be used whenever possible because the single-ended inputs are much more susceptible to noise. table 1. typical component values ref des value r i 150k ? ( 0.5%) c s 1f (+22%,-80%) c i (1) 3.3nf ( 10%) (1) c i is only needed for single-ended input or if v icm is not between 0.5 v and v dd ? 0.8 v. c i = 3.3 nf (with r i = 150 k ? ) gives a high-pass corner frequency of 321 hz. figure 27. typical application schematic with differential input for a wireless phone figure 28. typical application schematic with differential input and input capacitors figure 29. typical application schematic with single-ended input input resistors (r i ) the input resistors (r i ) set the gain of the amplifier according to equation (1). ---------------------------------(1) resistor matching is very important in fully differential amplifiers. the balance of the output on the reference voltage depends on matched ratios of the resistors. cmrr, psrr, and cancellation of the second harmonic distortion diminish if resistor mismatch occurs. therefore, it is recommended to use 1% tolerance resistors or better to keep the performance optimized. matching is more important than overall tolerance. resistor arrays with 1% matching can be used with a tolerance greater than 1%. place the input resistors very close to the class-d to limit noise injection on the high-impedance nodes. for optimal performance the gain should be set to 2 v/v or lower. lower gain allows the class-d to operate at its best, and keeps a high voltage at the input making the inputs less susceptible to noise. d1 out i avg-l i ? = diode vout v in v 1d + ?= i r 0k512 aing ? = ? ? ? ? ? ? v v n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 13 decoupling capacitor (c s ) the eua2510a is a high-performance class-d audio amplifier with boost converter that requires adequate power supply decoupling to ensure the efficiency is high and total harmonic distortion (thd) is low. for higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-resistance (esr) ceramic capacitor, typically1 f, placed as close as possible to the device v dd lead works best. placing this decoupling capacitor close to the eua2510a is very important for the efficiency of the class-d amplifier, because any resistance or inductance in the trace between the device and the capacitor can cause a loss in efficiency. for filtering lower-frequency noise signals, a 10f or greater capacitor placed near the audio power amplifier would also help, but it is not required in most applications because of the high psrr of this device. input capacitors (c i ) the class-d does not require in put coupling capacitors if the design uses a differential source that is biased from 0.5 v to v dd ? 0.8 v (shown in figure 27). if the input signal is not biased within the recommended common ? mode input range, if needing to use the input as a high pass filter (shown in figure 28), or if using a single-ended source (shown in figure 29), input coupling capacitors are required. the input capacitors and input resistors form a high-pass filter with the corner frequency, fc, determined in equation (2). --------------------------------------------(2) the value of the input capacitor is important to consider as it directly affects the bass (low frequency) performance of the circuit. speakers in wireless phones cannot usually respond well to low frequencies, so the corner frequency can be set to block low frequen cies in this application. equation (3) is reconfigured to solve for the input coupling capacitance. --------------------------------------------(3) if the corner frequency is within the audio band, the capacitors should have a tolerance of 10% or better, because any mismatch in capacitance causes an impedance mismatch at the corner frequency and below. for a flat low-frequency re sponse, use large input coupling capacitors (1 f). however, in a gsm phone the ground signal is fluctuating at 217 hz, but the signal from the codec does not have the same 217 hz fluctuation. the difference between the two sign als is amplified, sent to the speaker, and heard as a 217 hz hum. layout considerations for high frequency boost converter, it requires very careful layout of components in order to get stable operation, low noise and good regulation. some guidelines are recommended: place power components as close together as possible, keeping their traces short, direct, and wide. avoid interconnecting the ground pins of the power components using vias through an internal ground plane. instead, keep the power components close together and route them in a ?star? ground configuration using component-side coper, then connect the star ground to internal ground using multiple vias. for class-d amplifier, to maintain the highest output voltage swing and corresponding peak output power, the pcb traces that connect the output pins to the load and the supply pins to the power supply should be as wide as possible to minimize trace resistance. the use of power and ground planes will give the best thd+n performance. while reducing trace resistance, the use of power planes also creates parasite capacitors that help to filter th e power supply line. the inductive nature of the tran sducer load can also result in overshoot on one or both edges, clamped by the parasitic diodes to gnd and v dd in each case. from an emi stand- point, this is an aggressive waveform that can radiate or conduct to other components in the system and cause interference. it is essential to keep the power and output traces short and well sh ielded if possible. use of ground planes, beads, and micro-strip layout techniques are all useful in preventi ng unwanted interference. as the distance from the eua2510a and the speaker increase, the amount of emi radiation will increase since the output wires or traces acting as antenna become more efficient with length. what is acceptable emi is highly application specific. ferrite ch ip inductors placed close to the eua2510a may be needed to reduce emi radiation. the value of the ferrite chip is very application specific. () i c i r2 1 c f = () c f i r2 1 i c = n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com
eua2510a ds2510a ver1.0 apr. 2010 14 package information tdfn-14 millimeters inches symbols min. max. min. max. a 0.70 0.80 0.028 0.031 a1 0.00 0.05 0.000 0.002 b 0.20 0.35 0.008 0.014 e 2.90 3.10 0.114 0.122 d 3.90 4.10 0.153 0.161 d1 3.25 0.128 e1 1.65 0.065 e 0.50 0.020 l 0.30 0.50 0.012 0.020 n~n?t?m?w3^v?mw`r?y?b?g ?pqls? tel: 0755-8398 3377 / 135 9011 2223 http://www.gofotech.com v?mw`r?y?b? www.gofotech.com


▲Up To Search▲   

 
Price & Availability of EUA2510AJIR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X