Part Number Hot Search : 
Z86227 045280 UN212Y UN212Y B380C NSM025 OM1058 LBN03604
Product Description
Full Text Search
 

To Download DIM1500ASM33-TS001-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dim 1500asm33 - ts001 single switch igbt module replaces ds6095 - 1 ds6095 - 2 september 2014 (ln 31956 ) caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures 1 / 8 www.dynexsemi.com features ? 10.2kv isolation ? 10s short circuit withstand ? high thermal cycling capability ? high current density enhanced dmos spt ? isolated alsic base w ith aln substrates applications ? high reliability inverters ? motor controllers ? traction drives ? choppers the powerline range of high power modules includes half bridge, chopper, dual, single and bi - directional switch configurations covering voltages from 1200v to 6500v and currents up to 2400a. the dim 1 5 00a sm33 - t s 001 is a single switch 33 00v, n - channel enhancement mode, insulated gate bipolar transistor (igbt) module. the igbt has a wide reverse bias safe operating area (rbsoa) plus 10s short circuit withstand. this device is optimised for traction drives and other applications requiring high thermal cycling capability. the module incorporates an electrically isolated base plate and low inductance construction enabling circuit designers to optimise circuit layouts and utilise grounded heat sinks for safety . ordering information order as: dim 1 5 00a sm33 - t s 001 note: when ordering, please use the complete part number key parameters v ces 33 00v v ce(sat) * (typ) 2. 2 v i c (max) 1 5 00 a i c(pk) (max) 30 00 a * measured at the auxiliary terminals fig. 1 circuit configuration outline type code: a (see fig. 11 for further information) fig. 2 package 2(g) 1(e) 3(c) 5(c) 4(e) 8(e) 6(e) 7(c) 9(c)
dim1500asm33 - ts001 2 /8 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures. www.dynexsemi.com absolute maximum ratings stresses above those listed under absolute maximum ratings may cause permanent damage to the device. in extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the package. appropriate safety precautions should always be followed. exposure to absolute maximum ratings may affect device reliability. t case = 25c unless stated otherwise symbol parameter test conditions max. units v ces collector - emitter voltage v ge = 0v 33 00 v v ges gate - emitter voltage 20 v i c continuous collector current t case = 11 0 c 15 00 a i c(pk) peak collector current 1ms, t case = 1 40 c 30 00 a p max max. transistor power dissipation t case = 25 c , t j = 150 c 15.6 kw i 2 t diode i 2 t value v r = 0, t p = 10ms, t j = 150 oc 720 ka 2 s v isol isolation voltage C per module commoned terminals to base plate. ac rms, 1 min, 50hz 10.2 k v q pd partial discharge C per module iec1287, v 1 = 69 00v, v 2 = 51 00v, 50hz rms 10 pc thermal and mechanical ratings internal insulation material: aln baseplate material: alsic creepage distance: 56 mm clearance: 26 mm cti (comparative tracking index): > 600 symbol parameter test conditions min typ. max units r th(j - c) thermal resistance C th(j - c) thermal resistance C th(c - h) thermal resistance C j junction temperature transistor - - 150 c diode - - 1 50 c t stg storage temperature range - - 40 - 1 25 c screw torque mounting C C C
dim1500asm33 - ts001 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures 3 / 8 www.dynexsemi.com electrical characteristics t case = 25 c unless stated otherwise. symbol parameter test conditions min typ max units i ces collector cut - off current v ge = 0v, v ce = v ces 5 ma v ge = 0v, v ce = v ces , t case = 125c 9 0 ma v ge = 0v, v ce = v ces , t case = 150c 1 5 0 ma i ges gate leakage current v ge = 20v, v ce = 0v 1 a v ge(th) gate threshold voltage i c = 12 0ma, v ge = v ce 5.7 v v ce(sat) ? collector - emitter saturation voltage v ge = 15v, i c = 1500a 2. 2 v v ge = 15v, i c = 1500a, t j = 125c 2.8 v v ge = 15v, i c = 1500a, t j = 150c 3.0 v i f diode forward current dc 1 5 00 a i fm diode maximum forward current t p = 1ms 30 00 a v f ? diode forward voltage i f = 1 5 00a 2.4 v i f = 1 5 00a, t j = 125c 2.5 v i f = 1 5 00a, t j = 150c 2.4 v c ies input capacitance v ce = 25v, v ge = 0v, f = 1mhz 260 nf q g gate charge 15v including external c ge 25 c c res reverse transfer capacitance v ce = 25v, v ge = 0v, f = 1mhz 6 nf l m module inductance 10 nh r int internal transistor resistance 90 ? sc data short circuit current, i sc t j = 1 50 c, v cc = 2500v t p 10s, v ge 15v v ce (max) = v ces C l * x di/dt iec 60747 - 9 5500 a note: ? measured at the auxiliary terminals * l is the circuit inductance + l m
dim1500asm33 - ts001 4 /8 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures. www.dynexsemi.com electrical characteristics t case = 25c unless stated otherwise symbol parameter test conditions min typ. max units t d(off) turn - off delay time i c = 1500a v ge = 15v v ce = 1800v r g (on) = 1.65 ? r g (off) = 1.5 ? c ge = 330nf l s ~ 15 0nh 27 00 ns t f fall time 520 ns e off turn - off energy loss 2900 mj t d(on) turn - on delay time 1000 ns t r rise time 400 ns e on turn - on energy loss 19 00 mj q rr diode reverse recovery charge i f = 15 00a v ce = 1800v di f /dt = 4 0 00 a/s 85 0 c i rr diode reverse recovery current 920 a e rec diode reverse recovery energy 1 00 0 mj t case = 125c unless stated otherwise symbol parameter test conditions min typ. max units t d(off) turn - off delay time i c = 1500a v ge = 15v v ce = 1800v r g (on) = 1.65 ? r g (off) = 1.5 ? c ge = 330nf l s ~ 15 0nh 2750 ns t f fall time 570 ns e off turn - off energy loss 3250 mj t d(on) turn - on delay time 1020 ns t r rise time 420 ns e on turn - on energy loss 2500 mj q rr diode reverse recovery charge i f = 1500a v ce = 1800v di f /dt = 4 0 00 a/s 1400 c i rr diode reverse recovery current 1160 a e rec diode reverse recovery energy 1700 mj t case = 15 0 c unless stated otherwise symbol parameter test conditions min typ. max units t d(off) turn - off delay time i c = 1500a v ge = 15v v ce = 1800v r g (on) = 1.65 ? r g (off) = 1.5 ? c ge = 330nf l s ~ 15 0nh 2800 ns t f fall time 550 ns e off turn - off energy loss 3450 mj t d(on) turn - on delay time 1030 ns t r rise time 430 ns e on turn - on energy loss 2750 mj q rr diode reverse recovery charge i f = 1500a v ce = 1800v di f /dt = 4 0 00 a/s 1600 c i rr diode reverse recovery current 1200 a e rec diode reverse recovery energy 1950 mj
dim1500asm33 - ts001 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures 5 / 8 www.dynexsemi.com fig. 3 typical output characteristics fig. 4 typical output characteristics fig. 5 typical switching energy vs collector current fig. 6 typical switching energy vs gate resistance
dim1500asm33 - ts001 6 /8 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures. www.dynexsemi.com fig. 7 diode typical forward characteristics fig. 8 reverse bias safe operating area fig. 9 diode reverse bias safe operating area fig. 10 transient thermal impedance
dim1500asm33 - ts001 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures 7 / 8 www.dynexsemi.com package details for further package information, please visit our website or contact customer services. all dimensions in mm, unless stated otherwise. do not scale. nominal weight: 17 00 g module outline type code: a fig. 11 module outline drawing screwing depth max. 16 external connection external connection 3(c) 2(g) 1(e) 5(c) 7(c) 4(e) 6(e) 9(c) 8(e) 61.2 0.3 screwing depth max. 8 8 x 7 3 x m4 6 x m8 dim...asm....... external connection external connection 3(c) 2(g) 1(e) 7(c) 9(c) 6(e) 8(e) 5(a) 4(c) dim...acm....... 5 0.2 48 0.5 7 61.2 0.3 59.2 0.2 14 0.2 12 0.2 ? 18 0.1 44 0.4 124 0.1 140 0.5 190 0.5 171 0.15 57 0.1 41 0.2 18 0.2 38 0.5
dim1500asm33 - ts001 8 /8 caution: this device is sensitive to electrostatic discharge. users should follow esd handling procedures. www.dynexsemi.com important information: this publication is provided for information only and not for resale. the products and information in this publication are intended for use by appropriately trained technical personnel. due to the diversity of product applications, the information contained herein is provided as a general guide only and does n ot constitute any guarantee of suitability for use in a specific application . the user must evaluate the suitability of the product and the completeness of the product data for the application. the user is responsible for product selection and ensuring all safety and any warning requirements are met. should additional product information be needed please contact customer service. although we have endeavoured to carefully compile the information in this publication it may contain inaccuracies or typographical errors. the information is provided withou t any warranty or guarantee of any kind. this publication is an uncontrolled document and is subject to change without notice. when referring to it please ensure that it is the most up to date version and has not been superseded. the products are not in tended for use in applications where a failure or malfunction may cause loss of life, injury or damage to property. the user must ensure that appropriate safety precautions are taken to prevent or mitigate the consequences of a product failure or malfunct ion. the products must not be touched when operating because there is a danger of electrocution or severe burning. always use protective safety equipment such as appropriate shields for the product and wear safety glasses. even when disconnected any ele ctric charge remaining in the product must be discharged and allowed to cool before safe handling using protective gloves. extended exposure to conditions outside the product ratings may affect reliability leading to premature product failure. use outside the product ratings is likely to cause permanent damage to the product. in extreme conditions, as with all semiconductors, this may include potentially hazardous rupture, a large current to flow or high voltage arcing, resulting in fire or exp losion. appropriate application design and safety precautions should always be followed to protect persons and property. product status & product ordering: we annotate datasheets in the top right hand corner of the front page, to indicate product status if it is not yet fully approved for production. the annotations are as follows: - target information: this is the most tentative form of information and represents a very preliminary specification. no actual design work on the product has been starte d. preliminary information: the product design is complete and final characterisation for vo lume production is in progress. the datasheet represents the product as it is now understood but details may change. no annotation: the product has been approved for production and unless otherwise notified by dynex any product ordered will be supplied to the current version of the data sheet prevailing at the time of our order acknowledgement. all products and materials are sold and services provided subject to dynexs conditions of sale, which are available on request. any brand names and product names used in this publication are trademarks, registered trademarks or trade names of their respe ctive owners. headquarters operations customer service dynex semiconductor ltd doddington road, lincoln, lincolnshire, ln6 3lf, united kingdom dynex semiconductor ltd doddington road, lincoln, lincolnshire, ln6 3lf, united kingdom fax: +44(0)1522 500550 fax: +44(0)1522 500020 tel: +44(0)1522 500500 tel: +44(0)1522 502753 / 502901 web: http://www.dynexsemi.com email: power_solutions@dynexsemi.com ? dynex semiconductor ltd. 2013. technical documentation C not for resale.


▲Up To Search▲   

 
Price & Availability of DIM1500ASM33-TS001-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X