Part Number Hot Search : 
26000 4053C VHCT125 LBS15002 2SK90 TE7753 00M000 TA1101
Product Description
Full Text Search
 

To Download CA5100R2700JE05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 30214 for tec hnical questions, contact: ww2aresistors@vishay.com www.vishay.com revision: 14-feb-11 1 wirewound resistors, commercial power, axial lead ca vishay dale features ? high performance for low cost ? auto insertable ? ca0001, ca0002 and ca5000 models are supplied with a high temperature silicone coating for additional environmental protection ? lead forming available ? compliant to rohs directive 2002/95/ec applications kitchen appliances: pe rcolators, blenders, mixers, ranges, toasters, deep fryers. entertainment devices: radios, televisions, computers and power supplies. note (1) ca4000 and ca5000 model numbers are ca lculated from the ca4000 power rating of 4 w per inch and ca5000 power rating of 5 w per inch. the last three digits of the model number are the body leng th of the resistor in inches (decimal is between the first and second digit). example: ca5150 = 1.50 inches x 5 w per inch = 7.5 w. note ? wirewound ca resistors can reliably function as a fuse and as a resistor. such components involve compromise between fusing an d resistive functions; therefore, each design should be tailored to the appl ication to ensure optimum perfor mance. contact factory by using the e-mail address at the bottom of this page for design assistance. standard electrical specifications global model (1) historical model (1) power rating p 25 c w resistance range ? tolerance % weight (typical) g ca0001 ca-1 1.0 0.1 to 1k 5, 10 0.65 ca0002 ca-2 2.0 0.1 to 2.4k 5, 10 0.80 ca4000 ca-4xxx 2.0 to 8.8 0.1 to 1.02k 5, 10 see below ca5000 ca-5xxx 2.5 to 11.0 0.1 to 7k 5, 10 see below examples global model historical model power rating p 25 c w resistance range ? tolerance % weight (typical) g ca4050/ca5050 ca-4050/ca-5050 2.0/2.5 0.1 to 170/0.1 to 2.7k 5, 10 0.64/0.78 ca4055/ca5055 ca-4055/ca-5055 2.2/2.75 0.1 to 195/0.1 to 3.1k 5, 10 0.65/0.80 ca4060/ca5060 ca-4060/ca-5060 2.4/3.0 0.1 to 220/0.1 to 3.5k 5, 10 0.66/0.82 ca4070/ca5070 ca-4070/ca-5070 2.8/3.5 0.1 to 270/0.1 to 4.3k 5, 10 0.68/0.86 ca4080/ca5080 ca-4080/ca-5080 3.2/4.0 0.1 to 320/0.1 to 5.1k 5, 10 0.70/0.90 ca4090/ca5090 ca-4090/ca-5090 3.6/4.5 0.1 to 370/0.1 to 5.9k 5, 10 0.72/0.94 ca4100/ca5100 ca-4100/ca-5100 4.0/5.0 0.15 to 420/0.15 to 6.7k 5, 10 0.74/0.98 ca4150/ca5150 ca-4150/ca-5150 6.0/7.5 0.2 to 630/0.2 to 7k 5, 10 0.84/1.19 ca4200/ca5200 ca-4200/ca-5200 8.0/10.0 0.2 to 920/0.2 to 7k 5, 10 0.94/1.40 ca4220/ca5220 ca-4220/ca-5220 8.8/11.0 0.2 to 1.02k/0.2 to 7k 5, 10 0.98/1.48 technical specifications parameter unit ca resistor characteristics temperature coefficient ppm/c 300 1 ? and above, 600 below 1 ? short time overload - 5 x rated power for 5 s maximum working voltage v ( p x r ) 1/2 dielectric withstanding voltage v ac 600 (ca0001, ca0002 and ca5xxx only) operating temperature range c - 65 to + 275 terminal strength (minimum) lb 10 global part number information global part numbering example: ca000150r00jr05 global model value tolerance packaging special (see standard electrical specifications global model column for options) r = decimal k = thousand r1500 = 0.15 ? 1k500 = 1500 ? h = 3.0 % j = 5.0 % k = 10.0 % e14 = lead (pb)-free bulk e05 = lead (pb)-free tape and reel (dash number) (up to 3 digits) from 1 to 999 as applicable b14 = tin/lead bulk r05 = tin/lead tape and reel historical part numbering example: ca-1 50 ? 5 % r05 ca-1 50 ? 5 % r05 historical model resistance value tolerance code packaging * pb containing terminations are not rohs compliant, exemptions may apply ** please see document vishay material category policy: www.vishay.com/doc?99902 a000150r 00jr0 5 c
www.vishay.com for technical questions, contact: ww2aresistors@vishay.com document number: 30214 2 revision: 14-feb-11 ca vishay dale wirewound resistors, commercial power, axial lead dimensions in inches [millimeters] note (1) on some standard reel pack methods, the leads may be trimmed to a shor ter length than shown. material specifications element: copper-nickel alloy or nickel-chrome alloy, depending on resistance value core: woven fiberglass coating: special high temperature silicone (ca4000 series is not coated) terminals: tin/lead electroplated copper (lead (pb)-free will be 100 % tin) end caps: tin plated steel part marking: ca0001 and ca0002 are printed with value and tolerance derating global model dimensions in inches [millimeters] a 0.031 [0.794] a (maximum) b 0.001 [0.025] c figure ca0001 0.400 [10.16] 0.460 [11.68] 0.032 [0.813] 0.170 maximum [4.32 maximum] 2 ca0002 0.570 [14.48] 0.630 [16.00] 0.032 [0.813] 0.170 maximum [4.32 maximum] 2 ca4050 0.500 [12.70] 0.594 [15.09] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4055 0.550 [13.97] 0.644 [16.36] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4060 0.600 [15.24] 0.694 [17.63] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4070 0.700 [17.78] 0.794 [20.17] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4080 0.800 [20.32] 0.894 [22.71] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4090 0.900 [22.86] 0.994 [25.25] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4100 1.00 [25.40] 1.094 [27.79] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4150 1.50 [38.10] 1.594 [40.49] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4200 2.00 [50.80] 2.094 [53.19] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca4220 2.20 [55.88] 2.294 [58.27] 0.032 [0.813] 0.140 0.031 [3.56 0.794] 1 ca5050 0.500 [12.70] 0.625 [15.88] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5055 0.550 [13.97] 0.675 [17.15] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5060 0.600 [15.24] 0.725 [18.42] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5070 0.700 [17.78] 0.825 [20.96] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5080 0.800 [20.32] 0.925 [23.50] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5090 0.900 [22.86] 1.025 [26.04] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5100 1.00 [25.40] 1.125 [28.58] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5150 1.50 [38.10] 1.625 [41.28] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5200 2.00 [50.80] 2.125 [53.98] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 ca5220 2.20 [55.88] 2.325 [59.06] 0.036 [0.914] 0.170 0.031 [4.32 0.794] 2 figure 2 a ' a b c c figure 1 b a' a [1.625 0.125] (1) 41.28 3.15 [1.625 0.125] (1) 41.28 3.15 ambient temperature in c rated power in % - 65 - 25 75 125 175 225 275 25 0 20 40 60 80 120 100 performance test conditions of test test limits (eia rs-344) thermal shock - 55 c to + 275 c, 5 cy cles, 30 min dwell time (5.0 % + 0.05 ? ) ? r short time overload 5 x rated power for 5 s (4.0 % + 0.05 ? ) ? r dielectric withstanding voltage 600 v ac for 1 min (ca0001, ca0002 and ca5xxx only) (2.0 % + 0.05 ? ) ? r low temperature storage - 65 c, full rated working voltage for 45 min (3.0 % + 0.05 ? ) ? r humidity 75 c, 90 % to 100 % rh, 240 h (5.0 % + 0.05 ? ) ? r load life 1000 h at rated power, + 25 c, 1.5 h on, 0.5 h off (10.0 % + 0.05 ? ) ? r terminal strength 10 pounds for 30 s; body twisted about axis, 3 x 360 rotations (2.0 % + 0.05 ? ) ? r resistance to solder heat terminal immersed 3.5 s in mo lten solder at 1/8" to 3/ 16" from body (4.0 % + 0.05 ? ) ? r
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of CA5100R2700JE05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X