noise suppression components multilayer chip bead inductors (bk series) BK1608HS241-T features item summary 240, 400ma, 0603 lifecycle stage mass production standard packaging quantity (minimum) taping 4000pcs products characteristics table casesize (eia/jis) 0603/1608 impedance 240 impedance measuring frequency 100mhz rated current 400ma dc resistance (max) 0.25 temperature range -55 to +125 rohs compliance yes halogen free yes soldering method reflow/wave external dimensions l 1.6mm 0.15 w 0.8mm 0.15 t 0.8mm 0.15 e 0.3mm 0.2 2015.05.20 powered by tcpdf (www.tcpdf.org) 1 / 1 spec sheet http://www.ty-top.com t h e d a t a i s r e f e r e n c e o n l y . e l e c t r i c a l c h a r a c t e r i s t i c s v a r y d e p e n d i n g o n e n v i r o n m e n t o r m e a s u r e m e n t c o n d i t i o n . t a i y o y u d e n r e s e r v e s t h e r i g h t t o m a ke c h a n g e t o t h e d a t e a t a n y t i m e w i t h o u t n o t i c e . b e f o r e m a k i n g f i n a l s e l e c t i o n , p l e a s e c h e c k p r o d u c t s p e c i f i c a t i o n .
|