Part Number Hot Search : 
05000 LVCHR162 Z119025 V5128 UCY7401 KK74A C1010 MB10A
Product Description
Full Text Search
 

To Download AZ100LVEL32NG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.azmicrotek.com 1630 s stapley dr, suite 127 +1 - 480- 962- 5881 mesa, az 85204 usa request a sample may 2012, rev 2.0 d escription the az100lvel32 is an integrated 2 divider. the reset pin is asynchronous and is asserted on the rising edge. upon power - up, the internal flip - flop will attain a random lo gic state; the reset allows for the synchronization of multiple az100lvel32?s in a system. the az100lvel32 is a direct replacement for the on semiconductor mc100el/lvel32 b lock d iagram f eatures ? 3.0+ ghz toggle frequency ? 470ps propagation delay ? internal input pulldown resistors ? 3.0v to 5.5v power supply a pplications ? general applications p ackage a vailability ? mlp8 ? msop8 ? soic8 ? green/rohs compliant/pb - free az 100lvel32 pecl/ecl 2 divider part number ( pn) package marking az100lvel3 2ng 1 mlp 8 c 2 g 2 az100lvel3 2t g 1 msop 8 azhglv3 2 2 az100lvel3 2d g 1 soic 8 azm100glvel3 ,2 1 ta pe & reel - add 'r1' at end of pn for 7in (1k parts), 'r2' (2.5k) for 13in 2 see www.azmicrotek.com for date code format www.azmicrotek.com
arizona microtek, inc. az100lvel32 pecl/ecl 2 divider www.azmicrotek.com +1 - 480- 962- 5881 2 request a sample may 2012, rev 2.0 p in d escriptio n and c onfiguration table 1 - pin description for az100lvel32n pin name type function 1 reset input asynchronous reset 2 clk input clock input 3 clk input inverting clock input 4 v bb output reference voltage 5 v ee power negative supply 6 q output inverting pecl output 7 q output pecl output 8 v cc power positive supply table 2 - pin description for az100lvel32t & az100lvel32d pin name type function 1 reset input a synchronous reset 2 clk input clock input 3 clk input inverting clock input 4 v bb output reference voltage 5 v ee power negative supply 6 q output inverting pecl output 7 q output pecl output 8 v cc power positive supply figure 1 - pin confi guration az100lvel32n figure 2 - pin configuration az100lvel32t & az100lvel32d
arizona microtek, inc. az100lvel32 pecl/ecl 2 divider www.azmicrotek.com +1 - 480- 962- 5881 3 request a sample may 2012, rev 2.0 e ng ineering n otes the az100 lvel32 provides a v bb output for single - ended use or a dc bias reference for ac coupling to the device. for single - ended input applications, the v bb reference should be connected to one side of the clk/ clk diff erential input pair. the input signal is then fed to the other clk/ clk input. the v bb pin should be used only as a bias for the az100 lvel32 as its sink/source capability is limited. when used, the v bb pin should be bypassed to ground via a 0.01 f capacitor. clk reset q figure 3 - timing diagram figure 4 - typical large signal output swing measured with 750mv input, output terminated to v cc - 2v via 50 ? resistors 200 300 400 500 600 700 800 900 0 500 1000 1500 2000 2500 3000 3500 4000 4500 5000
arizona microtek, inc. az100lvel32 pecl/ecl 2 divider www.azmicrotek.com +1 - 480- 962- 5881 4 request a sample may 2012, rev 2.0 p erformance data table 3 ? absolute maximum ratings absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic condition rating unit v cc pecl power supply v ee = 0v 0 to + 6.0 v v i_pecl pecl input voltage v ee = 0v 0 to + 6.0 v v ee ecl power supply v cc = 0v - 6.0 to 0 v v i_ecl ecl input supply v cc = 0v - 6.0 to 0 v i out output current continuous 50 ma surge 100 t a operating temperature range - - 40 to +85 c t stg sto rage temperature range - - 65 to +150 c esd hbm human body model electro static discharge - 2500 v esd mm machine model electro static discharge - 200 v esd cdm charged device model electro static discharge - 2000 v table 4 - e cl dc characterist i cs ecl dc characteristics (v ee = - 3.0v to - 5.5v, v cc = gnd) symbol characteristic - 40 c 0 c 25 c 85 c unit min max min max min max min max v oh output high voltage 1 - 1085 - 880 - 1025 - 880 - 1025 - 880 - 1025 - 880 mv v ol output l ow voltage 1 - 1830 - 1555 - 1810 - 1620 - 1810 - 1620 - 1810 - 1620 mv v ih input high voltage - 1165 - 880 - 1165 - 880 - 1165 - 880 - 1165 - 880 mv v il input low voltage - 1810 - 1475 - 1810 - 1475 - 1810 - 1475 - 1810 - 1475 mv v bb reference voltage - 1380 - 1260 - 1380 - 1260 - 1380 - 1260 - 1380 - 1260 mv i ih input high current 150 150 150 150 a i il input low current clk - 150 - 150 - 150 - 150 a input low current reset 0.5 0.5 0.5 0.5 i ee power supply current 30 30 30 35 ma 1 specified with ea ch output terminated through 50 ? resistors to v cc - 2v.
arizona microtek, inc. az100lvel32 pecl/ecl 2 divider www.azmicrotek.com +1 - 480- 962- 5881 5 request a sample may 2012, rev 2.0 table 5 - lvpecl dc characteris t i cs lvpecl dc characteristics (v ee = gnd, v cc = +3.3v) symbol characteristic - 40 c 0 c 25 c 85 c unit min max min max min max min max v oh output high voltage 1,2 2215 2420 2275 2420 2275 2420 2275 2420 mv v ol output low voltage 1,2 1470 1745 1490 1680 1490 1680 1490 1680 mv v ih input high voltage 1 2135 2420 2135 2420 2135 2420 2135 2420 mv v il input low voltage 1 1490 1825 1490 1825 1490 1825 1490 1825 mv v bb refere nce voltage 1 1920 2040 1920 2040 1920 2040 1920 2040 mv i ih input high current 150 150 150 150 a i il input low current clk - 150 - 150 - 150 - 150 a input low current reset 0.5 0.5 0.5 0.5 i ee power supply current 30 30 3 0 35 ma 1 for supply voltages other than 3.3v, use the ecl table values and add supply voltage value 2 specified with each output terminated through 50 ? resistors to v cc - 2v. table 6 - pecl dc characteristics pecl dc characte ristics (v ee = gnd, v cc = +5.0v) symbol characteristic - 40 c 0 c 25 c 85 c unit min max min max min max min max v oh output high voltage 1,2 3915 4120 3975 4120 3975 4120 3975 4120 mv v ol output low voltage 1,2 3170 3445 3190 3380 3190 3380 3190 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv v bb reference voltage 1 3620 3740 3620 3740 3620 3740 3620 3740 mv i ih input high current 150 150 150 150 a i il input low current clk - 150 - 150 - 150 - 150 a input low current reset 0.5 0.5 0.5 0.5 i ee power supply current 30 30 30 35 ma 1 for supply voltages other than 3.3v, use the ecl table values and add supply voltage value 2 specified with each output terminated through 50 ? resistors to v cc - 2v.
arizona microtek, inc. az100lvel32 pecl/ecl 2 divider www.azmicrotek.com +1 - 480- 962- 5881 6 request a sample may 2012, rev 2.0 ac characteristics (v ee = - 3.0v to - 5.5v; v cc =gnd or v ee =gnd; v cc = +3.0v to +5.5v) symbol characteristic - 40 c 0 c 25 c 85 c unit min typ max min typ max min typ max min typ max f max maximum toggle frequency 2.6 2.6 2.6 2.6 ghz t plh /t phl propagation delay clk/ to q/ 1 360 450 540 370 460 550 380 470 560 400 490 580 ps reset to q/ 1 390 540 690 440 540 640 440 540 640 450 550 650 ps t skew duty cycle skew 2 5 20 5 20 5 20 5 20 ps v pp (ac) input swing 3 differential 150 1000 150 1000 150 1000 150 1000 mv single ended 4 300 2000 300 2000 300 2000 300 2000 mv v cmr common mode range 2 v ee + v cc - v ee + v cc - v ee + v cc - v ee + v cc - v pp < 500mv 1.2 0.4 1.1 0.4 1.1 0.4 1.1 0.4 v v pp 500mv 1.4 0.4 1.3 0.4 1.3 0.4 1.3 0.4 v t r /t f output rise/fall 1 100 260 100 260 100 260 100 260 ps (20% - 80%) v pp is the peak - to - peak differential input swing for which ac parameters are guaranteed. 2 v cmr is defined as the range within which the v ih level may vary, with the device still meeting the propagation delay specification. the v il level must be such that v pp is within the differential input swing range specified
arizona microtek, inc. az100lvel32 pecl/ecl 2 divider www.azmicrotek.com +1 - 480- 962- 5881 7 request a sample may 2012, rev 2.0 p ackage d iagram m lp8 green/rohs compliant/pb - free ms l =1
arizona microtek, inc. az100lvel32 pecl/ecl 2 divider www.azmicrotek.com +1 - 480- 962- 5881 8 request a sample may 2012, rev 2.0 p ackage d iagram m sop 8 green/rohs compliant/pb - free ms l =1
arizona microtek, inc. az100lvel32 pecl/ecl 2 divider www.azmicrotek.com +1 - 480- 962- 5881 9 request a sample may 2012, rev 2.0 p ackage d iagram soic 8 green/rohs compliant/pb - free ms l =1 arizona microtek, inc. reserves the right to change circuitry and specifications at any time without prior notice. arizona microtek, inc. makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does arizona microtek, inc. assume any liability arising out of the application or use of any product or circuit and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. arizona micro tek, inc. does not convey any license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as components in systems intended to support or sustain life, or for any other application in which the failure of the arizona microtek, inc. product could create a situation where personal injury or death may occur. should buyer purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify and h old arizona microtek, inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL32NG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X