|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
features ? easy maintenance and feld installation ? low duty wireless communication ? smart and simple indicator design ? extends network range and coverage specifcations wireless communication ? ieee standard ieee 802.15.4 ? modulation type dsss (oqpsk) ? frequency band ism 2.4 ghz (2.4 ghz ~ 2.4835 ghz) ? channels 11 - 26 ? rf data rate 250 kbps ? transmit power typ. 19 1 dbm ? receiver sensitivity -97 dbm ? topology star / tree / mesh ? outdoor range 1000 m with line of sight (with 2 dbi antenna) ? function router general ? connectors 1 x plug-in terminal block (#14 ~ 22 awg) ? power input unregulated 10 ~ 30 v dc ? battery input 2 x aa alkaline ? power consumption 0.8 w @ 24 v dc 0.3 w @ 3 v dc (battery aa * 2) common specifcations environment ? operating temperature external power -20c ~ 70c (-4f ~ 157.9f) battery power 0c ~ 50c (32f ~ 122f) ? storage temperature -40c~ 85c (-40f ~ 184f) ? operating humidity 20~95% rh ? storage humidity 0~95% rh ordering information ? ADAM-2510Z wireless router ADAM-2510Z adam-2520z wireless router wireless modbus rtu gateway features ? 2.4 ghz ieee 802.15.4 compliant rf ? provides rs-422/485 and usb interfaces ? multiple power input design specifcations wireless communication ? ieee standard ieee 802.15.4 ? modulation type dsss (oqpsk) ? frequency band ism 2.4 ghz (2.4 ghz ~ 2.4835 ghz) ? channels 11 - 26 ? rf data rate 250 kbps ? transmit power typ. 19 1 dbm ? receiver sensitivity -97 dbm ? topology star / tree / mesh ? outdoor range 1000 m with line of sight (with 2 dbi antenna) ? network capacity 32 nodes (routers & end devices)* *based on user's confguration ? range extenders maximum 5 hops ? function coordinator general ? connectors 1 x plug-in terminal block (#14 ~ 22 awg) 1 x usb-type a connector (type a to b cable provided) ? protocol modbus rtu ? power input unregulated 10 ~ 30 v dc ? battery input 2 x aa alkaline ? power consumption 0.8 w @ 24 v dc 0.5 w @ 5 v dc (usb) 0.3 w @ 3 v dc (battery aa * 2) common specifcations environment ? operating temperature external power -20c ~ 70c (-4f ~ 157.9f) battery power 0c ~ 50c (32f ~ 122f) ? storage temperature -40c~ 85c (-40f ~ 184f) ? operating humidity 20~95% rh ? storage humidity 0~95% rh ordering information ? adam-2520z wireless modbus rtu gateway rohs compliant 2002/95/ec rohs compliant 2002/95/ec ADAM-2510Z adam-2520z all product specifications are subject to change without notice last updated : 5-may-2015 wireless iot i/o modules
|
Price & Availability of ADAM-2510Z |