this document was generated on 01/14/2015 please check www.molex.com for latest part information part number: 39970-0310 status: active overview: eurostyle? terminal blocks description: 10.16mm beau? eurostyle? fixed mount pcb terminal block, high power 40a, 10 circuits documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification ul e48521 general product family terminal blocks series 39970 application n/a component type one piece overview eurostyle? terminal blocks product name eurostyle?fixed mount type euro block upc 800756374475 physical circuits (loaded) 10 circuits (maximum) 10 color - resin black entry angle horizontal flammability 94v-0 lock to mating part none material - metal brass, copper material - plating mating tin material - plating termination tin net weight 102.690/g number of rows 1 orientation vertical pc tail length 4.06mm pcb retention none panel mount no pitch - mating interface 10.16mm pitch - termination interface 10.16mm plating min - mating 3.810m plating min - termination 3.810m polarized to mating part n/a shrouded fully stackable no surface mount compatible (smc) no temperature range - operating 130c termination interface: style through hole wire size awg 10, 12, 14, 16, 18, 8 wire size mm2 0.75 - 6.0 electrical current - maximum per contact 40a voltage - maximum 300v solder process data series image - reference only eu rohs china rohs rohs compliant by exemption reach svhc not reviewed low-halogen status not low-halogen need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 39970 series mates with n/a
lead-free process capability wave capable (th only) material info old part number 973510 reference - drawing numbers sales drawing sd-39970-004 this document was generated on 01/14/2015 please check www.molex.com for latest part information
|