power entry module with rfi power line filter for general or medical applications the l series power entry modules are compact units that combine a multi-function power entry module and high per- formance rfi filtering capabilities. they are available with either a four-voltage selector or a dpst on/off switch. both variations can be specified with north american or european fusing capabilities and are available in either flange or snap-in mounting. these filters are ul recognized, csa certified, and vde approved. the l series modules offer a choice of filters for general or medical applications. edl models the rfi filter is for general purpose applications where line-to-line and line-to-ground noise must be controlled. the filter is designed to meet the very low leakage requirements of vde portable equipment. they are available in three current ratings. ehl models this medical filter provides susceptibility protection without the leakage current associated with line-to-ground capacitors. designed to allow equipment to meet ul544 for patient care and non-patient care equipment, the ehl filter has a maximum leakage current of 2 ? at 120 vac 60 hz. see appendix c for more information on medical applications and ul standards. note: when using the models with an iec connector, remember that the leakage current of the companion line cord, ga400, is more significant than that of the filter - which may disqualify this line cord from use in patient care applications. 118 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. l series l series corcom product guide ul recognized csa certified vde approved edl1s/ehl1s e dl4c/ehl4c voltage selection to change selected voltage: disconnect the power cord; open cover using a small blade screwdriver or similar tool; insert the tool into the voltage selection slot and remove wheel from unit; select desired voltage; replace wheel into unit and close cover, making sure the selected voltage appears in connector window. note: all models have north american or dual european fusing capability and are available in either flange or snap-in mounting. voltage selection slot 4-voltage selection wheel cover fuseholder free datasheet http://www.datasheetlist.com/
119 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. p o w e r e n t r y m o d u l e s l series corcom product guide power entry module with rfi power line filter for general or medical applications (continued) electrical schematics dl models (with switch) hl models (with 4-voltage selection) dl models (with 4-voltage selection) note 1: provision for dual european style fusing. note 2: on/off switch present only with "s" suffix. resistor location for reference only. hl models (with switch) specifications m aximum leakage current, each line-to-ground: edl ehl m odels m odels @120 vac 60 hz: 0.25 ma 2 ? @250 vac 50 hz: 0.50 ma 5 ? hipot rating (one minute): line-to-ground 1500 1500 line-to-line 1450 1450 operating frequency: 50/60 hz operating voltages: 1s & 1sc suffix (fixed): 250 vac max. 4 & 4c suffix (selectable): 100, 120, 220, 240 vac rated current: 2edl & 2ehl 2a 4edl & 4ehl 4a 6el, 6edl & 6ehl 6a switch: double-insulated, rated for 10,000 operations at full load. 51 amp inrush capability. fuse (not included): accepts one .25" x 1.25" fuse or two 5 x 20 mm fuses terminals: 110 [ 2.79 ] except for switch .187 [ 4.8 ] for switch minimum insertion loss in db: line-to-ground in 50 ohm circuit current frequency-mhz rating .05 .15 1 5 10 30 edl models 2a 6 14 24 40 45 50 4a 2 8 18 32 38 45 6a 1 6 17 31 37 45 ehl models 0 6a 3 8 15 18 18 18 line-to-line in 50 ohm circuit current frequency-mhz rating .05 .5 1 3 5 10 30 edl models 2a 7 16 21 23 37 47 50 4a 6 14 18 23 26 45 47 6a 6 15 20 25 24 45 50 ehl models 0 6a 4 14 20 28 32 38 42 hot neutral note 1 h ground g on/of f 2 (1) 1 (1a) (2) 4 (2a) 3 note 2 device customer t ransformer primaries hot neutral note 1 h ground g on/of f 2 ( 1) 1 (1a) (2) 4 ( 2a) 3 note 2 d evice cutomer t ransformer primaries hot neutral note 1 g ground h on/o f f note 2 customer transformer primaries 100v 120v 100v 20v 120v 220v 240v a a b b c c dd e e f f a b c d e f hot neutral n ote 1 g g round h on/o f f note 2 c utomer t ransformer primaries 100v 120v 1 00v 20v 120v 220v 2 40v a a b b c c dd e e f f a b c d e f free datasheet http://www.datasheetlist.com/
case dimensions a b cdef part no. (max) ?015 (max) (max) (max) (max) .381 flange 1.98 1.575 2.3 2.14 1.66 1.11 unfiltered 50.29 40.0 58.42 54.36 42.16 28.19 snap-in 1.28 2.3 2.14 1.66 1.11 unfiltered 32.51 58.42 54.36 42.16 28.19 flange 1.98 1.575 2.3 2.14 2.01 1.11 filtered 50.29 40.0 58.42 54.36 51.05 28.19 snap-in 1.28 2.3 2.14 2.01 1.11 filtered 32.51 58.42 54.36 51.05 28.19 120 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. l series corcom product guide power entry module with rfi power line filter for general or medical applications (continued) case styles unfiltered models flange models typical dimensions: mounting holes: .126 [ 3.20 ] dia. (2) all backplate terminals: .110 [ 2.79 ] terminals, except for switch. switch terminals are .187 [ 4.765 ] note: snap-in models allow front mounting only. (1) for panel thickness of .031-.079 [ 0.8-2.0 ] (2) for panel thickness of .083-.126 [ 2.1-3.2 ] (3) for snap-in application, the 1.22 [ 28.5 ] sides of the cutout must have a .02 [. 508 ] radius on the installation side. all backplate terminals: .110 [ 2.79 ] terminals, except for switch. switch terminals are .187 [ 4.75 ] note: snap-in models allow front mounting only. snap-in models back view side view back view recommended panel cutout recommended panel cutout side view snap-in models case styles filtered models side view side view note: metric fuse models have additional jumper from filter-to-module. flange models g h 3 1 4 2 b a e .221 5.61 f c d .06 1 .52 r 2.201 55.91 2.213 56.21 1.122 28.50 1.575 40.00 .020 .508 r * * * * + .008 -.00 +.203 -.00 ace b d f a g h e .221 5.61 f c d .06 1.52 r 2.201 55.91 2.213 56.21 1.122 28.50 .020 .508 r * * * * +.008 -.00 +.203 -.00 (1) (2) ace b d f g h snap-in version d e .221 5.61 c g h 2 4 3 1 f lange mounted version flange mounted version .221 5.61 d e c free datasheet http://www.datasheetlist.com/
121 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. p o w e r e n t r y m o d u l e s l series corcom product guide power entry module with rfi power line filter for general or medical applications (continued) unfiltered models part current available voltage dpst mounting fuseholder n umber rating selection on/off style type p osition switch 6el1s 6a 1 ? ? flange north american 6el1sc 6a 1 ? ? snap-in north american 6 el1sm 6a 1 ? ? f lange metric 6el1scm 6a 1 ? ? snap-in metric 6el4 6a 4 flange north american 6el4c 6a 4 snap-in north american 6el4m 6a 4 flange metric 6el4cm 6a 4 snap-in metric filtered models part filter current available voltage dpst mounting fuseholder number type rating selection on/off style type position switch 2edl1s linear 2a 1 ? ? flange north american 2edl1sc linear 2a 1 ? ? snap-in north american 2edl1sm linear 2a 1 ? ? flange metric 2edl1scm linear 2a 1 ? ? snap-in metric 2edl4 linear 2a 4 flange north american 2edl4c linear 2a 4 snap-in north american 2edl4m linear 2a 4 flange metric 2edl4cm linear 2a 4 snap-in metric 4edl1s linear 4a 1 ? ? flange north american 4edl1sc linear 4a 1 ? ? snap-in north american 4edl1sm linear 4a 1 ? ? flange metric 4edl1scm linear 4a 1 ? ? snap-in metric 4edl4 linear 4a 4 flange north american 4edl4c linear 4a 4 snap-in north american 4edl4m linear 4a 4 flange metric 4edl4cm linear 4a 4 snap-in metric 6edl1s linear 6a 1 ? ? flange north american 6edl1sc linear 6 1 ? ? flange north american 6edl1sm linear 6 1 ? ? flange metric 6edl1scm linear 6 1 ? ? snap-in metric 6edl4 linear 6 4 flange north american 6edl4c linear 6 4 snap-in north american 6edl4m linear 6 4 flange metric 6edl4cm linear 6 4 snap-in metric 6ehl1s medical 6 1 ? ? flange north american 6ehl1sc medical 61 ? ? snap-in north american 6ehl1sm medical 6 1 ? ? flange metric 6ehl1scm medical 6 1 ? ? snap-in metric 6ehl4 medical 6 4 flange north american 6ehl4c medical 6 4 snap-in north american 6EHL4M medical 6 4 flange metric 6ehl4cm medical 6 4 snap-in metric ? ? includes dpst switch free datasheet http://www.datasheetlist.com/
|