Part Number Hot Search : 
15020 FZ1200 B6330JR0 3SK126 DTA124 1SS378 E80TR PY1111
Product Description
Full Text Search
 

To Download 1N4148S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features fast switching speed for general purpose switching applications high conductance electrical characteristics ta = 25 parameter symbol testconditons min typ max unit reverse breakdown voltage v (br)r i r =1.0 a 75 v i f = 10ma 0.715 i f = 10ma 0.855 i f =50ma 1.0 i f = 150ma 1.25 v r = 75v 1.0 v r = 75v, tj = 150 50 v r = 25v, tj = 150 30 v r = 20v 25 na capacitance c t v r = 0, f = 1.0mhz 2.0 pf reverse recovery time t rr i f =i r =10ma,irr = 0.1 i r ,r l =100 4.0 ns i rm v fm v forwarad voltage peak reverse current a absolute maximum ratings ta = 25 parameter symbol rating unit non-repetitive peak reverse voltage v rm 100 v peak repetitive reverse voltage v rrm working peak reverse voltage v rwm dc blocking voltage v r rms reverse voltage v r(rms) 53 v average rectified output current i o 150 ma forward continuous current i fm 300 ma non-repetitive peak forward surge current@ t = 1.0s 1.0 @t=1.0us 2.0 power dissipation * p d 150 mw typical thermal resistance, junction to ambient air* r ja 625 k/w operating and storage temperature range t j ,t stg -65to+150 i fsm v * part mounted on fr-4 pc board with recommended pad layout, 75 a 1N4148S marking marking a sod-523 unit: mm 0.77max 0.6 +0.1 -0.1 0.3 +0.05 -0.05 0.8 +0.05 -0.05 1.2 +0.1 -0.1 1.6 +0.1 -0.1 0.1 +0.05 -0.02 0.07max +- product specification sales@twtysemi.com 1 of 1 http://www.twtysemi.com 4008-318-123


▲Up To Search▲   

 
Price & Availability of 1N4148S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X