Part Number Hot Search : 
2SC4180 PM100 1EDK3 NQ03LT GW3B2 TAR8H01K 4LVC3 KA75290Z
Product Description
Full Text Search
 

To Download 1MK252012-6R8MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? ? ? 1 ? 1mk series ultra-low profile multilayer power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ?????????????????????????????????????? ver.:1mk \ 2 0 14a accetek ? a features ? multilayer construction with ultra-low profile ? suitable for applications with high currents up to 1.8a ? high saturation current up to 1.6a ? magnetically shielded construction ? operating temperature range from -40c to +125c (including self-heating) ? 260c reflow peak temperature qualified b part number system 1mk 2012 - 100 m f ?? ?? ? ?? ?? ?? ? ?? series ?? dimension code (l*w*h) (mm) 1mk series code 160805(1.60.80.5) 160809(1.60.80.9) 201206(2.01.250.5) 201210(2.01.250.9) 201214(2.01.251.25) 201610(2.01.60.9) 201612(2.01.61.1) 252010(2.52.00.9) 252012(2.52.01.1) ?? inductance code ?? inductance tolerance e.g. calculation m 20% 2r2 2.2 h ? 100 1010 0 h = 10 h ?? rohs compliant 101 1010 1 h = 100 h c drawings and dimensions ? drawing schematic a b c d i i j h land pattern 1 2 case size dimensions ( mm ) a b c d h ref. i ref. j ref. 1mk160805 1.60.15 0. 80.15 0.50.05 0. 30.2 1.0 0.55 0.7 1mk160809 1.60.15 0. 80.15 0.80.15 0. 30.2 1.0 0.55 0.7 1mk201206 2.00.2 1. 250.2 0.50.1 0.50.3 1.45 0.7 0.8 1mk201210 2.00.2 1. 250.2 0.90.1 0.50.3 1.45 0.7 0.8 1mk201214 2.00.2 1. 250.2 1.250.1 0.50.3 1.45 0.7 0.8 1mk201610 2.00.2 1.60.2 0. 90.1 0.50.3 1.8 0.8 0.8 1mk201612 2.00.2 1.60.2 1. 10.1 0.50.3 1.8 0.8 0.8 1mk252010 2.50.2 2.00.2 0. 90.1 0.50.3 2.2 0.8 1.2 1mk252012 2.50.2 2.00.2 1. 10.1 0.50.3 2.2 0.8 1.2
? ? ? 2 ? 1mk series ultra-low profile multilayer power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ?????????????????????????????????????? ver.:1mk \ 2 0 14a accetek ? d specifications inductance dcr srf min part number ? ) max. ( ? ) irms ( a ) isat ( a ) mhz 1mk160805-r22mf 0.22 20% 0.120 0.150 1.20 1.45 180 1mk160805-r33mf 0.33 20% 0.160 0.200 1.10 1.35 140 1mk160805-r47mf 0.47 20% 0.180 0.225 1.15 1.05 120 1mk160805-r68mf 0.68 20% 0.220 0.275 0.90 0.80 100 1mk160805-1r0mf 1.0 20% 0.320 0.400 0.80 0.70 90 1mk160809-r22mf 0.22 20% 0.100 0.125 1.25 1.60 200 1mk160809-r33mf 0.33 20% 0.130 0.162 1.20 1.50 190 1mk160809-r47mf 0.47 20% 0.150 0.187 1.10 1.20 180 1mk160809-r68mf 0.68 20% 0.180 0.225 1.15 1.10 160 1mk160809-1r0mf 1.0 20% 0.200 0.250 1.00 0.80 125 1mk160809-1r5mf 1.5 20% 0.230 0.285 0.90 0.50 100 1mk160809-2r2mf 2.2 20% 0.300 0.375 0.85 0.30 80 1mk201206-r47mf 0.47 20% 0.120 0.150 1.10 1.30 80 1mk201206-1r0mf 1 20% 0.190 0.237 0.80 0.70 40 1mk201206-1r5mf 1.5 20% 0.260 0.325 0.70 0.50 35 1mk201206-2r2mf 2.2 20% 0.320 0.400 0.60 0.35 30 1mk201210-r47mf 0.47 20% 0.080 0.100 1.50 1.20 100 1mk201210-1r0mf 1 20% 0.110 0.137 1.30 1.15 60 1mk201210-1r5mf 1.5 20% 0.160 0.200 1.10 0.80 50 1mk201210-2r2mf 2.2 20% 0.200 0.250 0.90 0.60 40 1mk201210-3r3mf 3.3 20% 0.200 0.250 0.90 0.35 30 1mk201210-4r7mf 4.7 20% 0.250 0.312 0.80 0.28 30 1mk201214-4r7mf 4.7 20% 0.400 0.500 0.75 0.63 20 1mk201214-6r8mf 6.8 20% 0.300 0.375 1.00 0.25 45 1mk201214-100mf 10 20% 0.300 0.375 1.00 0.13 35 1mk201610-r47mf 0.47 20% 0.080 0.100 1.50 1.60 100 1mk201610-1r0mf 1 20% 0.090 0.112 1.40 1.20 70 1mk201610-1r5mf 1.5 20% 0.110 0.137 1.20 0.70 60 1mk201610-2r2mf 2.2 20% 0.110 0.137 1.20 0.50 50 1mk201610-3r3mf 3.6 20% 0.120 0.150 1.20 0.33 40 1mk201610-4r7mf 4.7 20% 0.140 0.175 1.10 0.22 30 1mk201612-6r8mf 6.8 20% 0.170 0.212 1.20 0.22 40 1mk201612-100mf 10 20% 0.250 0.312 1.10 0.20 35 1mk252010-r47mf 0.47 20% 0.040 0.050 1.80 1.50 105 1mk252010-1r0mf 1 20% 0.060 0.075 1.60 1.40 70 1mk252010-1r5mf 1.5 20% 0.070 0.087 1.50 1.20 65 1mk252010-2r2mf 2.2 20% 0.200 0.250 1.20 1.50 60 1mk252010-3r3mf 3.3 20% 0.250 0.312 1.10 1.20 55 1mk252010-4r7mf 4.7 20% 0.380 0.475 0.90 0.75 35 1mk252010-6r8mf 6.8 20% 0.450 0.562 0.75 0.35 30 1mk252010-100mf 10 20% 0.500 0.625 0.70 0.25 25 1mk252012-1r0mf 1 20% 0.085 0.106 2.10 2.10 85 1mk252012-2r2mf 2.2 20% 0.250 0.312 1.10 1.60 50 1mk252012-3r3mf 3.3 20% 0.250 0.312 1.10 1.25 50 1mk252012-4r7mf 4.7 20% 0.400 0.500 0.90 0.80 35 1MK252012-6R8MF 6.8 20% 0.500 0.625 0.80 0.75 30 1mk252012-100mf 10 20% 0.500 0.625 0.80 0.50 25 1. inductance measured @ 1mhz at 25c temperature. 2. dcr measured @ 25c. 3. irms: dc current for an approximate 40c rise from 20c ambient temperature. 4. isat: dc current for approximate 30% roll off at 25c. 5. specifications subject to change without notice please check our website for latest information.
? ? ? 3 ? 1mk series ultra-low profile multilayer power inductor a ccetek ? electronics ? (shenzhen) ? co., ? ltd. ?????????????????????? www.accetek.com ?????????????????????????????????????? ver.:1mk \ 2 0 14a accetek ? e tape and reel specifications a b c e d w p p 0 p 1 t h t paper plastic case size carrier parts per reel reel dimensions ( ref ) ta p e dimensions ( ref ) a b c d e w p p 0 p1 t max h 1mk160805 pa p er 5000 178 58 13 13 9.0 8 4 4 2 0.7 / 1mk160809 pa p er 4000 178 58 13 13 9.0 8 4 4 2 1.1 / 1mk201206 pa p er 5000 178 58 13 13 9.0 8 4 4 2 0.8 / 1mk201210 plastic 3000 178 58 13 13 9.0 8 4 4 2 0.3 1.45 1mk201214 plastic 3000 178 58 13 13 9.0 8 4 4 2 0.3 1.80 1mk201610 plastic 3000 178 58 13 13 9.0 8 4 4 2 0.3 1.45 1mk201612 plastic 3000 178 58 13 13 9.0 8 4 4 2 0.3 1.60 1mk252010 plastic 3000 178 58 13 13 9.0 8 4 4 2 0.3 1.45 1mk252012 plastic 3000 178 58 13 13 9.0 8 4 4 2 0.3 1.60 f recommended solder reflow profile profile feature recommended conditions avera g e ram p -u p rate 3 c/second max. ( tsmax to t p) preheat temperature min (ts min ) 100 c temperature max (ts max ) 150 c time (ts min to ts max )(ts) 60-180 seconds t ime maintained above: temperature (t l ) 217 c time (t l ) 60-150 seconds peak tem p erature ( t p) see table2 t ime within 5 c of actual peak 20-40 seconds t em p erature ( t p) 2 ram p -down rate 6 c / second max. t ime 25 c to peak tem p erature 8 minutes max package volume mm 3 volume mm 3 volume mm 3 thickness <350 350 - 2000 >2000 < 1.6mm 260 c 260 c 260 c 1.6mm - 2.5mm 260 c 250 c 245 c >2.5mm 250 c 245 c 245 c ta b l e 2 ta b l e 1 1. the above profiles are based on ipc/jedec j-std-020c. 2. exceeding these conditions may cause lowered product reliability.


▲Up To Search▲   

 
Price & Availability of 1MK252012-6R8MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X