Part Number Hot Search : 
M3218 TMP89F ES51W4 C1045C AN729 MB89538 AK4523 KRA551U
Product Description
Full Text Search
 

To Download ZVN0545G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zv n0545g document number ds 3 3345 rev . 4 - 2 1 of 4 www.diodes.com february 2015 ? diodes incorporated zvn0545g advance information new product sot223 n - channel enhancement mode vertical dmos fet product summary b v d ss r ds (on) i d t a = + 25 c 45 0v 50 ? @ v gs = 10v 140m a features and benefits ? lead - free finish; rohs c ompliant (note s 1 & 2 ) ? halogen and antimony free. green device (note ? qualified to aec - q101 standards for high reliability mechanical data ? case: so t223 ? case material: molded plastic, green molding compound. ul flammability classification rating 94v - 0 ? moisture sens itivity: level 1 per j - std - 020 ? terminals connections: see d iagram b elow ? terminals: finish - matte tin a nnealed over copper l ead f rame . solderable per mil - std - 202, method 208 ? weight: 0. 112 grams ( a pproximate) ordering information (note 4 ) part number marking reel s ize (inches) tape w idth (mm) quantity p er r eel zvn 0545 gta zvn 0545 7 8 1,000 note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . for packaging det ails, go to our website at http: //www.diodes.com/products/packages.html . m arking information pin out - top view top view sot223 equivalent circuit zvn0545 = product type marking code y ww = date code marking y or y = last digit of year (ex: 5 = 201 5 ) ww or ww = week code ( 01 to 53) e3
zv n0545g document number ds 3 3345 rev . 4 - 2 2 of 4 www.diodes.com february 2015 ? diodes incorporated zvn0545g advance information new product maximum ratings (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit drain - source v oltage v dss 450 v gate - source v oltage v gs s ? gs = 10 v t a = + 25 c i d 140 m a pulsed drain curren t i d m m a thermal characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol value unit total power dissipation t a = +25c p d 2 w operating and storage temperature range t j, t stg - 55 to +150 c electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition off characteristics drain - source breakdown voltage bv dss 45 0 ? ? gs = 0v, i d = 1m a zero gate voltage drain current i dss ? ? ? ? ds = 4 50 v, v gs = 0v v ds = 405 v , v gs =0v , t = + 125c ( note 6 ) gate - source leakage i gss ? ? gs = 20 v, v ds = 0v on characteristics gate threshold voltage v gs (th) 1 ? ds = v gs , i d = 1m a static drain - source on - state resistance (note 5 ) r ds (on) ? ? gs = 10 v, i d = 100m a on - state drain current (note 5 ) i d( on ) 150 ? ? ds =25 v, v gs =10v forward transconductance (note s 5 and 6 ) g fs 100 ? ? ds =25v,i d =100ma dynamic characteristic s (note 6 ) input capacitance c iss ? ? ds = 25 v, v gs = 0v , f = 1mhz output capacitance c oss ? ? rss ? ? d( on ) ? ? d d = 25 v, i d =100ma turn - on rise time (note 7 ) t r ? ? d( off ) ? ? f ? ? notes: 5 . measured under pulsed conditi ons. width=300s. duty cycle 2% . 6 . sample test. 7 . s witching times measured with 50 source impedance and <5ns rise time on a pulse generator .
zv n0545g document number ds 3 3345 rev . 4 - 2 3 of 4 www.diodes.com february 2015 ? diodes incorporated zvn0545g advance information new product package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. sot223 dim min max typ a 1.55 1.65 1.60 a1 0.010 0.15 0.05 b 0.60 0.80 0.70 b1 2.90 3.10 3.00 c 0.20 0.30 0.25 d 6.45 6.55 6.50 e 3.45 3.55 3.50 e1 6.90 7.10 7.00 e - - 4.60 e1 - - 2.30 l 0.85 1.05 0.95 q 0.84 0.94 0.89 all dimensions in mm dimensions value (in mm) c 2.30 c1 6.40 x 1.20 x1 3.30 y 1.60 y1 1.60 y2 8.00 a1 a 7 7 d b e e1 b1 c e1 l 0 -10 q e 0.25 seating plane gauge plane x1 y1 y x c c1 y2
zv n0545g document number ds 3 3345 rev . 4 - 2 4 of 4 www.diodes.com february 2015 ? diodes incorporated zvn0545g advance information new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other c hanges without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated do es not warrant or accept any liability whatsoever in respect of any products purchased through unauthorized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application, customers shall indemni fy and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized applicat ion. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are sp ecifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or sys tems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiven ess. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety - related re quirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 5 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZVN0545G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X