Part Number Hot Search : 
S9S08EL 25ETT 05EVAL 12VDC DD1300 W91651B KBPC2514 002D2
Product Description
Full Text Search
 

To Download TGA1073G-SCC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t ga1073g - scc 19 to 27 ghz medium power amplifier datasheet: rev a 0 2 - 24 - 15 - 1 of 8 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com applications ? ? product features ? 0.25 m phemt technology ? ? out at p1db ? ? general description the triquint tga1073g - scc is a three stage mpa mmic design using triquints proven 0.25 m power the three stage design consists of a 200 m input riving a 480 m interstage device followed by an 800 m output device. functional block diagram pin configuration pin no. label 1 rf in 2, 5, 8, 12 - 13 gnd 3 v d1 4 v d2 6 v d3 7 rf out 9 v g3 10 v g2 11 v g1 ordering information part no. eccn description tg a 1073g - scc ear99 19 to 27 ghz medium pa
t ga1073g - scc 19 to 27 ghz medium power amplifier datasheet: rev a 0 2 - 24 - 15 - 2 of 8 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com recommended operating conditions parameter min typ max units operating channel temperature (t ch ) (1)(2) 200 c electrical specifications are measured at specified test conditions. specifications are not guaranteed over all rec ommended operating conditions. notes: 1. these ratings apply to each individual fet. 2. junction operating temperature will directly affect the device median life time ( t m ). for maximum life, it is recommended that junction temperatures be maintained to the lowest possible levels. 3. absolute maximum ratings parameter rating positive supply voltage (v + ) (3) 8 v positive supply current ( i + ) (1)(3) 296 ma negative supply current ( i ? (1) 8.8 ma input continuous wave power ( p in ) (3) 18.2 dbm power dissipation ( p d ) (2)(3) 1.32 w mounting temperature (30 seconds) 320 c storage temperature (t stg ) ? operation of this device outside the parameter ranges given above may cause permanent damage. notes: 1. total current for all stages. 2. when operated at this bias condition with a baseplate temperature of 55c, the median lifetime (t m ) is 1 x 10^6 hours. 3. combinations of supply voltage, supply current, input power, and output power shall not exceed p d . dc electrical specifications test conditions unless otherwise noted: std, 25c nominal parameter min typ max units i dss3 80 376 ma g m3 176 424 ms |v p1 | (1) 0.5 1.5 v |v p2 | (1) 0.5 1.5 v |v p3 | (1) 0.5 1.5 v |v bvgd1 | (1) 11 30 v |v bvgs1 | (1) 11 30 v notes: 1. v p , v bvgd , and v bvgs are negative. 2. the measurement conditions are subject to change at the manufacturers discretion (with appropriate notification to the buyer ).
t ga1073g - scc 19 to 27 ghz medium power amplifier datasheet: rev a 0 2 - 24 - 15 - 3 of 8 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com rf electrical specifications test conditions unless otherwise noted: t a = 25c, nominal, v d = 6 v, i d = 220 ma. test conditions min typ max units small - signal gain magnitude (1) 19 ghz 20 to 25 ghz 16 19 20 23 db power output at 1 db gain compression 2 0 ghz 2 2 ghz 23.5 ghz 21 24 24 23 25 26 dbm input return loss magnitude (1) 19 to 2 5 ghz ? (1) 19 to 2 5 ghz ? (2) 32 dbm notes: 1. rf probe data is taken at 1 ghz steps . 2. minimum output third - order - intercept (otoi) is generally 6 db minimum above the 1 db compression point (p1db). calculations are based on standard two - tone testing with each tone approximately 10 db below the nominal p1db. factors that may affect otoi performance include device bias, measureme nt frequency, operating temperature, output interface, and output power level for each tone. thermal and reliability information parameter condition rating thermal resistance ( jc ) (1) v d = 6 v, i d = 220 ma, p diss = 1.32 w 71.7c/w channel temperature (t ch ) 149.6c median lifetime (t m ) 1.0 x 10^6 hours notes: 1. measured from channel to chip backside. 2. assumes eutectic attach using 1.5 mil thick 80/20 ausn mounted to a 20 mil cumo carrier at 55c baseplate temperature. worst case condition with no rf applied, 100% of dc power is dissipated. median lifetime 1e+04 1e+05 1e+06 1e+07 1e+08 1e+09 1e+10 1e+11 1e+12 1e+13 25 50 75 100 125 150 175 200 median lifetime, t m (hours) channel temperature, t ch ( c) median lifetime vs. channel temperature fet 3
t ga1073g - scc 19 to 27 ghz medium power amplifier datasheet: rev a 0 2 - 24 - 15 - 4 of 8 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com chip assembly and bonding diagram
t ga1073g - scc 19 to 27 ghz medium power amplifier datasheet: rev a 0 2 - 24 - 15 - 5 of 8 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com performance plots gain and return loss vs. frequency p1db vs. frequency
t ga1073g - scc 19 to 27 ghz medium power amplifier datasheet: rev a 0 2 - 24 - 15 - 6 of 8 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com mechanical characteristics n otes : 1. all dimensions are in millimeters (inches) . angles are in degrees.
t ga1073g - scc 19 to 27 ghz medium power amplifier datasheet: rev a 0 2 - 24 - 15 - 7 of 8 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com assembly process notes reflow process assembly notes: ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ?
t ga1073g - scc 19 to 27 ghz medium power amplifier datasheet: rev a 0 2 - 24 - 15 - 8 of 8 - disclaimer: subject to change without notice ? 2013 triquint www.triquint.com contact information for the latest specifications, additional product information, worldwide sales and distribution locations, and information about triquint: web: www.triquint.com tel: +1. 972.994.8465 email: info - sales@t riquint .com fax: +1.972.994.8504 for technical questions and application information: email: info - networks@triquint.com important notice the information contained herein is believed to be reliable. triquint makes no warranties regarding the information contained herein. triquint assumes no responsibility or liability whatsoever for any of the information contained herein. triquint assume s no responsibility or liability whatsoever for the use of the information contained herein. the information contained herein is provided "as is, where is" and with all faults, and the entire risk associated with such information is entirely with the user . all information contained herein is subject to change without notice. customers should obtain and verify the latest relevant information before placing orders for triquint products. the information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or anything described by such information. triquint products are not warranted or author ized for use as critical components in medical, life - saving, or life - sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal injury or death. product compliance information esd sensitivity ratings caution! esd - sensitive device esd rating: tbd value: tbd test: human body model (hbm) standard: jedec standard jesd22 - a114 eccn us department of commerce e ar99


▲Up To Search▲   

 
Price & Availability of TGA1073G-SCC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X