Part Number Hot Search : 
AN311 V674ME08 LL2012 00BGI 1602H SS100 CSNB2 2N608
Product Description
Full Text Search
 

To Download SSS1004A7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sss1004 a7 ? silikron semiconductor co.,ltd. 20 1 4 . 0 4 . 18 version : 1. 2 page 1 of 7 www.silikron.com main product characteristics features and benefits description absolute max rating symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 180 a i d @ tc = 100c continuous drain current, v gs @ 10v 130 i dm pulsed drain current 670 p d @tc = 25c power dissipation 375 w linear derating factor 2.5 w/c v ds drain - source voltage 10 0 v v gs gate - to - source voltage 2 0 v e as single pulse avalanche energy @ l= 0.3 mh 1045 mj i a s avalanche current @ l= 0.3 mh 83.5 a t j t stg operating junction and storage temperature range - 55 to + 175 c v dss 10 0 v r ds (on) 3.0 m (typ . ) i d 180 a to - 263 - 7l p in assignment schematic diagram ? advanced process technology ? special designed for pwm, load switching and general purpose applications ? u ltra low on - resistance with low gate charge ? f ast switching and reverse body recovery ? 175 operating temperature it utilizes the latest processing techniques to ach ieve the high cell density and reduces the on - resistance with high repetitive avalanche rating . these features combine to make this design an extremely efficient and reliable device for use in power switching application and a wide variety of other applications. 1, gate 2~3,5~7 source 4,8 drain
ss s1004 a7 ? silikron semiconductor co.,ltd . 20 1 4 . 0 4 . 1 8 version : 1. 2 page 2 of 7 www.silikron.com thermal resistance symbol characterizes typ. max. units r jc junction - to - case 0.4 c /w r j a junction - to - ambient ( t 10s ) 62 c /w junction - to - ambient (pcb mounted, steady - state) 40 c /w electrical characterizes @t a =25 unless otherwise specified symbol parameter min. typ. max . units conditions v ( b r) dss drain - to - source breakdown voltage 10 0 v v gs = 0v, i d = 1m a r ds(on) static drain - to - source on - resistance 3 . 0 4 .0 m v gs =10v , i d = 11 0 a v gs(th) gate threshold voltage 2 .0 4 .0 v v ds = v gs , i d = 250 a i dss drain - to - source leakage current 1 a v ds = 10 0 v,v gs = 0v 50 t j = 125 c i gss gate - to - source forward leakage 1 00 na v gs = 20 v - 100 v gs = - 20 v q g total gate charge 224 nc i d = 5 0 a , v ds = 50 v , v gs = 10v q gs gate - to - source charge 80 q gd gate - to - drain("miller") charge 55 t d(on) turn - on delay time 40 n s v gs =10v, v d d = 65 v, r l = 0.87 , r gen = 2 .6 i d = 7 5 a t r rise time 141 t d(off) turn - off delay time 95 t f fall time 101 c iss input capacitance 5634 pf v gs = 0v v ds = 50 v ? = 1m hz c oss output capacitance 657 c rss reverse transfer capacitance 12.6 source - drain ratings and characteristics symbol parameter min. typ. max . units conditions i s continuous source current (body diode) 180 a mosfet symbol showing the integral reverse p - n junction diode. i sm pulsed source current ( body diode ) 67 0 a v sd diode forward voltage 0. 75 1. 3 v i s = 20 a, v gs =0v , t j = 25c
ss s1004 a7 ? silikron semiconductor co.,ltd . 20 1 4 . 0 4 . 1 8 version : 1. 2 page 3 of 7 www.silikron.com test circuits and waveforms eas test circuit: gate charge test circuit: switching time test circuit: switch ing waveforms: n otes : calculated continuous current based on maximum allowable junction temperature. repetitive rating; pulse width limited by max. junction temperature. the power dissipation pd is based on max. junction temperature , using junc tion - to - case thermal resistance . the value of r j a is measured with the device mounted on 1 in 2 fr - 4 board with 2oz. copper, in a still air environment with ta =25c
ss s1004 a7 ? silikron semiconductor co.,ltd . 20 1 4 . 0 4 . 1 8 version : 1. 2 page 4 of 7 www.silikron.com t ypical electrical and thermal characteristics figure 2. typical capacitance vs. drain - to - source voltage figure 1: typical output characteristics fig ure 3 . maximum drain current vs. case temperature case temperature fig ure 4 . maximum effective transient thermal impedance, junction - to - case
ss s1004 a7 ? silikron semiconductor co.,ltd . 20 1 4 . 0 4 . 1 8 version : 1. 2 page 5 of 7 www.silikron.com mechanical data to - 263 - 7l package outline dimension (unit: mm)
ss s1004 a7 ? silikron semiconductor co.,ltd . 20 1 4 . 0 4 . 1 8 version : 1. 2 page 6 of 7 www.silikron.com ordering and marking information device marking: ss s1 0 0 4 a7 package (available) to - 263 - 7l operating temperature range c : - 55 to 175 oc devices per unit package type units/ tube tubes/inner box units/inner box inner boxes/carton box units/carton box to - 2 63 - 7l 50 20 1000 6 6000 reliability test program test item conditions duration sample size high temperature reverse bias(htrb) t j = 1 75 @ 80% of max v dss /v ces /vr 168 hours 500 hours 1000 hours 3 lots x 77 devices high temperature gate bias(htgb) t j =1 7 5 @ 100% of max v gss 168 hours 500 hours 1000 hours 3 lots x 77 devices
ss s1004 a7 ? silikron semiconductor co.,ltd . 20 1 4 . 0 4 . 1 8 version : 1. 2 page 7 of 7 www.silikron.com attention: any and all silikron products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life - support systems, aircraft's control systems, or other ap plications whose failure can be reasonably exp ected to result in serious physical and/or material damage. consult with your silikron representative nearest you before using any silikron products described or containe d herein in such applications. silikron assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all silikron products described or contained herein. specifications of any and all silikron products described or contained herein stipulate the performance, characteristics, and functions of the described p roducts in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customers products or equipment. to verify s ymptoms and states that cannot be evaluated in an independe nt device, th e customer should always evaluate and test devices mounted in the customers products or equipment. silikron semiconductor co.,ltd. strives to supply high - quality high - reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accident s or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that a ny or all silikron products(including technical data, services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval s ystem, or otherwise, without the prior written permission of silikron semiconductor co.,ltd. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. silikron believes info rmation herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. any and all information described or contained herein are subject t o change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the silikron product that you intend to use. customer service worldwide sales and service : sales@ silikron .com technical support: technical@ silikron .com suzhou silikron semiconductor corp. 11a, 4 2 8 xinglong street, suzhou industrial park, p.r.china tel: (86 - 512 ) 62560688 fax: (86 - 512) 65160705 e - mail: sales@ silikron .com


▲Up To Search▲   

 
Price & Availability of SSS1004A7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X