Part Number Hot Search : 
NX7460LE 8B47M5 2N5881 TYN255 CHR0402H SB260 N5416A MAX9400
Product Description
Full Text Search
 

To Download SS1200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SS1200 ss1150 ss18~SS1200 0.85v 80 v to 200 v 200 140 200 150 105 150 ss110 ss18 a major ratings and characteristics i f(av) 1.0 a v rrm i fsm 30 a v f t j max. 150 c features low profile package ideal for automated placement ultrafast reverse recovery time low power losses, high efficiency low forward voltage drop high surge capability high temperatrue soldering 260 /10 seconds at terminals component in accordance to rohs 2002/95/1 and weee 2002/96/ec mechanical date case: jedec do-214acmolded plastic body over passivated chip terminals: solder plated, solderable per j-std-002b and jesd22-b102d polarity: laser band denotes cathode end maximum ratings & thermal characteristics & electrical characteristics (ta = 25 c unless otherwise noted) symbol unit maximum repetitive peak reverse voltage v rrm 80 100 v maximum rms voltage v rms 56 70 v maximum dc blocking voltage v dc 80 100 v maximum average forward rectified current i f(av) 1 a peak forward surge current 8.3 ms single half sine-wave superimposed on rated load i fsm 30 a maximum instantaneous forwad voltage at 1.0 v f 0.85 v maximum dc reverse current t a = 25 at rated dc blocking voltage t a = 100 i r 0.5 ma 5 ma voltage rate of change (rated vr) dv/dt 10000 v/s thermal resistance from junction to ambient r ja 88 / w operating junction and storage temperature range t j , t stg ? 65 to +150 http://www.trr-jx.com surface mount schottky rectifiers


▲Up To Search▲   

 
Price & Availability of SS1200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X