Part Number Hot Search : 
D74LS04P DY20F DA101MF8 USD4540C 50120 ES1946 CHT05PT SRL5017R
Product Description
Full Text Search
 

To Download SF1001G-13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? high efficiency, low vf ? high current capavility ? high reliability ? high surge current capability sf1001g to-220ab 50 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol sf 1001g sf 1002g sf 1003g sf 1004g sf 1005g sf 1006g sf 1007g sf 1008g units v rrm 50 100 150 200 300 400 500 600 v v rms 35 70 105 140 210 280 350 420 v v dc 50 100 150 200 300 400 500 600 v i f(av) a ua ua trr ns cj pf r jc o c/w t j o c t stg o c sf1001g- sf1008g 10.0amps. glass passivated super fast rectifiers to-220ab features ? low power loss. ? for use in low voltage, high frequency inverter, free wheeling, and polarity protection application ? green compound with suffix "g" on packing code & prefix "g" on datecode. mechanical data ? case: to-220ab molded plastic ? epoxy: ul 94v-0 rate flame retardant ? terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed ? polarity: as marked ? high temperature soldering guaranteed: 260 o c/10 seconds 16".,(4.06mm) from case. ? weight: 1.82 grams parameter maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage c0g maximum average forward rectified current 10 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 125 a maximum instantaneous forward voltage (note 1) @ 5 a v f 0.975 1.3 1.7 v maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =100 i r 10 400 maximum reverse recovery time (note 2) 35 typical junction capacitance (note 3) 70 50 typical thermal resistance 3.5 operating temperature range - 65 to + 150 storage temperature range - 65 to + 150 note 1: pulse test with pw=300 usec, 1% duty cycle note 2: reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a. note 3: measured at 1 mhz and applied reverse voltage of 4.0 v d.c. version:g13 ordering information(example) part no. package packing packing code packing code (green)
version:g13 ratings and characteristic curves (sf1001g thru sf1008g) 0 2 4 6 8 10 12 050100150 average forward a current (a) case temperature ( o c) fig.1- maximum forward current derating curve resistive or inductiveload with heatsink 0 30 60 90 120 150 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 3- maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 instantaneous reverse current. (ua) percent of rated peak reverse voltage (%) fig. 2- typical reverse characteristics per leg ta=25 ta=75 40 50 60 70 80 90 100 1 10 100 1000 capacitance (pf) reverse voltage. (v) fig. 4- typical junction capacitance per leg ta=25 o c sf1001g~sf1004g sf1005g~sf1008 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current. (a) forward voltage. (v) fig. 5- typical forward characteristics per leg ta=25 o c pulse width=300us 1% duty cycle sf1001g~sf1004g sf1005g~sf1006 sf1007g~sf1008
to-220ab dimensions min max min max a - 10.50 - 0.413 b 2.62 3.44 0.103 0.135 c 2.80 4.20 0.110 0.165 d 0.68 0.94 0.027 0.037 e 3.54 4.00 0.139 0.157 f 14.60 16.00 0.575 0.630 g 13.19 14.79 0.519 0.582 h 2.41 2.67 0.095 0.105 i 4.42 4.76 0.174 0.187 j 1.14 1.40 0.045 0.055 k 5.84 6.86 0.230 0.270 l 2.20 2.80 0.087 0.110 m 0.35 0.64 0.014 0.025 p/n = specific device code g = green compound yww = date code c0g packing code c0 ordering information part no. package bulk packing packing code (green) dim. unit(mm) unit(inch) marking diagram sf100xg 50 / tube note: "x" is device code from "1" thru "8".


▲Up To Search▲   

 
Price & Availability of SF1001G-13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X