Part Number Hot Search : 
0PQ10 S2060 LB11824 PIC16C55 MPS3703 GP40M 1N4689 70M35V6
Product Description
Full Text Search
 

To Download RR2-1212D05AXD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  output specifications rr2-s05/d05-d 5 watt 2:1 regulated single & dual output absolute maximum ratings (4) 1) typical value at nominal input voltage and full load. 2) tested by nominal vin and constant resistor load. 3) measured input reflected ripple current with a simulated source inductance of 12uh. 4) exceeding the absolute ratings of the unit could cause damage. it is not allowed for continuous operating. 5) operation under no-load conditions will not damage these devices. however they may not meet all listed specifications. 6) its necessary to add a minimum capacitor in output for some models. please check single model datasheet for detail value. the models listed are just for standard type. if you need a special specification product, please contact our service. phone: +49 69 984047-0, mail to: info@rsg-electronic.de or use the forms on www.rsg-electronic.de (?kontakt). dip24, w ide 2:1 input range full smd technology 1500 vdc isolation up to 3500 vdc isolation continuous short circuit protection efficiency up to 82% -25c~85c operation temperature range optional metal case voltage accuracy 1% line regulation 0.5% load regulation 0.5% ripple & noise (20 mhz bandwith) (1) 60 mv pk-pk short circuit protection continuous temperature coefficient 0.02%/c capacitor load (2) see table voltage range see table max. input current see table no-load input current see table input filter pi type input reflected ripple current (3) 35 ma pk-pk input specifications efficiency see table i/o isolation voltage (3 sec.) input / output 1500 ~ 3500 vdc metal case / input & output 1000 vdc i/o isolation capacitance 60 pf typ. i/o isolation resistance 1000 m ohm switching frequency 100~400 khz humidity 95% rel. h reliability calculated mtbf (mil-hdbk-217f) > 2.199 mhrs. safety standard (designed to meet) iec 60950-1:2001 general specifications case material non-conductive black plastic (ul94v-0 rated) nickel-coated copper base material non-conductive black plastic (ul94v-0 rated) pin material ? 0.5 mm brass solder-coated potting material epoxy (ul94v-0 rated) weight plastic 12.5 g, metal 15 g dimensions 1.25 x 0.8 x 0.4 physical specifications operating temperature (see derating curve) -25c~ 85c maximum case temperature 100c storage temperature -40c~125c cooling nature convection environment specifications note these are stress ratings. exposure of devices to any of these conditions may adversely affect long-term reliability. input voltage (100 ms) 12 modes -0.7 ~ 24 vdc 24 modes -0.7 ~ 40 vdc 48 modes -0.7 ~ 80 vdc lead soldering temperature 260c (1.5 mm from case 10 sec.) all specifications typical at ta = 25c, nominal input voltage and full load unless otherwise specified. the information and specifications contained in this data sheet are believed to be correct at time of publication. however, we accept no responsibility for consequences arising from printing errors or inaccuracies. subject to change without notice. page: 1/3 last update: 03.10.07
rr2-s05/d05-d 5 watt 2:1 regulated single & dual output derating curve model number input input current (ma) output output current output current efficiency capacitor range no load/full load vdc min. load (ma) full load (ma) @fl (%) load ( hf) vdc rr2-1205s05axd 9-18 20 / 555 5 250 1000 75 2200 rr2-1209s05axd 9-18 20 / 534 9 138.8 555 78 470 rr2-1212s05axd 9-18 20 / 514 12 104.3 417 81 470 rr2-1215s05axd 9-18 20 / 520 15 83.3 333 80 470 rr2-1224s05axd 9-18 20 / 520 24 52 208 80 220 rr2-1205d05axd 9-18 20 / 541 5 125 500 77 1000 rr2-1209d05axd 9-18 20 / 520 9 69.5 278 80 220 RR2-1212D05AXD 9-18 20 / 520 12 52 208 80 220 rr2-1215d05axd 9-18 20 / 520 15 41.8 167 80 220 rr2-1224d05axd 9-18 20 / 520 24 26 104 80 100 rr2-2405s05axd 18-36 12 / 267 5 250 1000 78 2200 rr2-2409s05axd 18-36 12 / 260 9 138.8 555 80 470 rr2-2412s05axd 18-36 12 / 254 12 104.3 417 82 470 rr2-2415s05axd 18-36 12 / 254 15 83.3 333 82 470 rr2-2424s05axd 18-36 12 / 254 24 52 208 82 220 rr2-2405d05axd 18-36 12 / 267 5 125 500 78 1000 rr2-2409d05axd 18-36 12 / 260 9 69.5 278 80 220 rr2-2412d05axd 18-36 12 / 260 12 52 208 80 220 rr2-2415d05axd 18-36 12 / 260 15 41.8 167 80 220 rr2-2424d05axd 18-36 12 / 260 24 26 104 80 100 rr2-4805s05axd 36-72 8 / 135 5 250 1000 77 2200 rr2-4809s05axd 36-72 8 / 131 9 138.8 555 79 470 rr2-4812s05axd 36-72 8 / 130 12 104.3 417 80 470 rr2-4815s05axd 36-72 8 / 130 15 83.3 333 80 470 rr2-4824s05axd 36-72 8 / 130 24 52 208 80 220 rr2-4805d05axd 36-72 8 / 131 5 125 500 79 1000 rr2-4809d05axd 36-72 8 / 131 9 69.5 278 79 220 rr2-4812d05axd 36-72 8 / 130 12 52 208 80 220 rr2-4815d05axd 36-72 8 / 130 15 41.8 167 80 220 rr2-4824d05axd 36-72 8 / 130 24 26 104 80 100 model selection guide page: 2/3 last update: 03.10.07 number structure isolation 1 =1.5 kvdc 3=3.5 kvdc power 05=5w output 05=5v 09=9v 12=12v 15=15v 24=24v code internal rr2 - xx xx s 05 a 1d (m) type s =single d=dual input 12=9~18v 24=18~36v 48=36~72v name/package rr2=dil24 add suffix ?m for metal case! if no suffix mean plastic case.
rr2-s05/d05-d 5 watt 2:1 regulated single & dual output page: 3/3 last update: 03.10.07 mail: info@rsg-electronic.de www.rsg-electronic.de rsg electronic components gmbh sprendlinger landstr. 115 d-63069 offenbach tel. +49 69 984047-0 fax +49 69 984047-77 rsg rr2-xxxxx05axd mechanical specifications metal case rsg rr2-xxxxx05axdm 24 pin dil package nickel coated copper ?m case (optional) 24 pin dil package non-conductive plastic all dimensions are typical in millimeters (inches). 1) pin diameter: 0.5 0.05 (0.02 0.002) 2) pin pitch tolerance: 0.35 ( 0.014) 3) case tolerance: 0.5 ( 0.02) all dimensions are typical in millimeters (inches). 1) pin diameter: 0.5 0.05 (0.02 0.002) 2) pin pitch tolerance: 0.35 ( 0.014) 3) case tolerance: 0.5 ( 0.02) mechanical specifications plastic case pin connections


▲Up To Search▲   

 
Price & Availability of RR2-1212D05AXD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X