Part Number Hot Search : 
TSC1141 CR1206 K3235 UPA809T 1N6330 LCE15A 78R03 1GT8607
Product Description
Full Text Search
 

To Download RF2051 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 39 optimum technology matching? applied gaas hbt ingap hbt gaas mesfet sige bicmos si bicmos sige hbt gaas phemt si cmos si bjt gan hemt functional block diagram rf micro devices?, rfmd?, optimum technology matching?, enabling wireless connectivity?, powerstar?, polaris? total radio? and ultimateblue? are trademarks of rfmd, llc. bluetooth is a trade- mark owned by bluetooth sig, inc., u.s.a. and licensed for use by rfmd. all other trade names, trademarks and registered tradem arks are the property of their respective owners. ?2006, rf micro devices, inc. product description 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . rf mems ? lo divider lo divider frac-n sequence generator n divider phase / freq detector charge pump ref divider vco synth mixers mux RF2051 high performance wideband rf pll/vco with integrated rf mixers the RF2051 is a low power, high performa nce, wideband rf frequency conversion chip with integrated local oscillator (lo) generation and a pair of rf mixers. the rf synthesizer includes an integrated fractional-n phase locked loop with voltage con- trolled oscillators (vcos) and dividers to produce a low-phase noise lo signal with a very fine frequency resolution. the buffered lo output drives the built-in rf mixers which convert the signal into the required frequency band. the mixer bias current can be programmed dependent on the re quired performance and available supply current. the lo generation blocks have be en designed to continuously cover the frequency range from 300mhz to 2400mhz. the rf mixers are very broad band and operate from 30mhz to 2500mhz at the input and output, enabling both up and down conversion. an external crystal of between 10mhz and 52mhz or an external reference source of between 10mhz and 104mhz can be used with the RF2051 to accommodate a variety of reference frequency options. all on-chip registers are controlled through a simple three-wire serial interface. the RF2051 is designed for 2.7v to 3.6v oper ation for compatibility with portable, bat- tery powered devices. it is available in a plastic 32-pin, 5mmx5mm qfn package. features ? 30mhz to 2.5ghz frequency range ? fractional-n synthesizer ? very fine frequency resolution 1.5hz for 26mhz reference ? low phase noise vco ? on-chip crystal-sustaining circuit with programmable loading capacitors ? two high-linearity rf mixers ? integrated lo buffers ? mixer input ip3 +18dbm ? mixer bias adjustable for low power operation ? full duplex mode ? 2.7v to 3.6v power supply ? low current consumption 55ma to 75ma at 3v ? 3-wire serial interface applications ? catv head-ends ? digital tv up/down converters ? digital tv repeaters ? multi-dwelling units ? cellular repeaters ? frequency band shifters ? uhf/vhf radios ? diversity receivers ? software defined radios ? satellite communications ? super-heterodyne radios ds140110 package: qfn, 32-pin, 5mmx5mm RF2051
2 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . detailed functional block diagram pin out serial data interface, control and biasing analog regulator digital regulator mux lo divider 1 /1, /2, or /4 lo divider 2 /1, /2, or /4 lo buffer 1 lo buffer 2 mixer 1 mixer 2 vco 1 vco 2 vco 3 voltage controlled oscillators reference divider /1 to /7 reference oscillator circuitry and crystal tuning - + vref n divider phase / freq detector frac-n sequence generator charge pump synthesizer vtune ana_vdd dig_vdd ana_dec lfilt1 lfilt2 lfilt3 indn indp rext xtalipp xtalipn enx enbl mode resetb sdata sclk rfop1n rfop1p rfip1n rfip1p rfip2p rfip2n rfop2p rfop2n serial bus control ana_vdd op1 4:1 ana_vdd op2 4:1 1:1 ip2 1:1 ip1 1 3 2 6 5 4 7 enbl indp indn rext ana_dec lfilt1 lfilt2 8 lfilt3 25 27 26 30 29 28 31 nc nc rfop2n rfop2p resetb enx sclk 32 sdata 24 22 23 19 20 21 18 rfip2p rfip2n ana_vdd nc nc dig_vdd rfop1p 17 rfop1n 9 11 10 14 13 12 15 mode xtalipp xtalipn gnd rfip1p rfip1n nc 16 nc ep
3 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . note 1: the signal should be connected to this pin such that dc current cannot flow into or out of the chip, either by using ac coupling capacitors or by use of a transformer (see evaluation board schematic). note 2: dc current needs to flow from ana_vdd into this pin, either through an rf inductor, or transformer (see evaluation board schematic). note 3: alternatively an external referenc e can be ac-coupled to pin 11 xtalipn, and pin 10 xtalipp decoupled to ground. this may make pcb routing simpler. pin function description 1enbl ensure that the enbl high voltage level is not greater than v dd . an rc low-pass filter could be used to reduce digital noise. 2indp vco 3 differential inductor. normally a micro-strip indu ctor is used to set the vco 3 frequency range 1200mhz to 1600mhz. 3indn vco 3 differential inductor. normally a micro-strip indu ctor is used to set the vco 3 frequency range 1200mhz to 1600mhz. 4rext external bandgap bias resistor. connect a 51k ? resistor from this pin to grou nd to set the ba ndgap reference bias current. this could be a sensitive low frequency noise injection point. 5ana_dec analog supply decoupling capacitor. connect to analog supply and decouple as clos e to the pin as possible. 6lfilt1 phase detector output. low-frequency noise-sensitive node. 7lfilt2 loop filter op-amp output. low- frequency noise-sensitive node. 8lfilt3 vco control input. low-frequency noise-sensitive node. 9mode mode select pin. an rc low-pass filter can be used to reduce digital noise. 10 xtalipp reference crystal / reference oscillator input. should be ac-coupled if an external reference is used. see note 3. 11 xtalipn reference crystal / reference oscillator input. should be ac-coupled to ground if an external reference is used. see note 3. 12 gnd connect to ground. 13 rfip1p differential input 1. see note 1. 14 rfip1n differential input 1. see note 1. 15 nc 16 nc 17 rfop1n differential output 1. see note 2. 18 rfop1p differential output 1. see note 2. 19 dig_vdd digital supply. should be decouple d as close to the pin as possible. 20 nc 21 nc 22 ana_vdd analog supply. should be decoupled as close to the pin as possible. 23 rfip2n differential input 2. see note 1. 24 rfip2p differential input 2. see note 1. 25 nc 26 nc 27 rfop2n differential output 2. see note 2. 28 rfop2p differential output 2. see note 2. 29 resetb chip reset (active low). connect to dig_vdd if external reset is not required. 30 enx serial interface select (active low). an rc low-pa ss filter could be used to reduce digital noise. 31 sclk serial interface clock. an rc low-pass filter could be used to reduce digital noise. 32 sdata serial interface data. an rc low-pass filter could be used to reduce digital noise. ep exposed pad connect to ground. this is the ground reference for the circuit. all decoupling should be connected here through low impedance paths.
4 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . absolute maximum ratings parameter rating unit supply voltage (v dd ) -0.5 to +3.6 v input voltage (v in ), any pin -0.3 to v dd +0.3 v rf/if mixer input power +15 dbm operating temperature range -40 to +85 c storage temperature range -65 to +150 c parameter specification unit condition min. typ. max. esd requirements human body model general 2000 v rf pins 1000 v machine model general 200 v rf pins 100 v operating conditions supply voltage (v dd ) 2.7 3.0 3.6 v temperature (t op ) -40 +85 c logic inputs/outputs v dd =supply to dig_vdd pin input low voltage -0.3 +0.5 v input high voltage v dd / 1.5 v dd v input low current -10 +10 ua input=0v input high current -10 +10 ua input=v dd output low voltage 0 0.2*v dd v output high voltage 0.8*v dd v dd v load resistance 10 k ? load capacitance 20 pf static programmable supply current (i dd ) low current setting 55 ma only one mixer operating. high linearity setting 75 ma only one mixer operating. standby 3 ma reference oscillator and bandgap only. power down current 140 ? aenbl=0 and ref_stby=0 mixer 1/2 mixer output driving 4:1 balun. gain -2 db not including balun losses. noise figure low current setting 9.5 db high linearity setting 12 db
5 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . parameter specification unit condition min. typ. max. mixer 1/2, cont. iip 3 low current setting +10 dbm high linearity setting +18 dbm pin1db low current setting +2 dbm high linearity setting +12 dbm rf and if port frequency range 30 2500 mhz mixer input return loss 10 db 100 ? differential voltage controlled oscillator open loop phase noise at 1mhz offset 2ghz lo frequency -130 dbc/hz 1ghz lo frequency -135 dbc/hz 500mhz lo frequency -140 dbc/hz reference oscillator xtal frequency 10 52 mhz external reference frequency 10 104 mhz reference divider ratio 1 7 external reference input level 500 800 1500 mv p-p ac-coupled local oscillator synthesizer output frequency 300 2400 mhz dependant on vco 3 external inductor. after lo dividers. phase detector frequency 52 mhz closed loop phase-noise at 10 khz offset 26mhz phase detector frequency 2ghz lo frequency -90 dbc/hz 1ghz lo frequency -95 dbc/hz 500mhz lo frequency -102 dbc/hz
6 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance characteristics: synthesizer and vco - v dd =3v, t a =25c, as measured on RF2051 evaluation board, for application schematic see page 36. phase detector frequency=26mhz, loop bandwidth=60khz. vco3 with passive loop filter -160 -140 -120 -100 -80 -60 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 1200mhz 600mhz 300mhz vco2 with passive loop filter -160 -140 -120 -100 -80 -60 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 1600mhz 800mhz 400mhz vco1 with passive loop filter -160 -140 -120 -100 -80 -60 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 2000mhz 1000mhz 500mhz vco2 with active loop filter -160 -140 -120 -100 -80 -60 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 1600mhz 800mhz 400mhz vco3 with active loop filter -160 -140 -120 -100 -80 -60 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 1200mhz 600mhz 300mhz vco1 with active loop filter -160 -140 -120 -100 -80 -60 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 2000mhz 1000mhz 500mhz
7 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance characteristics: synthesizer and vco - v dd =3v, t a =25c unless stated, as measured on RF2051 evaluation board, for application schematic see page 36. vco2 open loop phase noise -160 -140 -120 -100 -80 -60 -40 -20 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 2000mhz 1800mhz 1600mhz vco3 open loop phase noise -160 -140 -120 -100 -80 -60 -40 -20 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 1600mhz 1400mhz 1200mhz vco1 open loop phase noise -160 -140 -120 -100 -80 -60 -40 -20 1 10 100 1000 10000 offset frequency (khz) phase noise (dbc/hz) 2400mhz 2200mhz 2000mhz vco1 f vco versus v t for the same coarse tune setting 2045 2050 2055 2060 2065 2070 2075 2080 2085 2090 2095 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 v t (v) f vco (mhz) -40 80 vco2 tuning gain versus frequency 0 5 10 15 20 25 30 35 40 1500 1600 1700 1800 1900 2000 2100 f vco (mhz) tuning gain (mhz/v) vco1 tuning gain versus frequency 0 5 10 15 20 25 30 35 40 45 50 1900 2000 2100 2200 2300 2400 2500 f vco (mhz) tuning gain (mhz/v)
8 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance characteristics: rf mixers - v dd =3v, t a =25c unless stated, as meas ured on RF2051 evaluation board, for application schematic see page 36. RF2051 typical operating current in ma in full duplex mode (both mixers enabled) mix1_idd mix2_idd 001 010 011 100 101 001 70 75 80 85 90 010 75 81 86 91 95 011 81 86 91 96 101 100 86 91 97 101 106 101 92 97 102 107 112 mixer 1 conversion gain, if output=100mhz -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 250 500 750 1000 1250 1500 1750 rf input frequency (mhz) conversion gain (db) -40c +27c +85c operating current, one mixer enabled versus temperature and supply voltage 50 55 60 65 70 75 80 001 010 011 100 101 mixer bias current setting (mix_idd) supply current (ma) -40c, +2.7v -40c, +3.0v -40c, +3.6v +27c, +2.7v +27c, +3.0v +27c, +3.6v +85c, +2.7v +85c, +3.0v +85c, +3.6v gain versus temperature and supply voltage (excluding losses in pcb and baluns) -3.0 -2.5 -2.0 -1.5 -1.0 -0.5 0.0 -40-20 0 20406080100 temperature (c) gain (db) 2.7v 3.0v 3.6v
9 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance characteristics: rf mixers - v dd =3v, t a =25c unless stated, as meas ured on RF2051 evaluation board, for application schematic see page 36. mixer 1 noise figure versus bias current if output=100mhz 5 6 7 8 9 10 11 12 13 14 15 250 500 750 1000 1250 1500 1750 rf input frequency (mhz) noise figure (db) mix1_idd = 001 mix1_idd = 010 mix1_idd = 011 mix1_idd = 100 mix1_idd = 101 mixer 1 input power for 1db compression versus temperature and bias current setting if output=100mhz -2 0 2 4 6 8 10 12 14 250 500 750 1000 1250 1500 1750 rf input frequency (mhz) pin 1db (dbm) -40 deg c, 001 +27 deg c, 001 +85 deg c, 001 -40 deg c, 011 +27 deg c, 011 +85 deg c, 011 -40 deg c, 101 +27 deg c, 101 +85 deg c, 101 mixer 1 input ip3 versus bias current setting 0 5 10 15 20 25 30 001 010 011 100 101 bias current setting (mix1 idd) input ip3 (dbm) 500mhz rf to 100mhz if 900mhz rf to 100mhz if 2000mhz rf to 500mhz if mixer 1 noise figure versus temperature if output=100mhz and mix1_idd=100 5 6 7 8 9 10 11 12 13 14 15 250 500 750 1000 1250 1500 1750 rf input frequency (mhz) noise figure (db) -40c +27c +85c iip3 versus temperature and supply voltage (max linearity) 18.8 19.0 19.2 19.4 19.6 19.8 20.0 20.2 20.4 20.6 -40 -20 0 20 40 60 80 100 temperature (c) iip3 (dbm) 2.7v 3.0v 3.6v nf versus temperature and supply voltage (low noise mode mix1_idd=001)) 8.0 8.5 9.0 9.5 10.0 10.5 11.0 -40 -20 0 20 40 60 80 100 temperature (c) nf (db) 2.7v 3.0v 3.6v
10 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . typical performance characteristics: rf mixers - v dd =3v, t a =25c unless stated, as measured on RF2051 evaluation board, for application schematic see page 36. mixer typical lo leakage at if output if output=100mhz -70 -60 -50 -40 -30 -20 -10 0 0 500 1000 1500 2000 2500 rf input frequency (mhz) lo leakage (dbm) -40c, path 1 -40c, path 2 +27c, path 1 +27c, path 2 +85c, path 1 +85c, path 2 mixer 1 typical rf and lo leakage at if output -70 -60 -50 -40 -30 -20 -10 0 250 500 750 1000 1250 1500 1750 rf input frequency (mhz) level at mixer 1 output (dbm) if output at 100mhz rf leakage lo leakage (high side) full duplex mode typical isolation between mixers 50 60 70 80 90 100 0 500 1000 1500 2000 2500 rf frequency (mhz) isolation (db) mixer 2 typical if and lo leakage at rf input -80 -70 -60 -50 -40 -30 -20 -10 0 250 500 750 1000 1250 1500 1750 rf input frequency (mhz) level at mixer 2 input (dbm) 100mhz if leakage to rf port lo leakage (high side) to rf mixer 1 typical if and lo leakage at rf input -80 -70 -60 -50 -40 -30 -20 -10 0 250 500 750 1000 1250 1500 1750 rf input frequency (mhz) level at mixer 1 input (dbm) 100mhz if leakage to rf port lo leakage (high side) to rf mixer 2 typical rf and lo leakage at if output -70 -60 -50 -40 -30 -20 -10 0 250 500 750 1000 1250 1500 1750 rf input frequency (mhz) level at mixer 2 output (dbm) if output at 100mhz rf leakage lo leakage (high side)
11 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . detailed description the RF2051 is a wideband rf frequency converter chip which incl udes a fractional-n phase-locked loop, a crystal oscillator cir- cuit, a low noise vco core, a lo signal multiplexer, two buffer circuits and two rf mixers. synthesizer programming, device con - figuration and control are achieved through a mixture of hardware and software controls. all on-chip registers are programmed through a simple three-wire serial interface. vco the vco core in the RF2051 consists of three vcos which, in conjunction with the integrated 2/4 lo divider, cover the lo range from 300mhz to 2400mhz. vco 1, 2, and 3 are selected using the pll1x0:p1_vcosel an d pll2x0:p2_vcosel control words. each vco has 128 overlap- ping bands to achieve an acceptable vco gain (20mhz/v nom) and hence a good phase noise performance across the whole tuning range. the chip automatically select s the correct vco band ("vco coarse tuning") to generate the desired lo frequency based on the values programmed into the pll1 and pll2 regi sters banks. for information on how to program the desired lo frequency into the pll1 and pll2 banks refer to page 12. the automatic vco band selection is triggered every time the enbl pin is taken high. once the band has been selected the pll will lock onto the correct frequency. du ring the band selection process fixed capacitance elements are progressively connected to the vco resonant circuit until the vco is oscillating at appr oximately the correct frequency. the output of this band select ion is made available in the rb1:ct_cal read-back register. a value of 127 or 0 in this register indicates that the selection was unsuccessful, this is usually due to the wr ong vco being selected so the user is trying to program a frequency that is outside of the vco operating range. a value between 1 and 126 indicates a successful calibration, the actual value being dependent on the desired frequency as well as process variation for a partic ular device. the band selection takes approximately 1500 cycles of the phase detector clock (about 50us with a 26mhz clock). the band select process will center the vco tuning voltage at about 1.2v, compensating for manufacturing tolerances and proc ess variation as well as environmental factors including tem- perature. for applications where the synthesizer is always on and the lo frequency is fixed, the synthesizer will maintain lock over a +/-60c temperature range. however it is recommended to re-initiate an automatic band selection for every 30 degrees change in temperature in order to maintain optimal synthesizer performance. this assumes an active loop filter. if start-up time is a critical parameter, and the user is always programm ing the same frequency for the pll, the calibration result may be read back from the rb1:ct_cal register, and written to the pll1x2:p1_ct_def or pll2x2:p2_ct_def registers (depending on desired pll register bank). the calibration function must then be disabled by setting the pll1x0:p1_ct_en and/or pll2x0:p2_ct_en control words to 0. for further informat ion please refer to the rf205x calibration user guide. when operating using vco1 for frequencies above 2.2ghz, it is recommended to change the coarse tuning voltage setting, pll1x5:p1_ct_v and pll2x5:p2_ct_v, from the default value of 16 down to 12. the lo divide ratio is set by the pll1x0:p1_lodiv and pll2x0:p2_lodiv control words. the lo is routed to mixer1, mixer2, or both depending on the state of the mode pin and the value of cfg1:fulld. the current in the vco core can be progra mmed using the pll1x3:p1_vcoi or pll2x3:p2_vcoi control words. this allows opti- mization of vco performance for a particular frequency. for appl ications where the required lo frequency is above 2ghz it is recommended that the lo buffer current be increased by setting cfg5:lo1_i and cfg5:lo2_i to 1100 (hex value c). vco tank inductor vco frequency range div 2 div 4 1 internal 1800mhz to 2400mhz 900mhz to 1200mhz 450mhz to 600mhz 2 internal 1500mhz to 2100mhz 750mhz to 1050mhz 375mhz to 525mhz 3 external 1200mhz to 1600mhz* 600mhz to 800mhz 300mhz to 400mhz *the frequency of vco3 is set by external inductors and can be varied by the user.
12 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . fractional-n pll the ic contains a charge-pump based fractional-n phase locked loop (pll) for controlling the three vcos. the pll includes automatic calibration systems to counteract the effects of pr ocess and environmental variations, ensuring repeatable lock- time and noise performance. the pll is intended to use a reference frequency signal of 10mhz to 104mhz. a reference divider (divide by 1 to divide by 7) is supplied and should be programmed to limit the frequency at the phase detector to a max - imum of 52mhz. the reference divider bypass is controlled by bit clk div_byp, set lo w to enable the reference divider and set high for divider bypass (divide by 1). the remaining three bits clk div<15:13> set the reference divider value, divide by 2 (010) to 7 (111) when the reference divider is enabled. two pll programming banks are provided, the first bank is preceded by the label pll1 and the second bank is preceded by the label pll2. for the RF2051 these banks are used to program mixer 1 and mixer 2 respectively, and are selected automatically as the mixer is selected (using the mode pin). the pll will lock the vco to the frequency f vco according to: f vco =n eff *f osc /r where n eff is the programmed fractional n divider value, f osc is the reference input frequency, and r is the programmed r divider value (1 to 7). the n divider is a fractional divider, containing a dual-modulu s prescaler and a digitally spur-compensated fractional sequence generator to allow fine frequency steps. the n divide r is programmed using the n and num bits as follows: first determine the desired, effective n divider value, n eff : n eff =f vco *r/f osc n(9:0) should be set to the integer part of n eff . num should be set to the fractional part of n eff multiplied by 2 24 =16777216. example: vco1 operating at 2220mhz, 23.92mhz reference frequency, the desired effective divider value is: n eff =f vco *r / f osc =2220 *1 / 23.92=92.80936454849. the n value is set to 92, equal to the integer part of n eff , and the num value is set to the fractional portion of n eff multiplied by 2 24 : num=0.80936454849 * 2 24 =13,578,884. converting n and num into binary results in the following: n = 0 0101 1100 num=1100 1111 0011 0010 1000 0100 so the registers would be programmed: p1_n (or p2_n)=0 0101 1100 p1_num_msb (or p2_num_msb)=1100 1111 0011 0010 p1_num_lsb (or p2_num_lsb)=1000 0100 the maximum n eff is 511, and the minimum n eff is 15, when in fractional mode. the minimum step size is f osc /r*2 24 . thus for a 23.92mhz reference, the frequency step size would be 1. 4hz. the minimum reference frequency that could be used to program a frequency of 2400mhz (using vco1) is 2400/511, 4.697mhz (approx).
13 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . phase detector and charge pump the chip provides a current output to drive an external loop filter. an on-chip operational amplifier can be used to design an active loop filter or a passive design can be implemented. the maximum charge pump output current is set by the value con- tained in the p1_cp_def/p2_cp_def field and cp_lo_i. in the default state (p1_cp_def/p2_cp_def=31 and cp_lo_i=0) the charge pump current (icpset) is 120ua. if cp_lo_i is set to 1 this current is reduced to 30ua. the charge pump current can be altered by changing the value of p1_cp_def/p2_cp_def. the charge pump current is defined as: icp= icpset*cp_def / 31 if automatic loop bandwidth correction is enabled the charge pu mp current is set by the calibr ation algorithm based upon the vco gain. for more information on the vco gain calibration, whic h is disabled by default, please refer to the rf205x calibra- tion user guide. the phase detector will operate with a maximum input frequency of 52mhz. note that for high phase detector frequencies, the divider ratio decreases. for n<28 the fll_fact register needs to be changed to 00 from the default value of 01. this is to ensure correct vco band selection. loop filter the pll may be designed to use an active or a passive loop filter as required. the internal configuration of the chip is shown below. if the cfg1:lf_act bit is asserted high, the op-amp will be enabled. if the cfg1:lf_act bit is asserted low, the interna l op-amp is disabled and a high impedance is presented to the lfilt1 pin. the rf 205x programming tool software can assist with loop filter designs. because the op-amp is used in an inverting configuration in active mode, when the passive loop filter mode is selected the phase-detector polarity should be inverted. for active mode, cfg1:pdp=1, for passive mode, cfg1:pdp=0. the charge pump output voltage compliance range is typically +0.7v to +1.5v. for applications using a passive loop filter vco coarse tuning must be performed regularly enough to ensure that the vco tuning volt age falls within this compliance range at all temperatures. the active loop filter maintains the charge pu mp output voltage in the center of the compliance range, and the op-amp provides a wider vco tuning voltage range, typical 0v to +2.4v. + - lfilt1 lfilt2 lfilt3 to vco tuning lf_act=true +1.1v
14 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . crystal oscillator the pll may be used with an external reference source, or its own crystal oscillator. if an external source (such as a tcxo) is being used it should be ac-coupled into one of the xo in puts, and the other input should be ac-coupled to ground. a crystal oscillator typically takes many milliseconds to settle, and so for applications requiring rapid pulsed operation of t he pll (such as a tdma system, or rx/tx half -duplex system) it is necessary to keep the xo running between bursts. however, when the pll is used less frequently, it is desirable to turn off the xo to minimize current draw. the refstby register is pro- vided to allow for either mode of operation. if refstby is programmed high, the xo will continue to run even when enbl is asserted low. thus the xo will be stable and a clock is immediately available when enbl is asserted high, allowing the chip to assume normal operation. on cold start, or if refstby is programmed low, the xo will need a warm-up period before it can pro- vide a stable clock. the length of this warm-up peri od will be dependant on the crystal characteristics. the crystal oscillator circuit contains inte rnal loading capacitors. no external loading capacitors are required, dependant on the crystal loading specification. the internal loading capacitors are a combination of fixed capacitance, and an array of switched capacitors. the switched capacitors can be used to tune the crystal oscillat or onto the required center frequency and minimize frequency error. the pcb stray capacitance and oscillat or input and output capacitance will also contribute to the crystal?s total load capacitance. the regi ster settings in the cfg4 register for the switched capacitors are as follows: ? coarse tune xo_ct (4 bits) 15*0.55pf, default 0100 ? fine step xo_cr_s (1 bit) 1*0.25pf, default 0 the on chip fixed capacitance is approximately 4.2pf. wideband mixer the RF2051 includes two wideband, double-balanced gilbert cell mixers. they support rf/if frequencies of 30mhz to 2500mhz using the internal vco to provide the lo frequency of 300mhz to 2400mhz. each mixer has an input port and an output port that can be used for either if or rf, i.e. for up conversion or down conversion. the mixer current can be pro- grammed to between 15ma and 35ma depending on linearity requirements, using the mix1_idd<3:0> word for mixer 1 and the mix2_idd<3:0> word for mixer 2, both of which are in the cfg2 register. the majority of the mixer current is sourced through the output pins via either a centre-tapped balun or an rf choke in the external matching circuitry to the supply. the rf mixer input and output ports are differential and require simple matching circuits optimi zed to the specific application frequencies. a conversion gain of approximately -3db to 0db is achieved with 100 ? differential input impedance, and the out- puts driving 200 ? differential load impedance. increasing the mixer output load increases the conversion gain. the mixer has a broadband common gate input. the input impe dance is dominated by the resistance set by the mixer 1/gm term, which is inversely proportional to the mixer cu rrent setting. the resistan ce will be approximately 85 ? at the default mixer current setting (100). there is also some shunt capacitance at the mixer input, and the inductance of the bond wires to con- sider at higher frequencies. the mixer output is high impedance, consisting of a resistance of approximately 2k ? in parallel with some capacitance. the mixer output does not need to be matched as such, just to see a resistive load. a higher resistance load will give higher outpu t voltage and gain. a shunt inductor can be used to resonate with the mixer output capacitance at the frequency of interest. this inductor may not be required at lower frequencies where the impe dance of the output capacitance is less significant. at higher output frequencies the inductance of th e bond wires becomes more significant. for more information about the mixer port impedances and matc hing, please refer to the rf205x family application note on matching circuits and baluns.
15 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . the mixer layout and pin placement has been optimized for high mixer-to-mixer isolation of typically 60db. the mixers can be set up to operate in half-duplex mode (1 mixer active) or full duplex mode (both mixers active). the mode selection is done via hardware control of the mode pin and by setting the fulld bit in the cfg1 register as shown in the table below. when in full- duplex mode, one can either use pll register bank 1 or 2, the lo signal is routed to both mixers. mode pin fulld bit active pll register bank active mixer low 0 1 1 high 0 2 2 low 1 1 both high 1 2 both
16 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . general programming information serial interface all on-chip registers in the RF2051 are programmed using a 3-wi re serial bus which supports both write and read operations. synthesizer programming, device configuration and control are achieved through a mixture of hardware and software controls. certain functions and operations require the use of hardware controls via the enbl, mode, and resetb pins in addition to programming via the serial bus. serial data timing characteristics parameter description time t1 reset delay >5ns t2 programming setup time >5ns t3 programming hold time >5ns t4 enx setup time >5ns t5 enx hold time >5ns t6 data setup time >5ns t7 data hold time >5ns t8 enbl setup time >0ns t9 enbl hold time >0ns mcu enx sclk sdata enbl resetb mode 3-wire bus hardware controls RF2051 resetb enx sclk sdata enbl x reset chip initial programming of device programming updates serial bus x x x x x x x t1 t2 t3 t4 t5 t8 t6 t7 t9
17 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . write initially enx is high and sdata is high impedance. the write oper ation begins with the controller starting sclk. on the first f all- ing edge of sclk the baseband asserts enx lo w. the second rising edge of sclk is reserved to allow the sdi to initialize, and the third rising edge is used to define whether the operation will be a write or a read operation. in write mode the baseband w ill drive sdata for the entire telegram. RF2051 will re ad the data bit on the rising edge of sclk. the next 7 data bits are the register address, msb first. this is followed by the payload of 16 data bits for a total write mod e transfer of 24 bits. data is latched into RF2051 on the last rising edge of sclk (after enx is asserted high). for more information, please refer to the timing diagram on page 16. the maximum clock speed for a register write is 19.2mhz. a re gister write therefore takes approximately 1.3us. the data is latched on the rising edge of the clock. th e datagram consists of a single start bit followed by a ?0? (to indicate a write ope ra- tion). this is then followed by a seven bit address and a sixteen bit data word. note that since the serial bus does not require the presence of the crystal clock, it is necessary to insert an additional risi ng clock edge before the enx line is set low to ensure the address/data are read correctly. read initially enx is high and sdata is high impedance. the read oper ation begins with the controller starting sclk. the controller is in control of the sdata line during the address write operation. on the first falling edge of sclk the baseband asserts enx low . the second rising edge of sclk is reserved to allow the sdi to initialize, and the third rising edge is used to define whether the operation will be a write or a read operation. in read mode the baseband will drive sdata for the address portion of the tele- gram, and then control will be handed over to RF2051 for the da ta portion. RF2051 will read th e data bits of the address on the rising edge of sclk. after the address has been written, control of the sdata line is handed over to RF2051. one and a half clocks are reserved for turn-around, and then the data bits are presented by RF2051. the data is set up on the rising edge of sclk, and the controller latches the data on the falling edge of sclk. at the end of the data transmission, RF2051 will release control of the sdata line, and the controller asserts enx high . the sdata port on RF2051 transitions from high impedance to low impedance on the first rising edge of the data portion of th e transaction (for example, 3 rising edges after the last addre ss bit has been read), so the controller chip should be presenting a high impedance by that time. for more information, please refer to the timing diagram on page 16. the maximum clock speed for a register read is 19.2mhz. a regi ster read therefore takes approximately 1.4us. the address is latched on the rising edge of the clock and the data output on the falling edge. the datagram co nsists of a single start bit fo l- a4 a3 a2 a1 a0 d15 d14 d13 d12 d11 d10 d9 d8 d7 d6 d5 d4 d3 d2 d1 d0 enx sclk sdata xa6 a5 a4 a3 a2 a1 a0 d15 d14 d13 d12 d11 d10 d9 d8 d7 d6 d5 d4 d3 d2 d1 d0 enx sclk sdata xa6 a5
18 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . lowed by a ?1? (to indicate a read operation), followed by a se ven bit address. a 1.5 bit delay is introduced before the sixtee n bit data word representing the register content is presented to the receiver. note that since the serial bus does not require the presence of the crystal clock, it is necessary to insert an additional risi ng clock edge before the enx line is set low to ensure the address is read correctly. hardware control three hardware control pins are provided: enbl, mode, and resetb. enbl pin the enbl pin has two functions: to enable the analog circuits in the chip and to trigger the vco band selection as described in the vco section on page 11. as outlined in the vco section the chip ha s a built-in automatic vco band selection to tune the selected vco to the desired fre - quency. the band selection is initiated when the enbl pin is taken high. every time the frequency of the synthesizer is re-pro- grammed, the enbl has to be inserted high to initia te the automatic vco band selection (vco coarse tune). resetb pin the resetb pin is a hardware reset control that will reset all digital circuits to th eir start-up state when asserted low. the device includes a power-on-reset function, so this pin should no t normally be required, in which case it should be connected to the positive supply. mode pin the mode pin controls which mixer(s) and pll programming register bank is active. see the pll and mixer description sec- tions for details. enbl pin refstby bit xo and bias block analogue block digital block low 0 off off on low 1 on off on high0 ononon high1 ononon parameter description time t1 mode setup time >5ns t2 mode hold time >5ns enbl mode t1 t2
19 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . programming the RF2051 the figure below shows an overview of the device programming. note: the set-up processes 1 to 2, 2 to 3, and 3 to 4 are explained further below. additional information on de vice use and programming can be found on th e rf205x family page of the rfmd web site (http://www.rfmd.com/rf205x). the following documents may be particularly helpful: ? rf205x frequency synthesizer user guide ? rf205x calibration user guide device off set-up device operation set operating frequencies set calibration mode enable device apply power 1 2 3 4 reset device apply power to the device. ensure the device is set into a known and correct state. to use the device it will be necessary to program the registers with the desired contents to achieve the required operating characteristics. see following sections for details. when programming is complete the device can be enabled.
20 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . start-up when starting up and following device reset then refstb y=0, refstby should be asserted high approximately 500 ? s before enbl is taken high. this is to allow the xo to settle and will depend on xo characteristics. the various calibration routines w ill also take some time depending on whether they are enabled or not. coarse tuning calibration takes about 50 ? s and vco tun- ing gain compensation takes about 100 ? s. additionally, time for the pll to settle wi ll be required. all of these timings will be dependant upon application specific factors such as loop filter bandwidth, reference clock freq uency, xo characteristics and so on. the fastest turn-on and lock time will be obtained by leaving refstby asserted high, disabling all calibration routines, and setting the pll loop band width as wide as possible. the device can be reset into its initial state (default settings) at any time by performing a hard reset. this is achieved by s etting the resetb pin low for at least 100ns. setting up device operation the device offers a number of operating modes which need to be set up in the device before it will work as intended. this is achieved as follows. three registers need to be written, taking 3.9us at the maximum clock speed. if the device is used with an active filter in sim - plex operation it will not be necessary to program cfg1 reducing the programming time to 2.6us. set-up device operation disable active loop filter? default yes lf_act set to 0 program mix1_idd and mix2_idd set-up complete program xo_ct, xo_cr_s and clk_div internal capacitors used to set xtal load mixer linearity 1 2 full duplex operation? default yes fulld set to 1 when setting up the device it is necessary to decide if an active or passive loop filter will be used in the phase locked loop. the lf_act bit is located in the cfg1 register and is active by default. set the phase detector polarity bit in cfg1since the active filter inverts the loop filter voltage. the user must then activate the full duplex mode of operation if fast frequency switching is required or it is necessary to have both mixers operating simultaneously. this bit is also located in the cfg1 register and is inactive by default. the mixer linearity setting is then selected. the default value is 4 with 1 being the lowest setting and 5 the highest. the mix1_idd and mix2_idd bits are located in the cfg2 register. the internal crystal loading capacitors are also programmed to present the correct load to the crystal. the capacitance internal to the chip can be varied from 8-16pf in 0.25pf steps (default=10pf). the reference divider must also be set to determine the phase detector frequency (default=1). these bits are located in the cfg4 register.
21 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . setting up vco coarse tuning and loop filter calibration if the user wishes to disable the vco coarse tune calibration or enable the loop filter calibration then the following program- ming operation will need to take place. two registers need to be written taking 2.6us at maximum clock sp eed if the course tuning is deactivated or the loop filter cal - ibration activated. since it is necessary to program these registers when setting the operating frequency (see next section) th is operation usually carries no overhead. the coarse tune calibration takes approximately 50us when usin g a 26mhz reference clock (it will take proportionally longer if a slower clock is used, and vice versa). disable vco coarse tune? default yes p1_ct_en, p2_ct_en set to 00 set calibration mode operating mode set enable loop filter cal? default yes loop filter calibration 2 3 when setting up the device it is necessary to decide whether to deactivate the devices' internal vco calibration or provide the calibration information directly. these bits are located in the pll1x0 and pll2x0 registers and are active by default. it is also necessary to decide whether to activate the loop filter calibration mode, only necessary when operating the device over very wide band of frequencies. these bits are also located in the pll1x0 and pll2x0 registers. the default setting assumes an active loop filter is used.
22 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . setting the operating frequency setting the operating frequency of the device requires a number of registers to be programmed. a total of four registers must be programmed to set the device operating frequency for each path within the device. this will take 5.2us for each path at maximum clock speed. to change the frequency of the vco it will be necessary to repe at these operations. however, if the frequency shift is small it may not be necessary to reprogram the vcosel and lodiv bits reducing the register writes to three per path. for an example on how to determine the integer and fractional pa rts of the synthesizer pll divisi on ratio please refer to the detailed description of the pll on page 12. set operating frequencies program p1_vcosel, p2_vcosel, p1_lodiv and p2_lodiv program p1_n, p2_n program p1_num_msb, p2_num_msb program p1_num_lsb, p2_num_lsb, p1_ct_def, p2_ct_def frequency programmed 3 4 when programming the operating frequency it is necessary to select the appropriate vco and lodiv values. the p1_vcosel and p1_lodiv bits are located in the pll1x0 register and the corresponding p2 bits in the pll2x0 register. if the lo frequency is above 2ghz the lo path current (cfg5) should be set to 0xc the integer part of the pll division ratio is programmed into the pll1x3 and pll2x3 registers according to the required synthesizer path. the msb of the fractional part of the synthesizer pll divider value is programmed into the pll1x1 and pll2x1 registers. the lsb of the fractional part of the synthesizer pll divider value is programmed into the pll1x2 and pll2x2 registers together with the ct_cal bits if fast frequency switching is required. (depending on required frequency resolution and coarse tune settings this may not be required.)
23 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . programming registers register map diagram reg. name r/w add data 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 cfg1 r/w 00 ld_en ld_lev tvco pdp lf_act cpl ct_pol res ext_vco fulld cp_lo_i cfg2 r/w 01 mix1_idd mix1_vb mix2_idd mix2_vb res kv_rng nbr_ct_avg nbr_kv_avg cfg3 r/w 02 tkv1 tkv2 res fll_fact ct_cpolrefstby cfg4 r/w 03 clk_div_bypass xo_ct xo_i2 xo_i1 xo_cr_s tct cfg5 r/w 04 lo1_i lo2_i t_ph_algn cfg6 r/w 05 su_wait res pll1x0 r/w 08 p1_vcosel p1_ct_e n p1_kv_e n p1_lo- div res p1_cp_def pll1x1 r/w 09 p1_num_msb pll1x2 r/w 0a p1_num_lsb p1_ct_def res pll1x3 r/w 0b p1_n res p1_vcoi pll1x4 r/w 0c p1_dn p1_ct_gain p1_kv_gain res pll1x5 r/w 0d p1_n_phs_adj res p1_ct_v pll2x0 r/w 10 p2_vcosel p2_ct_e n p2_kv__e n p2_lo- div res p2_cp_def pll2x1 r/w 11 p2_num_msb pll2x2 r/w 12 p2_num_lsb p2_ct_def res pll2x3 r/w 13 p2_n res p2_vcoi pll2x4 r/w 14 p2_dn p2_ct_gain p2_kv_gain res pll2x5 r/w 15 p2_n_phs_adj res p2_ct_v gpo r/w 18 res p1_g- po1 res p1_ gpo 3 p1_ gpo 4 res p2_g- po1 res p2_g- po3 p2_ gpo 4 res chiprev r 19 partno revno rb1 r 1c lock ct_cal cp_cal res rb2 r 1d v0_cal v1_cal rb3 r 1e rsm_state res test r 1f ten tmux cpu cpd fnz ldo _by p tsel res dactest res
24 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . cfg1 (ooh) - operational configuration parameters cfg2 (o1h) - mixer bias and pll calibration # bit name default function 15 ld_en 1 9 enable lock detector circuitry 14 ld_lev 0 modify lock range for lock detector 13 tvco(4:0) 0 vco warm-up time=tvco/(fref=256) 12 0 11 0 1 10 0 90 8 pdp 1 phase detector polarity: 0=positive, 1=negative 7 lf_act 1 c active loop filter enable, 1=active 0=passive 6 cpl(1:0) 1 charge pump leakage current: 00=no leakage, 01=low leakage, 10=mid leakage, 11=high leakage 50 4 ct_pol 0 polarity of vco coarse-tune word: 0=positive, 1=negative 300 2 ext_vco 0 0=normal operation 1=external vco (vco 3 disabled, kv_cal and ct_cal must be dis- abled) 1 fulld 0 0=half duplex, mixer is enabled according to mode pin, 1=full duplex, both mixers enabled 0 cp_lo_i 0 0=high charge pump current, 1=low charge pump current # bit name default function 15 mix1_idd 1 8 mixer 1 current setting: 000=0ma to 111=35ma in 5ma steps 14 0 13 0 12 mix1_vb 0 mixer 1 voltage bias. 11 1 c 10 mix2_idd 1 mixer 2 current setting: 000=0ma to 111=35ma in 5ma steps 90 80 7 mix2_vb 0 5 mixer 2 voltage bias 61 50 4 kv_rng 1 sets accuracy of voltage measurement during kv calibration: 0=8bits, 1=9bits 3 nbr_ct_avg 1 8 number of averages during ct cal 20 1 nbr_kv_avg 0 number of averages during kv cal 00
25 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . cfg3 (o2h) - pll calibration cfg4 (o3h) - crystal oscillator and reference divider # bit name default function 15 tkv1 0 0 settling time for first measurement in lo kv compensation 14 0 13 0 12 0 11 tkv2 0 4 settling time for second measurement in lo kv compensation 10 1 90 80 700 60 50 40 3 fll_fact 0 4 default setting 01. needs to be set to 00 for n<28. this case can arise when higher phase detector frequencies are used. 21 1ct_cpol 0 0 refstby 0 reference oscillator standby mode 0=xo is off in standby mode, 1=xo is on in standby mode # bit name default function 15 clk_div 0 1 reference divider, divide by 2 (010 ) to 7 (111) when reference divider is enabled 14 0 13 0 12 clk_div_bypass 1 reference divider enabled=0, divider bypass (divide by 1)=1 11 xo_ct 1 8 crystal oscillator coarse tune (approximately 0.5pf steps from 8pf to 16pf) 10 0 90 80 7 xo_i2 0 0 crystal oscillator current setting 6 xo_i1 0 5 xo_cr_s 0 crystal oscillator additional fixed capacitance (approximately 0.25pf) 4 tct 0 duration of coarse tune acquisition 31f 21 11 01
26 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . cfg5 (o4h) - lo bias cfg6 (o5h) - start-up timer # bit name default function 15 lo1_i 0 0 local oscillator path1 current setting 14 0 13 0 12 0 11 lo2_i 0 0 local oscillator path2 current setting 10 0 90 80 7 t_ph_algn 0 0 phase alignment timer 60 50 40 304 21 10 00 # bit name default function 15 su_wait 0 0 crystal oscillator settling timer. 14 0 13 0 12 0 11 0 1 10 0 90 81 700 60 50 40 300 20 10 00
27 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . pll1x0 (08h) - vco, lo divider and calibration select pll1x1 (09h) - msb of fr actional divider ratio # bit name default function 15 p1_vcosel 0 7 path 1 vco band select: 00=vco1, 01=vco2, 10=vco3, 11=reserved 14 1 13 p1_ct_en 1 path 1 vco coarse tune: 00=disabled, 11=enabled 12 1 11 p1_kv_en 0 1 path 1 vco tuning gain ca libration: 00=disabled, 11=enabled 10 0 9 p1_lodiv 0 path 1 local oscillator divider: 00=divide by 1, 01=divide by 2, 10=divide by 4, 11=reserved 81 701 60 5 p1_cp_def 0 charge pump current setting if p1_kv_en=11 this value sets charge pump current during kv compensation only 41 31f 21 11 01 # bit name default function 15 p1_num_msb 0 6 path 1 vco divider numerator value, most significant 16 bits 14 1 13 1 12 0 11 0 2 10 0 91 80 707 61 51 41 306 21 11 00
28 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . pll1x2 (0ah) - lsb of fractional divider ratio and ct default pll1x3 (0bh) - integer divi der ratio and vco current # bit name default function 15 p1_num_lsb 0 2 path 1 vco divider numerator value, least significant 8 bits 14 0 13 1 12 0 11 0 7 10 1 91 81 7 p1_ct_def 0 7 path 1 vco coarse tuning value, used when p1_ct_en=00 61 51 41 31e 21 11 00 # bit name default function 15 p1_n 0 2 path 1 vco divider integer value 14 0 13 1 12 0 11 0 3 10 0 91 81 700 60 50 40 302 2 p1_vcoi 0 path 1 vco bias setting: 000=minimum value, 111=maximum value 11 00
29 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . pll1x4 (0ch) - calibration settings pll1x5 (0dh) - more calibration settings # bit name default function 15 p1_dn 0 1 path 1 frequency step size used in vco tuning gain calibration 14 0 13 0 12 1 11 0 7 10 1 91 81 71e 6 p1_ct_gain 1 path 1 coarse tuning calibration gain 51 40 3 p1_kv_gain 0 4 path 1 vco tuning gain calibration gain 21 10 00 # bit name default function 15 p1_n_phs_adj 0 0 path 1 frequency step size used in vco tuning gain calibration 14 0 13 0 12 0 11 0 0 10 0 90 80 701 60 50 4 p1_ct_v 1 path 1 course tuning voltage setting when performing course tuning calibration. default value is 16. change to 12 when using vco1 for frequencies above 2.2ghz. 300 20 10 00
30 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . pll2x0 (10h) - vco, lo divider and calibration select pll2x1 (11h) - msb of fr actional divider ratio # bit name default function 15 p2_vcosel 0 7 path 2 vco band select: 00=vco1, 01=vco2, 10=vc03, 11=reserved 14 1 13 p2_ct_en 1 path 2 vco coarse tune: 00=disabled, 11=enabled 12 1 11 p2_kv_en 0 1 path 2 vco tuning gain ca libration: 00=disabled, 11=enabled 10 0 9 p2_lodiv 0 path 2 local oscillator divider: 00=divide by 1, 01=divide by 2, 10=divide by 4, 11=reserved 81 71 6 5 p2_cp_def 0 charge pump current setting. if p2_kv_en=11 this value sets charge pump current during kv compensation only 41 31f 21 11 01 # bit name default function 15 p2_num_msb 0 6 path 2 vco divider numerator value, most significant 16 bits 14 1 13 1 12 0 11 0 2 10 0 91 80 707 61 51 41 306 21 11 00
31 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . pll2x2 (12h) - lsb of fractional divider ratio and ct default pll2x3 (13h) - integer divider ratio and vco current # bit name default function 15 p2_num_lsb 0 2 path 2 vco divider numerator value, least significant 8 bits. 14 0 13 1 12 0 11 0 7 10 1 91 81 7 p2_ct_def 0 7 path 2 vco coarse tuning value, used when p2_ct_en=00 61 51 41 31e 21 11 00 # bit name default function 15 p2_n 0 2 path 2 vco divider integer value 14 0 13 1 12 0 11 0 3 10 0 91 81 700 60 50 40 302 2 p2_vcoi 0 path 1 vco bias setting: 000=minimum value, 111=maximum value 11 00
32 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . pll2x4 (14h) - calibration settings pll2x5 (15h) - more calibration settings # bit name default function 15 p2_dn 0 1 path 2 frequency step size used in vco tuning gain calibration 14 0 13 0 12 1 11 0 7 10 1 91 81 71e 6 p2_ct_gain 1 path 2 coarse tuning calibration gain 51 40 3 p2_kv_gain 0 4 path 2 vco tuning gain calibration gain 21 10 00 # bit name default function 15 p2_n_phs_adj 0 0 path 2 synthesizer phase adjustment 14 0 13 0 12 0 11 0 0 10 0 90 80 701 60 50 4 p2_ct_v 1 path 2 course tuning voltage setting when performing course tuning calibration. default value is 16. change to 12 when using vco1 for frequencies above 2.2ghz. 300 20 10 00
33 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . gpo (18h) - internal control output settings chiprev (19h) - chip revision information # bit name default function 15 0 0 14 p1_gpo1 0 setting of gpo1 when path 1 is active, used internally only 13 0 12 p1_gpo3 0 setting of gpo3 when path 1 is active, used internally only 11 p1_gpo4 0 0 setting of gpo4 when path 1 is active, used internally only 10 0 90 80 700 6 p2_gpo1 0 setting of gpo1 when path 2 is active, used internally only 50 4 p2_gpo3 0 setting of gpo3 when path 2 is active, used internally only 3 p2_gpo4 0 0 setting of gpo4 when path 2 is active, used internally only 20 10 00 # bit name default function 15partno 00rfmd part number for device 14 0 13 0 12 0 11 0 0 10 0 90 80 7 revno x x part revision number 6x 5x 4x 3xx 2x 1x 0x
34 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . rb1 (1ch) - pll lock and calibration results read-back rb2 (1dh) - calibration results read-back # bit name default function 15 lock x x pll lock detector, 0=pll locked, 1=pll unlocked 14 ct_cal x ct setting (either result of course tune calibration, or ct_def, depending on state of ct_en). also depends on the mode of the device 13 x 12 x 11 x x 10 x 9x 8x 7 cp_cal x x cp setting (either result of kv cal, or cp_def, depending on state of kv_en). also depends on the mode of the device 6x 5x 4x 3xx 2x 10 00 # bit name default function 15 vo_cal x x the vco voltage measured at the start of a vco gain calibration 14 x 13 x 12 x 11 x x 10 x 9x 8x 7 v1_cal x x the vco voltage measured at the end of a vco gain calibration 6x 5x 4x 3xx 2x 1x 0x
35 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . rb3 (1eh) - pll state read-back test (1fh) - test modes # bit name default function 15 rsm_state x x state of the radio state machine 14 x 13 x 12 x 11 x x 10 x 90 80 700 60 50 40 300 20 10 00 # bit name default function 15ten 00enables test mode 14 tmux 0 sets test multiplexer state 13 0 12 0 11 cpu 0 0 set charge pump to pump up, 0=normal operation 1=pump down 10 cpd 0 set charge pump to pump down, 0=normal operation 1=pump down 9 fnz 0 0=normal operation, 1=fractional divider modulator disabled 8 ldo_byp 0 on chip low drop out regulator bypassed 7tsel 0 0 60 50 4 dactest 0 dac test 300 20 10 00
36 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . evaluation board the following diagrams show the schematic and pcb layout of the RF2051 evaluation board.the standard evaluation board has been configured for wideband operation. application note s have been produced showing how the device is matched and on balun implementations for narrowband applications. the evaluation board is provided as part of a design kit (dk2051), along with the necessary cables and programming software tool to enable full evaluation of the RF2051. evaluation board schematic r3 12 k ? c9 470 pf c8 22 pf r20 0 r r19 dni r2 820 r c10 330 pf r6 820 r c17 330 pf loop filter 1 3 2 6 5 4 7 8 25 27 26 30 29 28 31 32 24 22 23 19 20 21 18 17 9 11 10 14 13 12 15 16 r1 51 k ? 77 ??? strip 77 ??? strip c5 33 pf c34 10 nf vdda c35 33 pf enbl r5 dni cp_op lfilt2 r4 dni vtune c36 33 pf mode c16 dni gnd gnd 3 2 26 mhz xtal 4 c22 dni c7 dni j6 ref t4 c29 100 pf tc-1-13m c30 100 pf c33 dni r17 0 r 50 ?? ? strip j4 rf ip1 c3 33 pf c19 10 nf vddd c2 33 pf c18 10 nf vdda l2 dni r11 dni t3 vdda c28 100 pf c26 100 pf c27 100 pf c32 dni r16 0 r 50 ??? strip j3 rf op 1 tc1-1-13m c23 100 pf t2 c24 100 pf c31 dni r15 0 r 50 ??? strip j2 rf ip2 l1 dni r8 dni t1 tc4-19+ vdda c20 100 pf c21 100 pf c25 dni r14 0 r 50 ?? ? strip j1 rf op2 c6 100 pf c1 33 pf c13 33 pf c14 33 pf c15 33 pf sdata sclk enx resetb r21 100 k ? cb2 cb4 cts# 12 11 10 9 8 7 6 5 4 3 2 1 dsr# uio 13 14 15 16 17 18 19 20 21 22 23 24 cb0 cb1 vcc rst# vdd cb3 pu1 pu2 vcc usb sld socket for usb interface 13 14 15 16 17 18 19 20 21 22 23 24 hdr_2x12 12 11 10 9 8 7 6 5 4 3 2 1 vdd vdd sclk enx resetb vdda enbl sdata vtune cp_op vddd mode c12 10 uf c11 10 uf lfilt1 lfilt2 lfilt3 lfilt1 lfilt3 component designator 60 khz active loop filter (as fitted on evaluation board) 60 khz passive loop filter (alternative configuration) r3 12 k ? 12 k ? c9 470 pf 560 pf c8 22 pf 39 pf r19 dni 3.9 k ? r20 0 ? dni r2 820 ? 0 ? c10 330 pf 0 ? r6 820 ? dni c17 330 pf 120 pf loop filter component values
37 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . evaluation board layout board size 2.5?x2.5? board thickness 0.040?, board material fr-4
38 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com .
39 of 39 RF2051 ds140110 7628 thorndike road, greensboro, nc 27409-9421 for sales or technical support, contact rfmd at (+1) 336-678-5570 or sales-support@rfmd.com . package drawing qfn, 32-pin, 5mmx5mm support and applications information application notes and support material can be downlo aded from the product web page: www.rfmd.com/rf205x. ordering information part number package quantity RF2051 32-pin qfn 25pcs sample bag RF2051sb 32-pin qfn 5pcs sample bag RF2051sr 32-pin qfn 100pcs reel RF2051tr13 32-pin qfn 2500pcs reel dk2051 complete design kit 1 box 0.08 c 0.1 c -c- 0.850.10 detail ?d? rotated cw shaded area indicates pin 1. dimensions in mm. 0.00 0.05 seating plane -a- -b- 5.00 5.000 3.700.10 0.1 c m a b 1 0.25 typ. 0.1 c m a b 0.230.05 32x 1 0.1 c 0.850.10 see detail ?d? see detail ?d? 0.350.05 32x 0.50 typ.


▲Up To Search▲   

 
Price & Availability of RF2051

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X