Part Number Hot Search : 
UPA1919 UPA1919 SG3843 V470M 53232 F2012ERW ASI2302 C847B
Product Description
Full Text Search
 

To Download R2000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high volt age silicon rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at t a=50 c fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 0.5a d.c. maximum dc reverse current t a=25 c at rated dc blocking voltage t a=100 c typical junction capacitance (note 1) 500 200 30 5.0 50 30 -65 +150 ma a v pf c notes: 1. measured at 1mhz and applied reverse voltage of 4.0v d.c. * low forward voltage drop * high current capability * high reliability * high surge current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any r1200 thru R2000 2.0 3.0 vol t age range 1200 to 2000 volts current 500m/200m ampere v r1200 r1500 r1600 r1800 R2000 units 1200 1500 1600 1800 2000 1200 1500 1600 1800 2000 840 1050 1120 1260 1400 v v do-41 dimensions in inches and (millimeters) 1.0(25.4) min. 1.0(25.4) min. .205(5.2) .166(4.2) .034(.9) .028(.7) dia. .107(2.7) .080(2.0) dia. operating and storage t emperature range t j , t stg a a 506
.1 1.0 10 100 rating and characteristic curves (r1200 thru R2000) fig.2 - typical reverse characteristics percentage rated peak reverse vol tage 0 20 40 60 80 100 120 140 .01 fig.1-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( m a ) tj=100 c tj=25 c fig.3-maximum non-repetitive forward surge current 100 0 200 300 400 500 600 0 20 40 60 80 100 120 140 160 180 200 ambient temperature ( c) single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length fig.4-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 70 60 50 40 30 20 10 0 .01 .05 .1 .5 1 5 10 50 100 p e a k f o r w a a r d s u r g e c u r r e n t , ( a ) 6 0 12 18 24 30 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method r e v e r s e l e a k a g e c u r r e n t , ( a ) r1 20 0~ r1 80 0 R2000 507


▲Up To Search▲   

 
Price & Availability of R2000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X