Part Number Hot Search : 
JANTX2N TB0363A GBJ10 C104M4V HY5PS EMTG30 EMVK5 STGB1
Product Description
Full Text Search
 

To Download P2500M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? glass passivated chip junction ? high current capability, low vf ? high reliability ? high surge current capability ? low power loss mechanical data P2500M p2500 500 / ammo box maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. symbol unit v rrm v v rms v v dc v i f(av) a i 2 ta 2 s i r ua t stg o c note 2: thermal resistance from junction to lead/terminal at a distance 0 mm from case. note 3: mount on heat sink size of 4in x 6in x 0.25in al-plate version:a13 o c/w storage temperature range - 50 to + 175 peak forward surge current, 10 ms single half sine-wave superimposed on rated load (jedec method) i fsm 650 v - 50 to + 175 Q 200 o c typical thermal resistance r jl 0.8 (note 2) rating for fusing, t<10ms 2100 5 0.87 note 1: pulse test : 300us pulse width, 1% duty cycle 52mm 6.0 (note 3) a0g a0 maximum reverse current @ rated vr t a =25 a maximum instantaneous forward voltage (note 1) i f =5a, t a =25 v f 25 700 maximum dc blocking voltage 1000 maximum average forward rectified current P2500M 25.0 amps. glass passivated rectifier p2500 features ? green compound with suffix "g" on packing code & prefix "g" on datecode ordering information operating junction temperature range - in dc forward mode t j ? polarity: color band denotes cathode ? weight: 1.9 grams parameter maximum rms voltage part no. package packing inner tape P2500M maximum repetitive peak reverse voltage 1000 ? solder dip 260 max.10s per jesd 22-b106 ? case: molded plastic ? epoxy: ul 94v-0 rate flame retardant ? lead: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed packing code (green) packing code
version:a13 ratings and characteristic curves (P2500M) 0 5 10 15 20 25 30 0 25 50 75 100 125 150 175 average forward current (a) ambient temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 10 100 1000 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current 10ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ua) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics ta=125 ta=25 10 100 1000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance ta=25 f=1.0mhz 0.1 1 10 100 0.2 0.4 0.6 0.8 1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3 typical forward characteristics pulse width=300us 1% duty cycle ta=25 ta=125
ordering information p2500 52mm p2500 52mm abzte O O symbol a b c d 1.25 4.0 1.5 axial lead taping specifications outline suggested mounting hole rule unit(mm) 7.8 part no. package packing inner tape packing code (green) packing code P2500M 500 / ammo box a0g 800 / 13" reel r0g a0 r0
dimensions min max min max a 7.8 8.2 0.307 0.323 b 1.2 1.3 0.047 0.051 c 25.4 - 1.000 - d 7.55 8.05 0.297 0.317 e 25.4 - 1.000 - p/n = specific device code g = green compound yww = date code dim. unit(mm) unit(inch) marking diagram


▲Up To Search▲   

 
Price & Availability of P2500M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X