Part Number Hot Search : 
ZRT100C2 BD788 2SK2959 72240L5 4C36S 72240L5 G216M M1024
Product Description
Full Text Search
 

To Download NRE-LW101M100V16X16F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change miniature aluminum electrolytic capacitors low profile, wide temperature, radial lead, polarized features ? low profile applications ? wide temperature 105 o c ? high stability and performance nre-lw series characteristics lead spacing and diameter (mm) cap ( f) code working voltage (vdc) 10 16 25 35 50 63 100 47 470 - - - - - - 10x12.5 100 101 - - - - - 10x12.5 16x16 220 221 - - - 10x12.5 10x12.5 16x16 16x21 330 331 - - 10x12.5 12.5x16 16x16 16x21 - 470 471 - 10x12.5 12.5x16 16x16 16x21 - - 1,000 102 12.5x15 16x16 16x21 16x21 - - - 2,200 222 16x16 16x21 16x21 - - - - 3,300 332 16x21 - - - - - - 4,700 472 18x21 - - - - - - rated voltage range 10 ~ 100vdc capacitance range 47 ~ 4,700 f operating temperature range -40 ~ +105c capacitance tolerance 20% (m) max. leakage current @ 20c after 1 min. 0.03cv or 4 a whichever is greater after 2 min. 0.01cv or 3 a whichever is greater max. tan @ 120hz/20c w.v. (vdc) 10 16 25 35 50 63 100 s.v. (vdc) 13 20 32 44 63 79 125 c < 1,000 f 0.20 0.16 0.14 0.12 0.10 0.09 0.08 c < 2,200 f 0.22 0.18 0.16 - - - - c < 3,300 f 0.24 - - - - - - c < 4,700 f 0.26 - - - - - - low temperature stability impedance ratio @ 120hz w.v. (vdc) 10 16 25 35 50 63 100 z-25c/z+20c 3 3 2 2222 z-40c/z+20c 8 6 4 3333 load life test at rated w.v. 105c 1,000 hours capactance change within 20% of initial measured value tan less than 200% of speci ed maximum value leakage current less than speci ed maximum value case dia. (d ) 5 6.3 8 10 12.5 16 18 22 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 10 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 standard product and case size table d xl (mm) *see part number system for details pnb s fd il rohs compliant includes all homogeneous materials dimensions (mm) d 0.05 sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
2 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com specifications are subject to change ripple current correction factors frequency factor precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com w.v. (vdc) cap ( f) working voltage (vdc) 50 120 1k 10k 6.3~16 all 0.8 1.0 1.1 1.2 25~35 <1000 0.8 1.0 1.5 1.7 1000< 0.8 1.0 1.2 1.3 50~100 <1000 0.8 1.0 1.6 1.9 1000< 0.8 1.0 1.2 1.3 part number cap. ( f) w.v. (vdc) dissipation factor +20c/120hz ripple current rating (ma) +105c/120hz max. esr ( ) +20c/120hz load life hours @+105c nre-lw102m10v12.5x15f 1,000 10 0.20 470 0.33 1,000 nre-lw222m10v16x16f 2,200 0.22 780 0.17 1,000 nre-lw332m10v16x21f 3,300 0.24 1000 0.12 1,000 nre-lw472m10v18x21f 4,700 0.26 1200 0.09 1,000 nre-lw471m16v10x12.5f 470 16 0.16 340 0.56 1,000 nre-lw102m16v16x16f 1,000 0.16 630 0.27 1,000 nre-lw222m16v16x21f 2,200 0.18 940 0.14 1,000 nre-lw331m25v10x12.5f 330 25 0.14 310 0.70 1,000 nre-lw471m25v12.5x16f 470 0.14 390 0.49 1,000 nre-lw102m25v16x21f 1,000 0.14 720 0.23 1,000 nre-lw222m25v16x21f 2,200 0.16 1080 0.12 1,000 nre-lw221m35v10x12.5f 220 35 0.12 270 0.90 1,000 nre-lw331m35v12.5x16f 330 0.12 350 0.60 1,000 nre-lw471m35v16x16f 470 0.12 490 0.42 1,000 nre-lw102m35v16x21f 1,000 0.12 840 0.20 1,000 nre-lw221m50v10x12.5f 220 50 0.10 310 0.75 1,000 nre-lw331m50v16x16f 330 0.10 440 0.50 1,000 nre-lw471m50v16x21f 470 0.10 570 0.35 1,000 nre-lw101m63v10x12.5f 100 63 0.09 210 1.49 1,000 nre-lw221m63v16x16f 220 0.09 380 0.25 1,000 nre-lw331m63v16x21f 330 0.09 525 0.68 1,000 nre-lw470m100v10x12.5f 47 100 0.08 240 2.82 1,000 NRE-LW101M100V16X16F 100 0.08 275 1.33 1,000 nre-lw221m100v16x21f 220 0.08 490 0.60 1,000 miniature aluminum electrolytic capacitors nre-lw series standard values, specifications and case sizes (mm) part number system nrelw 102 m 35v 16x20 tb f ... rohs compliant tb = tape & box* case size (d xl) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series *see taping speci cations for details


▲Up To Search▲   

 
Price & Availability of NRE-LW101M100V16X16F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X